features rating to 1000v prv ideal for printed circuit board low forward voltage drop, high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul fl ammability classification 94v-o g b j / k b j 1 0 a t h r u g b j / k b j 1 0 m c h e n g - y i c h e n g - y i el ec t r o n ic sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s reverse volt age -50 to 1000 volts forward current -10.0 amperes gbj kbj 10a gbj kbj 10b gbj kbj 10d gbj kbj 10g gbj kbj 10j gbj kbj 10k gbj kbj 10m m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e , h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . maximum average forward (with heatsink note 2) 0 t rectified current @ =110 c (without heatsink) c maximum recurrent peak reverse voltage v rrm v rms v dc i (av) i fsm v f t j t stg i r maximum rms voltage maximum dc voltage operating temperature range storage temperature range peak forward surge current 8.3 ms single half sine-wavesuperimposed on rated load (jedec method) maximum forward voltage at 5.0a dc 0 t maximum dc reverse current @ =25 c j 0 t at rated dc blocking voltage @ =125 c j u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v v v a 2 a s 0 c 0 c / w 0 c a a v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 5 0 1 0 0 2 0 0 4 0 0 5 . 0 5 0 0 - 5 5 t o + 1 5 0 - 5 5 t o + 1 5 0 1 0 . 0 2 0 0 1 . 0 5 6 0 0 8 0 0 1 0 0 0 2 i t rating for fusing (t<8.3ms) typical junction capacitance per element (note 1) typical thermal resistance (note 2) 2 it c j rj c 120 55 1.4 f p 3.0 notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 150mm x 150mm x 1.6mm cu plate heatsink. characteristics symbol 5.1 6 hike for no. 6 scres spacing
rating and characteristics curves gbj/KBJ10A thru gbj/kbj10m c h e n g - y i c h e n g - y i el ec t r o n ic sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s sil ico n br idg e re ct ifi er s gl as s pas siv ate d br idg e re ct ifi er s g b j / k b j 1 0 a t h r u g b j / k b j 1 0 m fig. 2 - max imum non -repe titive surg e cur rent fig. 1 - forw ard c urren t der atin g cur ve a v e r a g e f o r w a r d c u r r e n t a m p e r e s 0 case temper ature, c 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 0 0 . 0 2 . 0 3 . 0 4 . 0 5 . 0 6 . 0 single phase half wave 60hz resistive or inductive load without heatsink with heatsink 1 2 5 1 0 2 0 5 0 1 0 0 1 8 0 1 6 0 1 4 0 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 number of cycles at 60hz sin gle ha lf s ine -w av e (je de c m et ho d) fig. 5 - typical reverse characteristics percent of rated peak reverse vol tage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s fig. 4 - typical forward characteristics instant aneous forward volt age, volts i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 1.0 1.0 4.0 10.0 100 10 100 0 t =2 5c, f= 1m hz j fig. 3 - typ ical j unctio n cap acit ance reverse volt age, volts c a p a c i t a n c e , ( p f ) 10 1.0 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 t =2 5c j pu ls e w id th :30 0 s 1000 100 10 1.0 0.1 0 20 40 60 80 100 0 t =1 25c j 0 t =5 0 c j 0 t =1 00c j 0 t =2 5 c j
|