Part Number Hot Search : 
SK240 PVR1300N TFZ13B A3964 2525A UPA101B SDRAM TTA160
Product Description
Full Text Search
 

To Download ISL2101AABZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. copyright intersil americas inc. 2008, 2009, 2010. all rights reserved all other trademarks mentioned are the property of their respective owners. isl2100a, isl2101a 100v, 2a peak, high frequency half-bridge drivers the isl2100a, isl2101a are 100v, high frequency, half-bridge n-channel power mosfet driver ics. they are based on the popular hip2100, hip2101 half-bridge drivers, but offer several performance improvements. the isl2100a has additional input hysteresis for superior operation in noisy environments and the inputs of the isl2101a, like those of the isl2100a, can now safely swing to the v dd supply rail. finally, both parts are available in a very compact 9 ld dfn package to minimize the required pcb footprint features ? drives n-channel mosfet half-bridge ? space-saving dfn package ? dfn package compliant with 100v conductor spacing guidelines per ipc-2221 ? pb-free (rohs compliant) ? bootstrap supply max voltage to 114vdc ? on-chip 1 bootstrap diode ? fast propagation times for multi-mhz circuits ? drives 1nf load with typical rise/fall times of 10ns ? cmos compatible input thresholds (isl2100a) ? 3.3v/ttl compatible input thresholds (isl2101a) ? independent inputs provide flexibility ? no start-up problems ? outputs unaffected by supply glitches, hs ringing below ground or hs slewing at high dv/dt ? low power consumption ? wide supply voltage range (9v to 14v) ? supply undervoltage protection ?2.5 typical output pull-up/pull-down resistance applications ? telecom half-bridge converters ? telecom full-bridge converters ? two-switch forward converters ? active-clamp forward converters ? class-d audio amplifiers ordering information part number (note) part marking temp. range (c) package (pb-free) pkg. dwg. # isl2100aar3z* 00az -40 to +125 9 ld 3x3 dfn l9.3x3 isl2101aar3z* 01az -40 to +125 9 ld 3x3 dfn l9.3x3 isl2100aabz* 001abz -40 to +125 8 ld soic m18.15 ISL2101AABZ* 01abz -40 to +125 8 ld soic m18.15 *add ?-t? suffix for tape and reel. please refer to tb347 for details on reel specifications. note: these intersil pb-free pl astic packaged products employ special pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is rohs compliant and compatible with both snpb and pb-free soldering operations). intersil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. pinouts isl2100a, isl2101a (9 ld dfn) top view isl2100a, isl2101a (8 ld soic) top view note: epad = exposed pad. 2 3 1 4 8 7 6 9 5 v dd hb ho hs lo v ss li hi nc epad 5 6 8 7 4 3 2 1 v dd hb ho hs lo li hi v ss data sheet may 6, 2010 fn6294.3
2 fn6294.3 may 6, 2010 application block diagram functional block diagram secondary circuit +100v control controller pwm li hi ho lo v dd hs hb +12v v ss reference and isolation drive lo drive hi isl2100a isl2101a under voltage v dd hi li v ss driver driver hb ho hs lo level shift under voltage epad (dfn package only) isl2101a isl2101a *epad = exposed pad. the epad is electrically isolated from all other pins. for best thermal performance connect the epad to the pcb power ground plane . isl2100a, isl2101a
3 fn6294.3 may 6, 2010 secondary isolation pwm +48v +12v circuit figure 1. two-switch forward converter isl2100a isl2101a secondary circuit isolation pwm +48v +12v figure 2. forward converter with an active-clamp isl2100a isl2101a isl2100a, isl2101a
4 fn6294.3 may 6, 2010 absolute maximum rati ngs thermal information supply voltage, v dd, v hb - v hs (notes 1, 2) . . . . . . . -0.3v to 18v li and hi voltages (note 2) . . . . . . . . . . . . . . . -0.3v to v dd + 0.3v voltage on lo (note 2) . . . . . . . . . . . . . . . . . . -0.3v to v dd + 0.3v voltage on ho (note 2) . . . . . . . . . . . . . . v hs - 0.3v to v hb + 0.3v voltage on hs (continuous) (note 2) . . . . . . . . . . . . . . -1v to 110v voltage on hb (note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118v average current in v dd to hb diode . . . . . . . . . . . . . . . . . . 100ma maximum recommended operating conditions supply voltage, v dd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9v to 14v voltage on hs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1v to 100v voltage on hs . . . . . . . . . . . . . . .(repetitive transient) -5v to 105v voltage on hb . . v hs + 8v to v hs + 14v and v dd - 1v to v dd + 100v hs slew rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50v/ns thermal resistance (typical) ja (c/w) jc (c/w) dfn (notes 3, 4) . . . . . . . . . . . . . . . . . 47 3.5 soic (note 3) . . . . . . . . . . . . . . . . . . . 120 n/a max power dissipation at +25c in free air (dfn, note 3) . . . 2.27w storage temperature range . . . . . . . . . . . . . . . . . .-65c to +150c for recommended soldering condi tions see tech brief tb389. pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/pb-freereflow.asp caution: do not operate at or near the maximum ratings listed fo r extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 1. the isl2100a-isl2101a are capable of derated operation at s upply voltages exceeding 14v. figure 22 shows the high-side voltag e derating curve for this mode of operation. 2. all voltages referenced to v ss unless otherwise specified. 3. ja is measured in free air with the component mounted on a high effe ctive thermal conductivity test board with ?direct attach? fe atures. 4. for jc, the ?case temp? is measured at the center of the exposed metal pad on the package underside. see tech brief tb379 for details. electrical specifications v dd = v hb = 12v, v ss = v hs = 0v, no load on lo or ho, unless otherwise specified. parameters with min and/or max limits are 100% tested at +25c, unless ot herwise specified. temperat ure limits established by characterization and are not production tested. parameters symbol test conditions t j = +25c t j = -40c to +125c units min typ max min max supply currents v dd quiescent current i dd isl2100a; li = hi = 0v - 0.1 0.25 - 0.3 ma v dd quiescent current i dd isl2101a; li = hi = 0v - 0.3 0.45 - 0.55 ma v dd operating current i ddo isl2100a; f = 500khz - 1.6 2.2 - 2.7 ma v dd operating current i ddo isl2101a; f = 500khz - 1.9 2.5 - 3 ma total hb quiescent current i hb li = hi = 0v - 0.1 0.15 - 0.2 ma total hb operating current i hbo f = 500khz - 2.0 2.5 - 3 ma hb to v ss current, quiescent i hbs li = hi = 0v; v hb = v hs = 114v - 0.05 1 - 10 a hb to v ss current, operating i hbso f = 500khz; v hb = v hs = 114v - 0.9 - - - ma input pins low level input voltage threshold v il isl2100a 3.7 4.4 - 2.7 - v low level input voltage threshold v il isl2101a 1.4 1.8 - 1.2 - v high level input voltage threshold v ih isl2100a - 6.6 7.4 - 8.4 v high level input voltage threshold v ih isl2101a - 1.8 2.2 - 2.4 v input voltage hysteresis v ihys isl2100a - 2.2 - - - v input pull-down resistance r i - 210 - 100 500 k undervoltage protection v dd rising threshold v ddr 6.8 7.3 7.8 6.5 8.1 v v dd threshold hysteresis v ddh -0.6- - - v hb rising threshold v hbr 6.2 6.9 7.5 5.9 7.8 v isl2100a, isl2101a
5 fn6294.3 may 6, 2010 hb threshold hysteresis v hbh -0.6- - - v bootstrap diode low current forward voltage v dl i vdd-hb = 100a - 0.5 0.6 - 0.7 v high current forward voltage v dh i vdd-hb = 100ma - 0.7 0.9 - 1 v dynamic resistance r d i vdd-hb = 100ma - 0.8 1 - 1.5 lo gate driver low level output voltage v oll i lo = 100ma - 0.25 0.3 - 0.4 v high level output voltage v ohl i lo = -100ma, v ohl = v dd - v lo - 0.25 0.3 - 0.4 v peak pull-up current i ohl v lo = 0v - 2 - - - a peak pull-down current i oll v lo = 12v - 2 - - - a ho gate driver low level output voltage v olh i ho = 100ma - 0.25 0.3 - 0.4 v high level output voltage v ohh i ho = -100ma, v ohh = v hb - v ho - 0.25 0.3 - 0.4 v peak pull-up current i ohh v ho = 0v - 2 - - - a peak pull-down current i olh v ho = 12v - 2 - - - a electrical specifications v dd = v hb = 12v, v ss = v hs = 0v, no load on lo or ho, unless otherwise specified. parameters with min and/or max limits are 100% tested at +25c, unless ot herwise specified. temperat ure limits established by characterization and are not production tested. (continued) parameters symbol test conditions t j = +25c t j = -40c to +125c units min typ max min max electrical specifications switching specifications v dd = v hb = 12v, v ss = v hs = 0v, no load on lo or ho, unless otherwise specified. parameters with min and/or max limits are 100% tested at +25c, unless otherwise specified. temperature limits establis hed by characterization and are not production tested. parameters symbol test conditions t j = +25c t j = -40c to +125c units min typ max min max lower turn-off propagation de lay (li falling to lo falling) t lphl - 34 50 - 60 ns upper turn-off propagation dela y (hi falling to ho falling) t hphl - 31 50 - 60 ns lower turn-on propagation delay (li rising to lo rising) t lplh - 39 50 - 60 ns upper turn-on propagation delay (hi rising to ho rising) t hplh - 39 50 - 60 ns delay matching: upper turn-off to lower turn-on t mon 1 8 - - 16 ns delay matching: lower turn-off to upper turn-on t moff 1 6 - - 16 ns either output rise/fall time (10% to 90%/90% to 10%) t rc, t fc c l = 1nf - 10 - - - ns either output rise/fall time (3v to 9v/9v to 3v) t r, t f c l = 0.1f - 0.5 0.6 - 0.8 us minimum input pulse width that changes the output t pw ----50ns bootstrap diode turn-on or turn-off time t bs -10- - - ns isl2100a, isl2101a
6 fn6294.3 may 6, 2010 timing diagrams pin descriptions symbol description v dd positive supply to lower gate driver. bypass this pin to v ss . hb high-side bootstrap supply. external bootstrap capacitor is r equired. connect positive side of bootstrap capacitor to this pi n. bootstrap diode is on-chip. ho high-side output. connect to gate of high-side power mosfet. hs high-side source connection. connect to s ource of high-side power mosfet. connect ne gative side of bootstrap capacitor to thi s pin. hi high-side input. li low-side input. v ss chip negative supply, which will generally be ground. lo low-side output. connect to gate of low-side power mosfet. epad exposed pad. connect to ground or float. the epad is electrically isolated from all other pins. figure 3. propagation delays figure 4. delay matching t hplh , t lplh t hphl , t lphl hi , li ho , lo t mon t moff li hi lo ho typical performance curves figure 5. isl2100a idd operating current vs frequency figure 6. isl2101a idd operating current vs frequency 10 100 1 . 10 3 0.1 1 10 frequency (khz) iddo (ma) t = -40c t = +25c t = +125c t = +150c 10 100 1 . 10 3 0.1 1 10 frequency (khz) iddo (ma) t = -40c t = +25c t = +150c t = +125c isl2100a, isl2101a
7 fn6294.3 may 6, 2010 figure 7. ihb operating current vs frequency figure 8. ihbs operating current vs frequency figure 9. high level outp ut voltage vs temperature figure 10. low level output voltage vs temperature figure 11. undervoltage lockout threshold vs temperature figure 12. undervoltage lockout hysteresis vs temperature typical performance curves (continued) 10 100 1 . 10 3 0.01 0.1 1 10 frequency (khz) ihbo (ma) t = -40c t = +25c t = +150c t = +125c 10 100 1 . 10 3 0.01 0.1 1 10 frequency (khz) ihbso (ma) t = +125c t = -40c t = +25c t = +150c -50 0 50 100 150 150 200 250 300 350 400 450 500 temperature (c) vohl, vohh (mv) v dd = vhb = 9v v dd = vhb = 12v v dd = vhb = 14v -50 0 50 100 150 150 200 250 300 350 400 450 temperature (c) voll, volh (mv) v dd = vhb = 12v v dd = vhb = 9v v dd = vhb = 14v 50 0 50 100 150 6.8 7.0 7.2 7.4 7.6 temperature (c) vddr, vhbr (v) vddr vhbr -50 0 50 100 150 0.40 0.45 0.50 0.55 0.60 temperature (c) vddh, vhbh (v) vhbh vddh isl2100a, isl2101a
8 fn6294.3 may 6, 2010 figure 13. isl2100a propagation delays vs temperature figure 14. isl2101a propagation delays vs temperature figure 15. isl2100a delay matching vs temperature figure 16. isl2101a delay matching vs temperature figure 17. peak pull-up current vs output volt age figure 18. peak pull-down current vs output voltage typical performance curves (continued) -50 0 50 100 150 20 25 30 35 40 45 50 55 temperature (c) tlplh, tlphl, thplh, thphl (ns) tlplh thplh thphl tlphl -50 0 50 100 150 20 25 30 35 40 45 50 55 temperature (c) tlplh, tlphl, thplh, thphl (ns) thplh tlplh thphl tlphl -50 0 50 100 150 3 4 5 6 7 8 9 10 temperature (c) tmon, tmoff (ns) tmoff tmon -50 0 50 100 150 2 3 4 5 6 7 8 9 10 temperature (c) tmon, tmoff (ns) tmoff tmon 0481012 0 0.5 1.0 1.5 2.0 2.5 vlo, vho (v) iohl, iohh (a) 26 0 4 8 10 12 0 0.5 1.0 1.5 2.0 2.5 vlo, vho (v) ioll, iolh (a) 26 isl2100a, isl2101a
9 fn6294.3 may 6, 2010 figure 19. isl2100a quiescent current vs voltage figure 20. isl2101a quiescent current vs voltage figure 21. bootstrap diode i-v characteristics figure 22. vhs voltage vs v dd voltage typical performance curves (continued) 0 5 10 15 20 0 20 40 60 80 100 120 140 160 180 200 220 240 260 v dd , vhb (v) idd, ihb (a) idd ihb 0 5 10 15 20 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340 v dd , vhb (v) idd, ihb (a) idd ihb 0.3 0.4 0.5 0.6 0.7 0. 1 . 10 -6 1 . 10 -5 1 . 10 -4 1 . 10 -3 0.01 0.1 1 forward voltage (v) forward current (a) 12 13 14 15 16 0 20 40 60 80 100 120 v h s t o v s s v o l t a g e ( v ) v d d t o v s s v o l t a g e ( v ) isl2100a, isl2101a
10 fn6294.3 may 6, 2010 small outline plast ic packages (soic) index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 c h 0.25(0.010) b m m notes: 5. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 6. dimensioning and tolerancing per ansi y14.5m - 1982. 7. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 8. dimension ?e? does not include in terlead flash or protrusions. inter- lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 9. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 10. ?l? is the length of terminal for soldering to a substrate. 11. ?n? is the number of terminal positions. 12. terminal numbers are shown for reference only. 13. the lead width ?b?, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 14. controlling dimension: millimete r. converted inch dimensions are not necessarily exact. m8.15 (jedec ms-012-aa issue c) 8 lead narrow body small outline plastic package symbol inches millimeters notes min max min max a 0.0532 0.0688 1.35 1.75 - a1 0.0040 0.0098 0.10 0.25 - b 0.013 0.020 0.33 0.51 9 c 0.0075 0.0098 0.19 0.25 - d 0.1890 0.1968 4.80 5.00 3 e 0.1497 0.1574 3.80 4.00 4 e 0.050 bsc 1.27 bsc - h 0.2284 0.2440 5.80 6.20 - h 0.0099 0.0196 0.25 0.50 5 l 0.016 0.050 0.40 1.27 6 n8 87 0 8 0 8 - rev. 1 6/05 isl2100a, isl2101a
11 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn6294.3 may 6, 2010 isl2100a, isl2101a dual flat no-lead plastic package (dfn) // nx (b) section "c-c" for odd terminal/side e cc 4 c l terminal tip (a1) bottom view a 5 area index c c 0.10 0.08 side view 0.15 2x e a b c 0.15 d top view cb 2x 5 7 area index nx l e2 e2/2 ref. e n (nd-1)xe (datum a) (datum b) 4 0.10 7 6 d2 b a c n-1 12 plane seating c a a3 nx b d2/2 nx k 8 l m l9.3x3 9 lead dual flat no-lead plastic package symbol millimeters notes min nominal max a 0.80 0.90 1.00 - a1 - - 0.05 - a3 0.20 ref - b 0.20 0.25 0.30 4, 7 d 3.00 bsc - d2 1.85 2.00 2.10 6, 7 e 3.00 bsc - e2 0.80 0.95 1.05 6, 7 e 0.50 bsc - k0.60 - - - l 0.25 0.35 0.45 7 n92 rev. 0 3/06 notes: 1. dimensioning and tolerancing conform to asme y14.5-1994. 2. n is the number of terminals. 3. all dimensions are in millim eters. angles are in degrees. 4. dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. the configuration of the pin #1 identifier is optional, but must be located within the zone indicated. the pin #1 identifier may be either a mold or mark feature. 6. dimensions d2 and e2 are fo r the exposed pads which provide improved electrical and thermal performance. 7. nominal dimensions are provided to assist with pcb land pattern design efforts, see intersil technical brief tb389. 8. compliant to jedec mo-229-weed-3 except for dimensions e2 & d2.


▲Up To Search▲   

 
Price & Availability of ISL2101AABZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X