Part Number Hot Search : 
LV8011V C4020 C3299 C3299 J01400 1514S 1608X7 1N4761
Product Description
Full Text Search
 

To Download IRG4PH50UDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04/26/04 IRG4PH50UDPBF insulated gate bipolar transistor with ultrafast soft recovery diode features e g n-channel c v ces = 1200v v ce(on) typ. = 2.78v @v ge = 15v, i c = 24a ultrafast copack igbt ? ultrafast: optimized for high operating frequencies up to 40 khz in hard switching, >200 khz in resonant mode ? new igbt design provides tighter parameter distribution and higher efficiency than previous generations ? igbt co-packaged with hexfred tm ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations ? industry standard to-247ac package benefits ? higher switching frequency capability than competitive igbts ? highest efficiency available ? hexfred diodes optimized for performance with igbt's . minimized recovery characteristics require less/no snubbing to-247ac parameter max. units v ces collector-to-emitter breakdown voltage 1200 v i c @ t c = 25c continuous collector current 45 i c @ t c = 100c continuous collector current 24 a i cm pulsed collector current  180 i lm clamped inductive load current  180 i f @ t c = 100c diode continuous forward current 16 i fm diode maximum forward current 180 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 200 p d @ t c = 100c maximum power dissipation 78 t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (0.063 in. (1.6mm) from case ) c mounting torque, 6-32 or m3 screw. 10 lbf?in (1.1n?m) absolute maximum ratings w parameter min. typ. max. units r jc junction-to-case - igbt ??? ??? 0.64 r jc junction-to-case - diode ??? ??? 0.83 c/w r cs case-to-sink, flat, greased surface ??? 0.24 ??? r ja junction-to-ambient, typical socket mount ??? ??? 40 wt weight ??? 6 (0.21) ??? g (oz) thermal resistance www.irf.com 1 pd -95190 ? lead-free
IRG4PH50UDPBF 2 www.irf.com parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage  1200 ? ? v v ge = 0v, i c = 250a ? v (br)ces / ? t j temperature coeff. of breakdown voltage ? 1.20 ? v/c v ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage ? 2.56 3.5 i c = 20a v ge = 15v ? 2.78 3.7 i c = 24a ? 3.20 ? v i c = 45a see fig. 2, 5 ? 2.54 ? i c = 24a, t j = 150c v ge(th) gate threshold voltage 3.0 ? 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage ? -13 ? mv/c v ce = v ge , i c = 250a g fe forward transconductance  23 35 ? s v ce = 100v, i c = 24a i ces zero gate voltage collector current ? ? 250 a v ge = 0v, v ce = 1200v ? ? 6500 v ge = 0v, v ce = 1200v, t j = 150c v fm diode forward voltage drop ? 2.5 3.5 v i c = 16a see fig. 13 ? 2.1 3.0 i c = 16a, t j = 150c i ges gate-to-emitter leakage current ? ? 100 na v ge = 20v parameter min. typ. max. units conditions q g total gate charge (turn-on) ? 160 250 i c = 24a qge gate - emitter charge (turn-on) ? 27 40 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) ? 53 80 v ge = 15v t d(on) turn-on delay time ? 47 ? t j = 25c t r rise time ? 24 ? ns i c = 24a, v cc = 800v t d(off) turn-off delay time ? 110 170 v ge = 15v, r g = 5.0 ? t f fall time ? 180 260 energy losses include "tail" and e on turn-on switching loss ? 2.10 ? diode reverse recovery. e off turn-off switching loss ? 1.50 ? mj see fig. 9, 10, 18 e ts total switching loss ? 3.60 4.6 t d(on) turn-on delay time ? 46 ? t j = 150c, see fig. 11, 18 t r rise time ? 27 ? ns i c = 24a, v cc = 800v t d(off) turn-off delay time ? 240 ? v ge = 15v, r g = 5.0 ? t f fall time ? 330 ? energy losses include "tail" and e ts total switching loss ? 6.38 ? mj diode reverse recovery. l e internal emitter inductance ? 13 ? nh measured 5mm from package c ies input capacitance ? 3600 ? v ge = 0v c oes output capacitance ? 160 ? pf v cc = 30v see fig. 7 c res reverse transfer capacitance ? 31 ? ? = 1.0mhz t rr diode reverse recovery time ? 90 135 ns t j = 25c see fig. ? 164 245 t j = 125c 14 i f = 16a i rr diode peak reverse recovery current ? 5.8 10 a t j = 25c see fig. ? 8.3 15 t j = 125c 15 v r = 200v q rr diode reverse recovery charge ? 260 675 nc t j = 25c see fig. ? 680 1838 t j = 125c 16 di/dt = 200a/s di (rec)m /dt diode peak rate of fall of recovery ? 120 ? a/s t j = 25c see fig. during t b ?76? t j = 125c 17 switching characteristics @ t j = 25c (unless otherwise specified) electrical characteristics @ t j = 25c (unless otherwise specified)
IRG4PH50UDPBF www.irf.com 3 fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) 0.1 1 10 100 0 5 10 15 20 25 30 f, frequency (khz) load current (a) for both: duty cycle: 50% t = 125c t = 9 0 c gate drive as specified sink j power dissipation = w 60% of rated voltage i ideal diodes square wave: 40 fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 1 10 100 1000 1 10 v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c  v = 15v 20 s pulse width ge  t = 25 c j o  t = 150 c j o 1 10 100 1000 5 6 7 8 9 10 11 12 v , gate-to-emitter volta g e (v) i , collector-to-emitter current (a) ge c  v = 50v 5 s pulse width cc  t = 25 c j o  t = 150 c j o
IRG4PH50UDPBF 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 2.0 2.5 3.0 3.5 4.0 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce  v = 15v 80 us pulse width ge  i = a 12 c  i = a 24 c  i = a 48 c 25 50 75 100 125 150 0 10 20 30 40 50 t , case temperature ( c) maximum dc collector current(a) c 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 0.50  single pulse (thermal response)
IRG4PH50UDPBF www.irf.com 5 fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage 0 40 80 120 160 200 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge  v = 400v i = 24a cc c 1 10 100 0 1000 2000 3000 4000 5000 6000 7000 v , collector-to-emitter voltage (v) c, capacitance (pf) ce  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies g e g c , ce res g c oes ce g c  c ies  c oes  c res fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature 0 10 20 30 40 50 3.00 3.40 3.80 4.20 4.60 5.00 r , gate resistance (ohm) total switching losses (mj) g  v = 480v v = 15v t = 25 c i = 25a cc ge j c ? 24a -60 -40 -20 0 20 40 60 80 100 120 140 160 1 10 100 t , junction temperature ( c ) total switching losses (mj) j  r = ohm v = 15v v = 800v g ge cc  i = a 48 c  i = a 24 c  i = a 12 c 5.0 ? total switching losses ( mj)
IRG4PH50UDPBF 6 www.irf.com fig. 12 - turn-off soa fig. 13 - typical forward voltage drop vs. instantaneous forward current fig. 11 - typical switching losses vs. collector-to-emitter current 0 10 20 30 40 50 0 3 6 9 12 15 i , collector-to-emitter current (a) total switching losses (mj) c  r = ohm t = 150 c v = 480v v = 15v g j cc ge 5.0 ? 1 10 100 1000 1 10 100 1000 10000  v = 20v t = 125 c ge j o v , collector-to-emitter volta g e (v) i , collector-to-emitter current (a) ce c  safe operating area 1 10 100 1000 0.0 2.0 4.0 6.0 8.0 fm t = 150c t = 125c t = 25c j j j forward volta g e dro p - v ( v ) instantaneous forward current ( a )
IRG4PH50UDPBF www.irf.com 7 fig. 14 - typical reverse recovery vs. di f /dt fig. 15 - typical recovery current vs. di f /dt fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt 0 100 200 300 100 1000 trr - (ns) f di /dt - ( a/ s ) i = 3 2 a i = 1 6a i = 8.0a f f f v = 200v t = 125c t = 25c r j j 0 300 600 900 1200 100 1000 f di /dt - ( a/ s ) rr q - (nc ) i = 32a i = 16a i = 8.0a f f f v = 200v t = 125c t = 25c r j j 10 100 1000 100 1000 f di /d t - ( a/ s ) di(rec)m /dt - (a/s) i = 32 a i =16a i = 8.0a f f f v = 200v t = 125c t = 25c r j j 0 10 20 30 40 100 1000 f di /dt - ( a/ s ) rrm i - (a) i = 8.0a i = 16a i = 32a f f f v = 200v t = 125c t = 25c r j j
IRG4PH50UDPBF 8 www.irf.com same type device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +vg 10% +vg 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery w aveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr vd ic dt vce ic dt ic dt t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% c i c e on e off ts on off e = (e +e ) v v ge
IRG4PH50UDPBF www.irf.com 9 vg gate signal device under test current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v figure 19. clamped inductive load test circuit figure 20. pulsed collector current test circuit r l = 800v 4 x i c @25c 0 - 800v figure 18e. macro waveforms for figure 18a's test circuit
IRG4PH50UDPBF 10 www.irf.com notes:  repetitive rating: v ge =20v; pulse width limited by maximum junction temperature (figure 20)  v cc =80%(v ces ), v ge =20v, l=10h, r g = 5.0 ? (figure 19)  pulse width 80s; duty factor 0.1%.  pulse width 5.0s, single shot. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 04/04 to-247ac part marking information example: as s e mb led on ww 35, 2000 lot code 5657 wit h as s e mb l y t his is an irfpe30 in t he as s embly line "h" 035h logo internat ional rectifier irfpe30 lot code as s e mb l y 56 57 part number dat e code ye ar 0 = 2000 we e k 35 line h note: "p" in assembly line position indicates "lead-free" to-247ac package outline dimensions are shown in millimeters (inches)
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4PH50UDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X