Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download IDT72V36102L10PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2003 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. dsc-4679/4 ? november 2003 3.3 volt cmos syncbififo tm 16,384 x 36 x 2 32,768 x 36 x 2 65,536 x 36 x 2 idt72v3682 idt72v3692 idt72v36102 commercial temperature range idt and the idt logo are trademarks of integrated device technology, inc. the syncbififo is a trademark of integrated device t echnology, inc. features ? ? ? ? ? memory storage capacity: idt72v3682 ? 16,384 x 36 x 2 idt72v3692 ? 32,768 x 36 x 2 idt72v36102 ? 65,536 x 36 x 2 ? ? ? ? ? supports clock frequencies up to 100mhz ? ? ? ? ? fast access times of 6.5ns ? ? ? ? ? free-running clka and clkb may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted) ? ? ? ? ? two independent clocked fifos buffering data in opposite direc- tions ? ? ? ? ? mailbox bypass register for each fifo ? ? ? ? ? programmable almost-full and almost-empty flags ? ? ? ? ? microprocessor interface control logic ? ? ? ? ? ffa /ira, efa /ora, aea , and afa flags synchronized by clka ? ? ? ? ? ffb /irb, efb /orb, aeb , and afb flags synchronized by clkb ? ? ? ? ? select idt standard timing (using efa , efb , ffa and ffb flags functions) or first word fall through timing (using ora, orb, ira and irb flag functions) ? ? ? ? ? available in space-saving 120-pin thin quad flatpack (tqfp) ? ? ? ? ? pin compatible to the lower density parts, idt72v3622/72v3632/ 72v3642/72v3652/72v3662/72v3672 ? ? ? ? ? industrial temperature range (?40 c to +85 c) is available functional block diagram mail 1 register programmable flag offset registers input register output register ram array 16,384 x 36 32,768 x 36 65,536 x 36 write pointer read pointer status flag logic input register output register write pointer read pointer status flag logic clka csa w/ r a ena mba port-a control logic fifo1, mail1 reset logic rst1 mail 2 register mbf2 clkb csb w /rb enb mbb port-b control logic fifo2, mail2 reset logic rst2 mbf1 fifo 1 fifo 2 16 efb /orb aeb 36 36 ffb /irb afb b 0 - b 35 ffa /ira afa fs 0 fs 1 a 0 - a 35 efa /ora aea 4679 drw 01 36 36 timing mode fwft ram array 16,384 x 36 32,768 x 36 65,536 x 36
2 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 tqfp (pn120-1, order code: pf) top view 4679 drw 03 a 35 a 34 a 33 a 32 v cc a 31 a 30 gnd a 29 a 28 a 27 a 26 a 25 a 24 a 23 fwft a 22 v cc a 21 a 20 a 19 a 18 gnd a 17 a 16 a 15 a 14 a 13 v cc a 12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 b 35 b 34 b 33 b 32 gnd b 31 b 30 b 29 b 28 b 27 b 26 v cc b 25 b 24 gnd b 23 b 22 b 21 b 20 b 19 b 18 gnd b 17 b 16 v cc b 15 b 14 b 13 b 12 gnd 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 91 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 v cc gnd clka ena w/ r a csa ffa /ira efa /ora v cc afa aea mbf2 mba rst1 fs0 gnd fs1 rst2 mbb mbf1 v cc aeb afb efb /orb ffb /irb gnd csb w /rb enb clkb gnd a 11 a 10 a 9 a 8 a 7 a 6 gnd a 5 a 4 a 3 v cc a 2 a 1 a 0 gnd b 0 b 1 b 2 b 3 b 4 b 5 gnd b 6 v cc b 7 b 8 b 9 b 10 b 11 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 description the idt72v3682/72v3692/72v36102 are designed to run off a 3.3v supply for exceptionally low-power consumption. these devices are mono- lithic, high-speed, low-power, cmos bidirectional syncfifo (clocked) memo- ries which support clock frequencies up to 100mhz and have read access times as fast as 6.5ns. two independent 16,384/32,768/65,536 x 36 dual-port sram fifos on board each chip buffer data in opposite directions. commu- nication between each port may bypass the fifos via two 36-bit mailbox registers. each mailbox register has a flag to signal when new mail has been stored. these devices are a synchronous (clocked) fifo, meaning each port employs a synchronous interface. all data transfers through a port are gated to the low-to-high transition of a port clock by enable signals. the clocks for each port are independent of one another and can be asynchronous or coincident. the enables for each port are arranged to provide a simple bidirectional interface between microprocessors and/or buses with synchro- nous control. these devices have two modes of operation: in the idt standard mode , the first word written to an empty fifo is deposited into the memory array. a read operation is required to access that word (along with all other words residing in memory). in the first word fall through mode (fwft), the first long-word (36-bit wide) written to an empty fifo appears automatically on the outputs, no read operation required (nevertheless, accessing subsequent words does necessitate a formal read request). the state of the fwft pin during fifo operation determines the mode in use. each fifo has a combined empty/output ready flag ( efa /ora and efb / orb) and a combined full/input ready flag ( ffa /ira and ffb /irb). the ef and ff functions are selected in the idt standard mode. ef indicates pin configuration
3 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 whether or not the fifo memory is empty. ff shows whether the memory is full or not. the ir and or functions are selected in the first word fall through mode. ir indicates whether or not the fifo has available memory locations. or shows whether the fifo has data available for reading or not. it marks the presence of valid data on the outputs. each fifo has a programmable almost-empty flag ( aea and aeb ) and a programmable almost-full flag ( afa and afb ). aea and aeb indicate when a selected number of words remain in the fifo memory. afa and afb indicate when the fifo contains more than a selected number of words. ffa /ira, ffb /irb, afa and afb are two-stage synchronized to the port clock that writes data into its array. efa /ora, efb /orb, aea and aeb are two- stage synchronized to the port clock that reads data from its array. program- mable offsets for aea , aeb , afa and afb are loaded by using port a. three default offset settings are also provided. the aea and aeb threshold can be set at 8, 16 or 64 locations from the empty boundary and the afa and afb threshold can be set at 8, 16 or 64 locations from the full boundary. all these choices are made using the fs0 and fs1 inputs during reset. two or more devices may be used in parallel to create wider data paths. if, at any time, the fifo is not actively performing a function, the chip will automatically power down. during the power down state, supply current consumption (i cc ) is at a minimum. initiating any operation (by activating control inputs) will immediately take the device out of the power down state. the idt72v3682/72v3692/72v36102 are characterized for operation from 0 c to 70 c. industrial temperature range (-40 c to +85 c) is available by special order. they are fabricated using idt?s high speed, submicron cmos technology.
4 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 symbol name i/o description a0-a35 port a data i/0 36-bit bidirectional data port for side a. aea port a almost- o programmable almost-empty flag synchronized to clka. it is low when the number of words in fifo2 is empty flag (port a) less than or equal to the value in the almost-empty a offset register, x2. aeb port b almost- o programmable almost-empty flag synchronized to clkb. it is low when the number of words in fifo1 is empty flag (port b) less than or equal to the value in the almost-empty b offset register, x1. afa port a almost- o programmable almost-full flag synchronized to clka. it is low when the number of empty locations in full flag (port a) fifo1 is less than or equal to the value in the almost-full a offset register, y1. afb port b almost- o programmable almost-full flag synchronized to clkb. it is low when the number of empty locations in full flag (port b) fifo2 is less than or equal to the value in the almost-full b offset register, y2. b0 - b35 port b data i/o 36-bit bidirectional data port for side b. clka port a clock i clka is a continuous clock that synchronizes all data transfers through port a and can be asynchronous or coincident to clkb. ffa /ira, efa /ora, afa , and aea are all synchronized to the low-to-high transition of clka. clkb port b clock i clkb is a continuous clock that synchronizes all data transfers through port band can be asynchronous or coincident to clka. ffb /irb, efb /orb, afb , and aeb are synchronized to the low-to-high transition of clkb. csa port a chip i csa must be low to enable a low-to-high transition of clka to read or write on port a. the a0-a35 select outputs are in the high-impedance state when csa is high. csb port b chip i csb must be low to enable a low-to-high transition of clkb to read or write data on port b. the select b0- b35 outputs are in the high-impedance state when csb is high. efa /ora port a empty/ o this is a dual function pin. in the idt standard mode, the efa function is selected. efa indicates output ready whether or not the fifo2 memory is empty. in the fwft mode, the ora function is selected. ora flag indicates the presence of valid data on a0-a35 outputs, available for reading. efa /ora is synchronized to the low-to-high transition of clka. efb /orb port b empty/ o this is a dual function pin. in the idt standard mode, the efb function is selected. efb indicates output ready whether or not the fifo1 memory is empty. in the fwft mode, the orb function is selected. orb flag indicates the presence of valid data on b0-b35 outputs, available for reading. efb /orb is synchronized to the low-to-high transition of clkb. ena port a enable i ena must be high to enable a low-to-high transition of clka to read or write data on port a. enb port b enable i enb must be high to enable a low-to-high transition of clkb to read or write data on port b. ffa /ira port a full/ o this is a dual function pin. in the idt standard mode, the ffa function is selected. ffa indicates input ready whether or not the fifo1 memory is full. in the fwft mode, the ira function is selected. ira flag indicates whether or not there is space available for writing to the fifo1 memory. ffa /ira is synchronized to the low-to-high transition of clka. ffb /irb port b full/ o this is a dual function pin. in the idt standard mode, the ffb function is selected. ffb indicates input ready whether or not the fifo2 memory is full. in the fwft mode, the irb function is selected. irb flag indicates whether or not there is space available for writing to the fifo2 memory. ffb /irb is synchronized to the low-to-high transition of clkb. fwft first word fall i this pin selects the timing mode. a high on fwft selects idt standard mode, a low selects first through mode word fall through mode. once the timing mode has been selected, the level on fwft must be static throughout device operation. fs1, fs0 flag offset i a low-to-high transition of the fifo reset input latches the values of fs0 and fs1. if either fs0 or selects fs1 is high when the fifo reset input goes high, one of three preset values is selected as the offset for fifos almost-full and almost-empty flags. if both fifos are reset simultaneously and both fs0 and fs1 are low when rst1 and rst2 go high, the first four writes to fifo1 load the almost- empty and almost-full offsets for both fifos. pin descriptions
5 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 symbol name i/o description mba port a mailbox i a high level on mba chooses a mailbox register for a port a read or write operation. when the select a0-a35 outputs are active, a high level on mba selects data from the mail2 register for output and a low level selects fifo2 output register data for output. mbb port b mailbox i a high level on mbb chooses a mailbox register for a port b read or write operation. when the select b0-b35 outputs are active, a high level on mbb selects data from the mail1 register or output and a low level selects fifo1 output register data for output. mbf1 mail1 register o mbf1 is set low by a low-to-high transition of clka that writes data to the mail1 register. flag writes to the mail1 register are inhibited while mbf1 is low. mbf1 is set high by a low-to-high transition of clkb when a port b read is selected and mbb is high. mbf1 is set high when fifo1 is reset. mbf2 mail2 register o mbf2 is set low by a low-to-high transition of clkb that writes data to the mail2 register. writes flag to the mail2 register are inhibited while mbf2 is low. mbf2 is set high by a low-to-high transition of clka when a port a read is selected and mba is high. mbf2 is also set high when fifo2 is reset. rst1 fifo1 reset i to reset fifo1, four low-to-high transitions of clka and four low-to-high transitions of clkb must occur while rst1 is low. the low-to-high transition of rst1 latches the status of fs0 and fs1 for afa and aeb offset selection. fifo1 must be reset upon power up before data is written to its ram. rst2 fifo2 reset i to reset fifo2, four low-to-high transitions of clka and four low-to-high transitions of clkb must occur while rst2 is low. the low-to-high transition of rst2 latches the status of fs0 and fs1 for afb and aea offset selection. fifo2 must be reset upon power up before data is written to its ram. w/ r a port a write/ i a high selects a write operation and a low selects a read operation on port a for a low-to-high read select transition of clka. the a0-a35 outputs are in the high impedance state when w/ r a is high. w /rb port b write/ i a low selects a write operation and a high selects a read operation on port b for a low-to-high read select transition of clkb. the b0-b35 outputs are in the high impedance state when w /rb is low. pin descriptions (continued)
6 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) (1) symbol rating commercial unit v cc supply voltage range ?0.5 to +4.6 v v i (2) input voltage range ?0.5 to v cc +0.5 v v o (2) output voltage range ?0.5 to v cc +0.5 v i ik input clamp current (v i < 0 or v i > v cc ) 20 ma i ok output clamp current (v o = < 0 or v o > v cc ) 50 ma i out continuous output current (v o = 0 to v cc ) 50 ma i cc continuous current through v cc or gnd 400 ma t stg storage temperature range ?65 to 150 c notes: 1. stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress rat ings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to absolute m aximum rated conditions for extended periods may affect device reliability. 2. the input and output voltage ratings may be exceeded provided the input and output current ratings are observed. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) notes: 1. all typical values are at v cc = 3.3v, t a = 25 c. 2. vcc = 3.3v 0.15v, t a = 0 to +70 ; jedec jesd8-a compliant 3. for additional i cc information, see figure 1, typical characteristics: supply current (i cc ) vs. clock frequency (f s ) . 4. characterized values, not currently tested. idt72v3682 idt72v3692 idt72v36102 commercial t clk = 10, 15 ns (2) symbol parameter test conditions min. typ. max. unit v oh output logic "1" voltage v cc = 3.0v, i oh = ?4 ma 2.4 ? ? v v ol output logic "0" voltage v cc = 3.0v, i ol = 8 ma ? ? 0.5 v i li input leakage current (any input) v cc = 3.6v, v i = v cc or 0 ? ? 5 a i lo output leakage current v cc = 3.6v, v o = v cc or 0 ? ? 5 a i cc2 (3) standby current (with clka and clkb running) v cc = 3.6v, v i = v cc - 0.2v or 0 ? ? 5 ma i cc3 (3) standby current (no clocks running) v cc = 3.6v, v i = v cc - 0.2v or 0 ? ? 5 ma c in (4) input capacitance v i = 0, f = 1 mhz ? 4 ? pf c out (4) output capacitance v o = 0, f = 1 mhz ? 8 ? pf recommended operating conditions note: 1. vcc = 3.3v 0.15v, jedec jesd8-a compliant symbol parameter min. typ. max. unit v cc supply voltage 3.15 3.3 3.45 v v ih high-level input voltage 2 ? v cc +0.5 v v il low-level input voltage ? ? 0.8 v i oh high-level output current ? ? ?4 ma i ol low-level output current ? ? 8 ma t a operating temperature 0 ? 70 c
7 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 determining active current consumption and power dissipation the i cc(f) current for the graph in figure 1 was taken while simultaneously reading and writing a fifo on the idt72v3682/72v3692/72v36102 with clka and clkb set to f s . all data inputs and data outputs change state during each clock cycle to consume the highest supply current. data outputs w ere disconnected to normalize the graph to a zero capacitance load. once the capacitance load per data-output channel and the numb er of these device's inputs driven by ttl high levels are known, the power dissipation can be calculated with the equation below. calculating power dissipation with i cc(f) taken from figure 1, the maximum power dissipation (p t ) of these fifos may be calculated by: p t = v cc x i cc (f) + (c l x v cc 2 x fo) n where: n = number of outputs = 36 c l = output capacitance load f o = switching frequency of an output figure 1. typical characteristics: supply current (i cc ) vs. clock frequency (f s ) 010203040506070 0 10 20 30 40 50 60 f s ? clock frequency ? mhz i cc(f) supply current ma f data = 1/2 f s t a = 25 c c l = 0 pf 4679 drw 04 70 90 80 100 80 90 100 v cc = 3.3v v cc = 3.6v v cc = 3.0v
8 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 idt72v3682l10 idt72v3682l15 idt72v3692l10 idt72v3692l15 idt72v36102l10 idt72v36102l15 symbol parameter min. max. min. max. unit f s clock frequency, clka or clkb ? 100 ? 66.7 mhz t clk clock cycle time, clka or clkb 10 ? 15 ? ns t clkh pulse duration, clka or clkb high 4.5 ? 6 ? ns t clkl pulse duration, clka and clkb low 4.5 ? 6 ? ns t ds setup time, a0-a35 before clka and b0-b35 3 ? 4 ? ns before clkb t ens1 setup time, csa and w/ r a, before 4 ? 4.5 ? ns clka ; csb , and w /rb before clkb t ens2 setup time, ena and mba, before 3 ? 4.5 ? ns clka ; enb, and mbb before clkb t rsts setup time, rst1 or rst2 low before clka 5? 5?ns or clkb (1) t fss setup time, fs0 and fs1 before rst1 and rst2 high 7.5 ? 7.5 ? ns t fws setup time, fwft before clka 0? 0?ns t dh hold time, a0-a35 after clka and b0-b35 after clkb 0.5 ? 1 ? ns t enh hold time, csa , w/ r a, ena, and mba after clka ; 0.5 ? 1 ? ns csb , w /rb, enb, and mbb after clkb t rsth hold time, rst1 or rst2 low after clka or clkb (1) 4? 4?ns t fsh hold time, fs0 and fs1 after rst1 and rst2 high 2 ? 2 ? ns t skew1 (2) skew time, between clka and clkb for efa /ora, 7.5 ? 7.5 ? ns efb /orb, ffa /ira, and ffb /irb t skew2 (2,3) skew time, between clka and clkb for aea ,12?12?ns aeb , afa , and afb notes: 1. requirement to count the clock edge as one of at least four needed to reset a fifo. 2. skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship bet ween clka cycle and clkb cycle. 3. design simulated, not tested. timing requirements over recommended ranges of supply voltage and operating free-air temperature (vcc = 3.3v 0.15v ; t a = 0 c to +70 c; jedec jesd8-a compliant)
9 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, c l = 30 pf idt72v3682l10 idt72v3682l15 idt72v3692l10 idt72v3692l15 idt72v36102l10 idt72v36102l15 symbol parameter min. max. min. max. unit t a access time, clka to a0-a35 and clkb to b0-b35 2 6.5 2 10 ns t pir propagation delay time, clka to ffa /ira and clkb to 2 6.5 2 8 ns ffb /irb t por propagation delay time, clka to efa /ora and clkb to 1 6.5 1 8 ns efb /orb t pae propagation delay time, clka to aea and clkb to aeb 1 6.5 1 8 ns t paf propagation delay time, clka to afa and clkb to afb 1 6.5 1 8 ns t pmf propagation delay time, clka to mbf1 low or 0 6.5 0 8 ns mbf2 high and clkb to mbf2 low or mbf1 high t pmr propagation delay time, clka to b0-b35 (1) and 2 8 2 10 ns clkb to a0-a35 (2) t mdv propagation delay time, mba to a0-a35 valid and 2 6.5 2 10 ns mbb to b0-b35 valid t prf propagation delay time , rst1 low to aeb low, afa 110115ns high, and mbf1 high, and rst2 low to aea low, afb high, and mbf2 high t en enable time, csa and w/ r a low to a0-a35 active 2 6 2 10 ns and csb low and w /rb high to b0-b35 active t dis disable time, csa or w/ r a high to a0-a35 at high-impedance 1618ns and csb high or w /rb low to b0-b35 at high-impedance notes: 1. writing data to the mail1 register when the b0-b35 outputs are active and mbb is high. 2. writing data to the mail2 register when the a0-a35 outputs are active and mba is high. (vcc = 3.3v 0.15v ; t a = 0 c to +70 c; jedec jesd8-a compliant)
10 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 read request necessary. subsequent words must be accessed by performing a formal read operation. following reset, the level applied to the fwft input to choose the desired timing mode must remain static throughout fifo operation. refer to figure 2 (reset) for a first word fall through select timing diagram. almost-empty flag and almost-full flag offset programming four registers in these devices are used to hold the offset values for the almost-empty and almost-full flags. the port b almost-empty flag ( aeb ) offset register is labeled x1 and the port a almost-empty flag ( aea ) offset register is labeled x2. the port a almost-full flag ( afa ) offset register is labeled y1 and the port b almost-full flag ( afb ) offset register is labeled y2. the index of each register name corresponds to its fifo number. the offset registers can be loaded with preset values during the reset of a fifo or they can be programmed from port a (see table 1). fs0 and fs1 function the same way in both idt standard and fwft modes. ? preset values to load the fifo's almost-empty flag and almost-full flag offset registers with one of the three preset values listed in table 1, at least one of the flag select inputs must be high during the low-to-high transition of its reset input. for example, to load the preset value of 64 into x1 and y1, fs0 and fs1 must be high when flfo1 reset ( rst1 ) returns high. flag offset registers associated with fifo2 are loaded with one of the preset values in the same way with fifo2 reset ( rst2 ) toggled simultaneously with fifo1 reset ( rst1 ). for preset value loading timing diagram, see figure 2. ? parallel load from port a to program the x1, x2, y1, and y2 registers from port a, both flfos should be reset simultaneously with fs0 and fs1 low during the low-to-high transition of the reset inputs. it is important to note that once parallel programming has been selected during a master reset by holding both fs0 & fs1 low, these inputs must remain low during all subsequent fifo operation. they can only be toggled high when future master resets are performed and other programming methods are desired. after this reset is complete, the first four writes to fifo1 do not store data in the fifo memory but load the offset registers in the order y1, x1, y2, x2. the port a data inputs used by the offset registers are (a10-a0), (a11-a0), or (a12- a0) for the idt72v3682, idt72v3692, or idt72v36102, respectively. the signal description reset after power up, a master reset operation must be performed by providing a low pulse to rst1 and rst2 simultaneously. afterwards, the fifo memories of the idt72v3682/72v3692/72v36102 are reset separately by taking their reset ( rst1 , rst2 ) inputs low for at least four port-a clock (clka) and four port-b clock (clkb) low-to-high transitions. the reset inputs can switch asynchronously to the clocks. a fifo reset initializes the internal read and write pointers and forces the input ready flag (ira, irb) low, the output ready flag (ora, orb) low, the almost-empty flag ( aea , aeb ) low, and the almost-full flag ( afa , afb ) high. resetting a fifo also forces the mailbox flag ( mbf1 , mbf2 ) of the parallel mailbox register high. after a fifo is reset, its input ready flag is set high after two clock cycles to begin normal operation. a low-to-high transition on a fifo reset ( rst1 , rst2 ) input latches the value of the flag select (fs0, fs1) inputs for choosing the almost-full and almost-empty offset programming method. (for details see table 1, flag programming , and the programming the almost-empty and almost-full flags section). the relevant fifo reset timing diagram can be found in figure 2. first word fall through ( fwft ) after master reset, the fwft select function is active, permitting a choice between two possible timing modes: idt standard mode or first word fall through (fwft) mode. once the reset ( rst1 , rst2 ) input is high, a high on the fwft input during the next low-to-high transition of clka (for fifo1) and clkb (for fifo2) will select idt standard mode. this mode uses the empty flag function ( efa , efb ) to indicate whether or not there are any words present in the fifo memory. it uses the full flag function ( ffa , ffb ) to indicate whether or not the fifo memory has any free space for writing. in idt standard mode, every word read from the fifo, including the first, must be requested using a formal read operation. once the reset ( rst1 , rst2 ) input is high, a low on the fwft input during the next low-to-high transition of clka (for fifo1) and clkb (for fifo2) will select fwft mode. this mode uses the output ready function (ora, orb) to indicate whether or not there is valid data at the data outputs (a0-a35 or b0-b35). it also uses the input ready function (ira, irb) to indicate whether or not the fifo memory has any free space for writing. in the fwft mode, the first word written to an empty fifo goes directly to data outputs, no notes: 1. x1 register holds the offset for aeb ; y1 register holds the offset for afa . 2. x2 register holds the offset for aea ; y2 register holds the offset for afb . 3. if parallel programming is selected during a master reset, then fs0 & fs1 must remain low during fifo operation. fs1 fs0 rst1 rst2 x1 and y1 reglsters (1) x2 and y2 reglsters (2) hh x64 x hh x x64 hl x16 x hl x x16 lh x8 x lh x x8 ll parallel programming via port a (3) parallel programming via port a (3) table 1 flag programming
11 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 highest numbered input is used as the most significant bit of the binary number in each case. valid programming values for the registers ranges from 1 to 16,380 for the idt72v3682; 1 to 32,764 for the idt72v3692; and 1 to 65,532 for the idt72v36102. after all the offset registers are programmed from port a, the port b full/input ready flag ( ffb /irb) is set high, and both fifos begin normal operation. see figure 3 for relevant offset register parallel programming timing diagram. fifo write/read operation the state of the port a data (a0-a35) outputs is controlled by port a chip select ( csa ) and port a write/read select (w/ r a). the a0-a35 outputs are in the high- impedance state when either csa or w/ r a is high. the a0-a35 outputs are active when both csa and w/ r a are low. data is loaded into fifo1 from the a0-a35 inputs on a low-to-high transition of clka when csa is low, w/ r a is high, ena is high , mba is low, and ffa /ira is high. data is read from fifo2 to the a0-a35 outputs by a low-to-high transition of clka when csa is low, w/ r a is low, ena is high, mba is low, and efa /ora is high (see table 2). fifo reads and writes on port a are independent of any concurrent port b operation. write and read cycle timing diagrams for port a can be found in figure 4 and 7. the port b control signals are identical to those of port a with the exception that the port b write/read select ( w /rb) is the inverse of the port a write/read select (w/ r a). the state of the port b data (b0-b35) outputs is controlled by the port b chip select ( csb ) and port b write/read select ( w /rb). the b0-b35 outputs are in the high-impedance state when either csb is high or w /rb is low. the b0-b35 outputs are active when csb is low and w /rb is high. data is loaded into fifo2 from the b0-b35 inputs on a low-to-high transition of clkb when csb is low, w /rb is low, enb is high, mbb is low, and ffb /irb is high. data is read from fifo1 to the b0-b35 outputs by a low- to-high transition of clkb when csb is low, w /rb is high, enb is high, mbb is low, and efb /orb is high (see table 3) . fifo reads and writes on port b are independent of any concurrent port a operation. write and read cycle timing diagrams for port b can be found in figure 5 and 6. the setup and hold time constraints to the port clocks for the port chip selects and write/read selects are only for enabling write and read operations and are not related to high-impedance control of the data outputs. if a port enable is low during a clock cycle, the port?s chip select and write/read select may change states during the setup and hold time window of the cycle. when operating the fifo in fwft mode and the output ready flag is low, the next word written is automatically sent to the fifo?s output register by the low-to-high transition of the port clock that sets the output ready flag high. when the output ready flag is high, subsequent data is clocked to the output registers only when a read is selected using the port?s chip select, write/read select, enable, and mailbox select. when operating the fifo in idt standard mode, the first word will cause the empty flag to change state on the second low-to-high transition of the read clock. the data word will not be automatically sent to the output register. instead, data residing in the fifo's memory array is clocked to the output register only when a read is selected using the port?s chip select, write/read select, enable, and mailbox select. csb w /rb enb mbb clkb data b (b0-b35) i/o port function h x x x x high-impedance none l l l x x input none llh l input fifo2 write llh h input mail2 write l h l l x output none lhh l output fifo1 read l h l h x output none lhh h output mail1 read (set mbf1 high) table 3 port b enable function table table 2 port a enable function table csa w/ r a ena mba clka data a (a0-a35) i/o port function h x x x x high-impedance none l h l x x input none lhh l input fifo1 write lhh h input mail1 write l l l l x output none llh l output fifo2 read l l l h x output none llh h output mail2 read (set mbf2 high)
12 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 output register. the state machine that controls an output ready flag monitors a write pointer and read pointer comparator that indicates when the fifo memory status is empty, empty+1, or empty+2. in fwft mode, from the time a word is written to a fifo, it can be shifted to the fifo output register in a minimum of three cycles of the output ready flag synchronizing clock. therefore, an output ready flag is low if a word in memory is the next data to be sent to the flfo output register and three cycles of the port clock that reads data from the fifo have not elapsed since the time the word was written. the output ready flag of the fifo remains low until the third low-to-high transition of the synchronizing clock occurs, simulta- neously forcing the output ready flag high and shifting the word to the fifo output register. in idt standard mode, from the time a word is written to a fifo, the empty flag will indicate the presence of data available for reading in a minimum of two cycles of the empty flag synchronizing clock. therefore, an empty flag is low if a word in memory is the next data to be sent to the flfo output register and two cycles of the port clock that reads data from the fifo have not elapsed since the time the word was written. the empty flag of the fifo remains low until the second low-to-high transition of the synchronizing clock occurs, forcing the empty flag high; only then can data be read. synchronized synchronized number of words in fifo (1,2) to clkb to clka idt72v3682 (3) idt72v3692 (3) idt72v36102 (3) efb /orb aeb afa ffa /ira 000llhh 1 to x1 1 to x1 1 to x1 h l h h (x1+1) to [16,384-(y1+1)] (x1+1) to [32,768-(y1+1)] (x1+1) to [65,536-(y1+1)] h h h h (16,384-y1) to 16,383 (32,768-y1) to 32,767 (65,536-y1) to 65,535 h h l h 16,384 32,768 65,536 h h l l synchronized fifo flags each fifo is synchronized to its port clock through at least two flip-flop stages. this is done to improve flag signal reliability by reducing the probability of metastable events when clka and clkb operate asynchronously to one another. efa /ora, aea , ffa /ira, and afa are synchronized to clka. efb / orb, aeb , ffb /irb, and afb are synchronized to clkb. tables 4 and 5 show the relationship of each port flag to fifo1 and fifo2. empty/output ready flags ( efa /ora, efb /orb) these are dual purpose flags. in the fwft mode, the output ready (ora, orb) function is selected. when the output ready flag is high, new data is present in the fifo output register. when the output ready flag is low, the previous data word is present in the fifo output register and attempted fifo reads are ignored. in the idt standard mode, the empty flag ( efa , efb ) function is selected. when the empty flag is high, data is available in the fifo?s ram for reading to the output register. when the empty flag is low, the previous data word is present in the fifo output register and attempted fifo reads are ignored. the empty/output ready flag of a fifo is synchronized to the port clock that reads data from its array. for both the fwft and idt standard modes, the fifo read pointer is incremented each time a new word is clocked to its notes: 1. when a word loaded to an empty fifo is shifted to the output register, its previous fifo memory location is free. 2. data in the output register does not count as a "word in fifo memory". since in fwft mode, the first word written to an empt y fifo goes unrequested to the output register (no read operation necessary), it is not included in the fifo memory count. 3. x1 is the almost-empty offset for fifo1 used by aeb . y1 is the almost-full offset for fifo1 used by afa . both x1 and y1 are selected during a reset of fifo1 or programmed from port a. 4. the orb and ira functions are active during fwft mode; the efb and ffa functions are active in idt standard mode. table 4 fifo1 flag operation (idt standard and fwft modes) synchronized synchronized number of words in fifo (1,2) to clka to clkb idt72v3682 (3) idt72v3692 (3) idt72v36102 (3) efa /ora aea afb ffb /irb 000llhh 1 to x2 1 to x2 1 to x2 h l h h (x2+1) to [16,384-(y2+1)] (x2+1) to [32,768-(y2+1)] (x2+1) to [65,536-(y2+1)] h h h h (16,384-y2) to 16,383 (32,768-y2) to 32,767 (65,536-y2) to 65,535 h h l h 16,384 32,768 65,536 h h l l notes: 1. when a word loaded to an empty fifo is shifted to the output register, its previous fifo memory location is free. 2. data in the output register does not count as a "word in fifo memory". since in fwft mode, the first word written to an empt y fifo goes unrequested to the output register (no read operation necessary), it is not included in the fifo memory count. 3. x2 is the almost-empty offset for fifo2 used by aea . y2 is the almost-full offset for fifo2 used by afb . both x2 and y2 are selected during a reset of fifo2 or programmed from port a. 4. the ora and irb functions are active during fwft mode; the efa and ffb functions are active in idt standard mode. table 5 fifo2 flag operation (idt standard and fwft modes)
13 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 almost-full flags ( afa , afb ) the almost-full flag of a fifo is synchronized to the port clock that writes data to its array. the state machine that controls an almost-full flag monitors a write pointer and read pointer comparator that indicates when the fifo memory status is almost-full, almost-full-1, or almost-full-2. the almost-full state is defined by the contents of register y1 for afa and register y2 for afb . these registers are loaded with preset values during a flfo reset or programmed from port a (see almost-empty flag and almost-full flag offset programming section). an almost-full flag is low when the number of words in its fifo is greater than or equal to (16,384-y), (32,768-y), or (65,536-y) for the idt72v3682, idt72v3692, or idt72v36102 respectively. an almost-full flag is high when the number of words in its fifo is less than or equal to [16,384-(y+1)], [32,768-(y+1)], or [65,536-(y+1)] for the idt72v3682, idt72v3692, or idt72v36102 respectively. note that a data word present in the fifo output register has been read from memory. two low-to-high transitions of the almost-full flag synchronizing clock are required after a fifo read for its almost-full flag to reflect the new level of fill. therefore, the almost-full flag of a fifo containing [16,384/32,768/65,536- (y+1)] or less words remains low if two cycles of its synchronizing clock have not elapsed since the read that reduced the number of words in memory to [16,384/32,768/65,536-(y+1)]. an almost-full flag is set high by the second low-to-high transition of its synchronizing clock after the fifo read that reduces the number of words in memory to [16,384/32,768/65,536-(y+1)]. a low-to-high transition of an almost-full flag synchronizing clock begins the first synchronization cycle if it occurs at time t skew2 or greater after the read that reduces the number of words in memory to [16,384/32,768/65,536-(y+1)]. otherwise, the subsequent synchronizing clock cycle may be the first synchro- nization cycle (see figures 18 and 19). mailbox registers each fifo has a 36-bit bypass register to pass command and control information between port a and port b without putting it in queue. the mailbox select (mba, mbb) inputs choose between a mail register and a fifo for a port data transfer operation. a low-to-high transition on clka writes a0-a35 data to the mail1 register when a port a write is selected by csa , w/ r a, and ena and with mba high. a low-to-high transition on clkb writes b0-b35 data to the mail2 register when a port b write is selected by csb , w /rb, and enb and with mbb high. writing data to a mail register sets its corresponding flag ( mbf1 or mbf2 ) low. attempted writes to a mail register are ignored while the mail flag is low. when data outputs of a port are active, the data on the bus comes from the fifo output register when the port mailbox select input is low and from the mail register when the port mailbox select input is high. the mail1 register flag ( mbf1 ) is set high by a low-to-high transition on clkb when a port b read is selected by csb , w /rb, and enb and with mbb high. the mail2 register flag ( mbf2 ) is set high by a low-to-high transition on clka when a port a read is selected by csa , w/ r a, and ena and with mba high. the data in a mail register remains intact after it is read and changes only when new data is written to the register. for mail register and mail register flag timing diagrams, see figure 20 and 21. a low-to-high transition on an empty/output ready flag synchronizing clock begins the first synchronization cycle of a write if the clock transition occurs at time t skew1 or greater after the write. otherwise, the subsequent clock cycle can be the first synchronization cycle (see figures 8 through 11 for efa /ora and efb /orb timing diagrams). full/input ready flags ( ffa /ira, ffb /irb) this is a dual purpose flag. in fwft mode, the input ready (ira and irb) function is selected. in idt standard mode, the full flag ( ffa and ffb ) function is selected. for both timing modes, when the full/input ready flag is high, a memory location is free in the fifo to receive new data. no memory locations are free when the full/input ready flag is low and attempted writes to the fifo are ignored. the full/input ready flag of a flfo is synchronized to the port clock that writes data to its array. for both fwft and idt standard modes, each time a word is written to a fifo, its write pointer is incremented. the state machine that controls a full/input ready flag monitors a write pointer and read pointer comparator that indicates when the flfo memory status is full, full-1, or full-2. from the time a word is read from a fifo, its previous memory location is ready to be written to in a minimum of two cycles of the full/input ready flag synchronizing clock. therefore, a full/input ready flag is low if less than two cycles of the full/input ready flag synchronizing clock have elapsed since the next memory write location has been read. the second low-to-high transition on the full/input ready flag synchronizing clock after the read sets the full/input ready flag high. a low-to-high transition on a full/input ready flag synchronizing clock begins the first synchronization cycle of a read if the clock transition occurs at time t skew1 or greater after the read. otherwise, the subsequent clock cycle can be the first synchronization cycle (see figures 12 through 15 for ffa /ira and ffb /irb timing diagrams). almost-empty flags ( aea , aeb ) the almost-empty flag of a fifo is synchronized to the port clock that reads data from its array. the state machine that controls an almost-empty flag monitors a write pointer and read pointer comparator that indicates when the fifo memory status is almost-empty, almost-empty+1, or almost-empty+2. the almost-empty state is defined by the contents of register x1 for aeb and register x2 for aea . these registers are loaded with preset values during a fifo reset or programmed from port a (see almost-empty flag and almost-full flag offset programming section). an almost-empty flag is low when its fifo contains x or less words and is high when its fifo contains (x+1) or more words. a data word present in the fifo output register has been read from memory. two low-to-high transitions of the almost-empty flag synchronizing clock are required after a fifo write for its almost-empty flag to reflect the new level of fill. therefore, the almost-full flag of a fifo containing (x+1) or more words remains low if two cycles of its synchronizing clock have not elapsed since the write that filled the memory to the (x+1) level. an almost-empty flag is set high by the second low-to-high transition of its synchronizing clock after the fifo write that fills memory to the (x+1) level. a low-to-high transition of an almost- empty flag synchronizing clock begins the first synchronization cycle if it occurs at time t skew2 or greater after the write that fills the fifo to (x+1) words. otherwise, the subsequent synchronizing clock cycle may be the first synchro- nization cycle. (see figures 16 and 17).
14 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 notes: 1. fifo2 is reset in the same manner to load x2 and y2 with a preset value. 2. if fwft is high, then efb /orb will go low one clkb cycle earlier than in this case where fwft is low. figure 2. fifo1 reset and loading x1 and y1 with a preset value of eight (1) (idt standard and fwft modes) notes: 1. t skew1 is the minimum time between the rising clka edge and a rising clkb edge for ffb /irb to transition high in the next cycle. if the time between the rising edge of clka and rising edge of clkb is less than t skew1 , then ffb /irb may transition high one clkb cycle later than shown. 2. csa = low, w/ r a = high, mba = low. it is not necessary to program offset register on consecutive clock cycles. figure 3. parallel programming of the almost-full flag and almost-empty flag offset values after reset (idt standard and fwft modes) clka rst1 ffa /ira aeb afa mbf1 clkb efb /orb fs1,fs0 4679 drw 05 t rsts t rsth t fsh t fss t pir t pir t por t prf 0,1 t prf t prf t fws fwft 4679 drw 06 clka rst1 , rst2 ffa /ira clkb ffb /irb a0 - a35 fs1,fs0 ena t fss t fsh t pir t enh t ens2 t skew1 t ds t dh t pir 4 0,0 afa offset (y1) aeb offset (x1) afb offset (y2) aea offset (x2) first word to fifo1 1 2 (1) 12
15 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 figure 5. port b write cycle timing for fifo2 (idt standard and fwft modes) note: 1. written to fifo1. figure 4. port a write cycle timing for fifo1 (idt standard and fwft modes) note: 1. written to fifo2. 4679 drw 07 clka ffa /ira ena a0 - a35 mba csa w/ r a t clkh t clkl t clk t ens1 t ens1 t ens2 t ens2 t ds t enh t enh t enh t enh t dh w1 (1) w2 (1) t ens2 t enh t enh t ens2 no operation high t ens2 4679 drw 08 clkb ffb /irb enb b0 - b35 mbb csb w /rb t clk t clkh t clkl t enh t enh t enh t enh t dh w1 (1) w2 (1) t ds t enh t enh no operation high t ens1 t ens1 t ens2 t ens2 t ens2
16 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. read from fifo1. figure 6. port b read cycle timing for fifo1 (idt standard and fwft modes) figure 7. port a read cycle timing for fifo2 (idt standard and fwft modes) note: 1. read from fifo2. 4679 drw 09 clkb efb /orb enb mbb csb w /rb t clk t clkh t clkl t a t mdv t en t a t enh t enh previous data w1 w2 (1) (1) t enh t dis no operation high t a t mdv t en t a w1 w2 w3 (1) (1) (1) t dis b0-b35 (fwft mode) b0-b35 (idt standard mode) or t ens2 t ens2 t ens2 clka efa /ora ena mba csa w/ r a t clk t clkh t clkl t enh t enh t enh no operation t a t en t a w1 w2 w3 (1) (1) (1) t dis a0-a35 (fwft mode) t en w2 (1) (1) t dis w1 previous data a0-a35 (standard mode) t mdv t a or t a t mdv 4679 drw 10 high t ens2 t ens2 t ens2
17 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for orb to transition high and to clock the next word to the fifo1 output register in three clkb cycles. if the time between the rising clka edge and rising clkb edge is less than t skew1 , then the transition of orb high and load of the first word to the output register may occur one clkb cycle later than shown. figure 8. orb flag timing and first data word fall through when fifo1 is empty (fwft mode) csa w r a mba ira a0 - a35 clkb orb csb w /rb mbb ena enb b0 -b35 clka 4679 drw 11 12 3 t clkh t clkl t clk t ens2 t ens2 t enh t enh t ds t dh t skew1 t clk t clkl t por t por t ens2 t enh t a old data in fifo1 output register w1 fifo1empty low high low high low t clkh w1 high (1)
18 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for efb to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew1 , then the transition of efb high may occur one clkb cycle later than shown. figure 9. efb flag timing and first data read fall through when fifo1 is empty (idt standard mode) csa w ra mba ffa a0-a35 clkb efb csb w /rb mbb ena enb b0-b35 clka 12 4679 drw 12 t clkh t clkl t clk t ens2 t ens2 t enh t enh t ds t dh t skew1 t clk t clkl t ens2 t enh t a w1 fifo1 empty low high low high low t clkh w1 high (1) t por t por
19 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for ora to transition high and to clock the next word to the fifo2 output register in three clka cycles. if the time between the rising clkb edge and rising clka edge is less than t skew1 , then the transition of ora high and load of the first word to the output register may occur one clka cycle later than shown. figure 10. ora flag timing and first data word fall through when fifo2 is empty (fwft mode) csb w /rb mbb irb b0 - b35 clka ora csa w/ r a mba enb ena a0 -a35 clkb 4679 drw 13 12 3 t clkh t clkl t clk t ens2 t ens2 t enh t enh t ds t dh t skew1 t clk t clkh t por t por t ens2 t enh t a old data in fifo2 output register w1 fifo2 empty t clkl low low low low low high w1 (1)
20 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for efa to transition high in the next clka cycle. if the time between the rising clkb edge and rising clka edge is less than t skew1 , then the transition of efa high may occur one clka cycle later than shown. figure 11. efa flag timing and first data read when fifo2 is empty (idt standard mode) csb w /rb mbb ffb b0-b35 clka efa csa w/ ra mba enb ena a0-a35 clkb 12 4679 drw 14 t clkh t clkl t clk t ens2 t ens2 t enh t enh t ds t dh t skew1 (1) t clk t clkl t ens2 t enh t a w1 fifo2 empty low low low low low t clkh w1 high t por t por
21 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for ira to transition high in the next clka cycle. if t he time between the rising clkb edge and rising clka edge is less than t skew1 , then ira may transition high one clka cycle later than shown. figure 12. ira flag timing and first available write when fifo1 is full (fwft mode) csb orb w /rb mbb enb b0 -b35 clkb ira clka csa 4679 drw 15 w/ r a a0 - a35 mba ena 12 t clk t clkh t clkl t ens2 t enh t a t skew1 t clk t clkh t clkl t pir t pir t ens2 t ens2 t ds t enh t enh t dh to fifo1 previous word in fifo1 output register next word from fifo1 low high low high low high (1) fifo1 full write
22 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 figure 13. ffa flag timing and first available write when fifo1 is full (idt standard mode) note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for ffa to transition high in the next clka cycle. if the time between the rising clkb edge and rising clka edge is less than t skew1 , then ffa may transition high one clka cycle later than shown. csb efb mbb enb b0-b35 clkb ffa clka csa 4679 drw 16 w/ ra 12 a0-a35 mba ena t clk t clkh t clkl t ens2 t enh t a t skew1 t clk t clkh t clkl t ens2 t ens2 t ds t enh t enh t dh to fifo1 previous word in fifo1 output register next word from fifo1 low w /rb high low high low high (1) fifo1 full t pir t pir write
23 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for irb to transition high in the next clkb cycle. if t he time between the rising clka edge and rising clkb edge is less than t skew1 , then irb may transition high one clkb cycle later than shown. figure 14. irb flag timing and first available write when fifo2 is full (fwft mode) csa ora w/ r a mba ena a0 -a35 clka irb clkb csb 4679 drw 17 w /rb b0 - b35 mbb enb 12 t clk t clkh t clkl t ens2 t enh t a t skew1 t clk t clkh t clkl t pir t ens2 t ens2 t enh t enh t ds t dh to fifo2 previous word in fifo2 output register next word from fifo2 fifo2 full low low low high low low (1) write t pir
24 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 figure 16. timing for aeb when fifo1 is almost-empty (idt standard and fwft modes) notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for aeb to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then aeb may transition high one clkb cycle later than shown. 2. fifo1 write ( csa = low, w/ r a = low, mba = low), fifo1 read ( csb = low, w /rb = high, mbb = low). data in the fifo1 output register has been read from the fifo. figure 15. ffb flag timing and first available write when fifo2 is full (idt standard mode) note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for ffb to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew1 , then ffb may transition high one clkb cycle later than shown. csa efa mba ena a0-a35 clka ffb clkb csb 4679 drw 18 w /rb 12 b0-b35 mbb enb t clk t clkh t clkl t ens2 t enh t a t skew1 t clk t clkh t clkl t ens2 t ens2 t ds t enh t enh t dh to fifo2 previous word in fifo2 output register next word from fifo2 low w/ ra low low high low low (1) fifo2 full t pir t pir write aeb clka enb 4679 drw 19 ena clkb 2 1 t ens2 t enh t skew2 t pae t pae t ens2 t enh x1 words in fifo1 (x1+1) words in fifo1 (1)
25 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 notes: 1. t skew2 is the minimum time between a rising clkb edge and a rising clka edge for aea to transition high in the next clka cycle. if the time between the rising clkb edge and rising clka edge is less than t skew2 , then aea may transition high one clka cycle later than shown. 2. fifo2 write ( csb = low, w /rb = low, mbb = low), fifo2 read ( csa = low, w/ r a = low, mba = low). data in the fifo2 output register has been read from the fifo. figure 17. timing for aea when fifo2 is almost-empty (idt standard and fwft modes) notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for afa to transition high in the next clka cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then afa may transition high one clka cycle later than shown. 2. fifo1 write ( csa = low, w/ r a = high, mba = low), fifo1 read ( csb = low, w /rb = high, mbb = low). data in the fifo1 output register has been read from the fifo. 3. d = maximum fifo depth = 16,384 for the idt72v3682, 32,768 for the idt72v3692, 65,536 for the idt72v36102. figure 18. timing for afa when fifo1 is almost-full (idt standard and fwft modes) aea clkb ena 4679 drw 20 enb clka 2 1 t ens2 t enh t skew2 t pae t pae t ens2 t enh (x2+1) words in fifo2 x2 words in fifo2 (1) afa clka enb 4679 drw 21 ena clkb 12 t skew2 t ens2 t enh t paf t ens2 t enh t paf [d-(y1+1)] words in fifo1 (d-y1) words in fifo1 (1)
26 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 notes: 1. t skew2 is the minimum time between a rising clkb edge and a rising clka edge for afb to transition high in the next clkb cycle. if the time between the rising clkb edge and rising clka edge is less than t skew2 , then afb may transition high one clkb cycle later than shown. 2. fifo2 write ( csb = low, w /rb = low, mbb = low), fifo2 read ( csa = low, w/ r a = low, mba = low). data in the fifo2 output register has been read from the fifo. 3. d = maximum fifo depth = 16,384 for the idt72v3682, 32,768 for the idt72v3692, 65,536 for the idt72v36102. figure 19. timing for afb when fifo2 is almost-full (idt standard and fwft modes) figure 20. timing for mail1 register and mbf1 flag (idt standard and fwft modes) afb clkb ena 4679 drw 22 enb clka 12 t skew2 t ens2 t enh t paf t ens2 t enh t paf [d-(y2+1)] words in fifo2 (d-y2) words in fifo2 (1) 4679 drw 23 clka ena a0 - a35 mba csa w/ r a clkb mbf1 csb mbb enb b0 - b35 w /rb w1 t ens1 t enh t ds t dh t pmf t pmf t en t mdv t pmr t enh t dis w1 (remains valid in mail1 register after read) fifo1 output register t ens1 t ens2 t ens2 t enh t enh t enh t ens2
27 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 figure 21. timing for mail2 register and mbf2 flag (idt standard and fwft modes) 4679 drw 24 clkb enb b0 - b35 mbb csb w /rb clka mbf2 csa mba ena a0 - a35 w/ r a w1 t ens1 t enh t ds t dh t pmf t pmf t enh t dis t en t mdv t pmr fifo2 output register w1 (remains valid in mail 2 register after read) t ens1 t enh t ens2 t enh t ens2 t enh t ens2
28 commercial temperature range idt72v3682/72v3692/72v36102 3.3v cmos syncbififo tm 16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2 figure 22. load circuit and voltage waveforms note: 1. includes probe and jig capacitance. 4679 drw 25 parameter measurement information from output under test 30 pf 330 ? 3.3v 510 ? propagation delay load circuit 3v gnd timing input data, enable input gnd 3v 1.5v 1.5v voltage waveforms setup and hold times voltage waveforms pulse durations voltage waveforms enable and disable times voltage waveforms propagation delay times 1.5v 1.5v 1.5v 1.5v t w output enable low-level output high-level output 3v ol gnd 3v 1.5v 1.5v 1.5v 1.5v oh ov gnd oh ol 1.5v 1.5v 1.5v 1.5v input in-phase output high-level input low-level input v v v v 1.5v 3v t s t h t plz t phz t pzl t pzh t pd t pd (1) 3v gnd gnd 3v
29 corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 408-360-1753 san jose, ca 95138 fax: 408-284-2775 email: fifohelp@idt.com www.idt.com ordering information blank pf 10 15 l 72v3682 72v3692 72v36102 4679 drw 26 commercial (0 c to +70 c) thin quad flat pack (tqfp, pn120-1) low power 16,384 x 36 x 2 3.3v syncbififo 32,768 x 36 x 2 3.3v syncbififo 65,536 x 36 x 2 3.3v syncbififo xxxxxx idt device type xxx x x power speed package process/ temperature range commercial only clock cycle time (t clk ) speed in nanoseconds note: 1. industrial temperature range is available by special order. datasheet document history 10/30/2000 pgs. 1, 2, 3, 6, 8, 9, 11 and 29. 03/27/2001 pgs. 6 and 7. 11/04/2003 pg. 1.


▲Up To Search▲   

 
Price & Availability of IDT72V36102L10PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X