Part Number Hot Search : 
D1103 B3N1T C100MC MAX9247 VLME31 AD5744 XSD213 AD627A
Product Description
Full Text Search
 

To Download HC-50U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features - high reliability for low cost series frequency range 1.0 ~ 1.228 mhz 1.8432 ~ 45.0 mhz 24.0 ~ 100.0 mhz 80.0 ~ 160.0 mhz 110.0 ~ 200.0 mhz mode of vibration sl-fundamental at-fundamental 3rd overtone 5th overtone 7th overtone resonance resistance 500 ? max. 400 ~ 20 ? 40 ? max. 70 ? max. 120 ? max. frequency tolerance at 25c temperature range +-3 ppm +-5 ppm +-10 ppm temperature +-15 ppm stability +-20 ppm +-30 ppm +-50 ppm load capacitance shunt capacitance drive level aging insulation resistance delivery form standard option option part numbering system example hc-50/u frequency required value frequency tolerance at 25c required value temperature stability required value required value load capacitance required value blank for bulks and no option i = with insulator v = with vinyl sleeve arround the holder outline drawing of hc-50/u with insulator vinyl sleeve arround the holder delivery form hc-50/u 27.000 mhz 30/50/-40+85/20pf/i/v - excellent clock signal generatur for cpu's http://www.petermann-technik.de | info@petermann-technik.de package dimensions +-10 ppm ~ +-50 ppm 0/+50c ~ -40/+85c other parameters are available on request / create here your specification petermann-technik | amselweg 8 | d-86916 kaufering 0+50c / -10/+60c / 0/+70c / -20/+70c without insulator fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 series delivery form 100 w max. +-2 ppm per year >500 m ? dc/100v +-10% bulks hc-50/u see outline drawing temperature range 0+50c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c 0+50c / -10/+60c / 0/+70c -20/+70c 0+50c / -10/+60c / 0/+70c / -20/+70c / -40/+85c / -40/+125c 8 ~ 32 pf or series 7 pf max. petermann technik time & frequency components 4.88 11.5 4 . 3 4 6 . 0 5 1 3 . 6 10.3 3.68 01.02 unit:mm 4.9 glass insulator


▲Up To Search▲   

 
Price & Availability of HC-50U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X