Part Number Hot Search : 
C68HC LA1178 GBJ15DU B1340 CHIPS ZS4737A 7D241 ACT4433
Product Description
Full Text Search
 

To Download GBU4K-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbu4a thru gbu4m features maximum ratings mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage c e f b i nn n n + ++ + - -- - ~ ~~ ~ ~ ~~ ~ a d g h m l k j dimensions inches mm dim min max min max note a .860 .880 21.80 22.30 b .720 .740 18.30 18.80 c .130 .140 3.30 3.56 d .690 .710 17.50 18.00 e .030 .039 0.76 1.00 g .290 .310 7.40 7.90 i .065 .085 1.65 2.16 j .089 .108 2.25 2.75 k .077 .093 1.95 2.35 l .040 .050 1.02 1.27 m .190 .210 4.83 5.33 ? ? peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 5 a 500ua t j = 25 c t j = 125 c typical junction capacitance c j 45pf measured at 1.0mhz, v r =4.0v  (note 2 ) typical thermal resistance per leg r ojc 2.2 /w c 3.2x45 1.90 radius n 7.0 typical i fm =2a 
  omponents 2 0736 marilla street chatsworth   
      mcc revision: a 2011/04/21 tm micro commercial components epoxy meets ul 94 v-0 flammability rating www. mccsemi .com 1 of 3 gbu4j h .140 .160 3.50 4.10 f .018 .022 0.46 0.56 4 amp single phase glass passivated bridge rectifier 50 to 1000 volts ? ? glass passivated chip junction ? high surge overload rating ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c gbu4a 50v 35v 50v gbu4b 100v 70v 100v gbu4d 200v 140v 200v gbu4g 400v 280v 400v gbu4k 800v 560v 800v gbu4m 1000v 700v 1000v gbu4j 600v 420v 600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 4 a tc = 100 c gbu4a gbu4b gbu4d gbu4g gbu4k gbu4m ? lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 case style gbu ? ul recognized file # e165989 ? mounting torque: 5in-lbs. ? moisture sensitivity level 1 2. unit case mounted on 1.6 x 1.6 x 0.06" thick (4.0 x 4.0 x 0.15 cm) aluminum plate
mc c fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 20 40 60 80 180 160 140 120 100 single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 40 60 100 120 4.0 1.0 20 2.0 80 case temperature , c 5.0 3.0 140 0 with heatsink 0 single phase half wave 60hz resistive or inductive load without heatsink instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 1.0 10 100 0.6 0.8 1.0 0.1 1.8 1.6 t j = 25 c pulse width 300us fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10.0 100 10 1.0 1.0 100 4.0 t j = 25 c, f = 1mhz fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 0 1.0 10 100 60 80 100 0.1 1000 percent of rated peak reverse voltage, (%) t j = 25 c t j = 125 c t j = 100 c t j = 50 c gbu4a thru gbu4m revision: a 2011/04/21 tm micro commercial components www. mccsemi .com 2 of 3 1.6 x 1.6 x 0.06" thick aluminum plate
mcc revision: a 2011/04/21 tm micro commercial components www. mccsemi .com 3 of 3 1 ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk: 1kpcs/box ordering information :


▲Up To Search▲   

 
Price & Availability of GBU4K-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X