Part Number Hot Search : 
0F201 MC7806 TS79M09 NTE1842 S1D15E06 C9S12 UN6119 ATTIN
Product Description
Full Text Search
 

To Download DTC114YSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistor (npn) features 1. built-in bias resistors enable the configurat ion of an inverter circuit without connecting external input resist ors(see equivalent circuit). 2. the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3. only the on/off conditions need to be set for operation, making device design easy. pin connenctions and marking sot-523 sot-323 sot-23 to-92s sot-23 sot-23-3l dtc114ye dtc114yua dta114eca dtc114yca dtc114yka DTC114YSA addreviated symbol: 64 addreviated symbol: 64 addreviated symbol: 64 addreviated symbol: 64 dtc114ye/dtc114yua /dtc114yka/DTC114YSA/dtc114yca 1 date:2011/05 www.htsemi.com semiconductor jinyu
absolute maximum ratings(ta=25 ) limits (dtc114y ) parameter symbol e ua ka ca sa unit supply voltage v cc 50 v input voltage v in -6to+40 v i o 70 ma output current i c(max.) 100 ma power dissipation p c 150 200 300 mw junction temperature tj 150 storage temperature tstg -55 to+ 150 electrical characteristics (ta=25 ) parameter symbol min. typ max. unit conditions v i(off) 0.3 v cc =5v ,i o =100a input voltage v i(on) 1.4 v v o =0.3v ,i o =1ma output voltage v o(on) 0.3 v i o /i i =5ma/0.25ma input current i i 0.88 ma v i =5v output current i o(off) 0.5 a v cc =50v ,v i =0 dc current gain g i 68 v o =5v ,i o =5ma input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 3.7 4.7 5.7 transition frequency f t 250 mhz v o =10v ,i o =5ma,f=100mhz typical characteristics 2 date:2011/05 www.htsemi.com semiconductor jinyu dtc114ye/dtc114yua /dtc114yka/DTC114YSA/dtc114yca


▲Up To Search▲   

 
Price & Availability of DTC114YSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X