Part Number Hot Search : 
OL5492A STB12 2N6070A HIN231 10007 2412D 1THAV SM6T30CA
Product Description
Full Text Search
 

To Download CDM-12008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date 11/08/2011 page 1 of 4 cui .com model : CDM-12008 description: speaker specifications parameter conditions/description min typ max units diameter 12 mm depth 3.0 mm input power max. power: iec-60268-5, flter 60 s on / 120 s off, 10 cycles at room temp 0.5 0.6 w impedance at 1.5 khz, 1 v 6.8 8 9.2 ? resonant frequency at 1 v 800 1000 1,200 hz sound pressure level 0.5 w, 10 cm ave. at 1.2, 1.5, 2.0, 2.5 khz 1 w, 1 m ave. at 1.2, 1.5, 2.0, 2.5 khz 87 74 90 77 93 80 db db response 20,000 hz distortion at 1.5 khz, 0.5 w 10 % buzz, rattle, etc. must be normal at sine wave 2.0 v magnet size size: 6.9 x 1.0 mm operating temperature -25 55 c weight 1.0 g material metal rohs yes features ? metal frame ?mylar cone rohs mechanical drawing units: mm tolerance: 0.3mm 12.0 0.472 0.118 0.2 3.00 8.6 0.339 - + point solderin g date stamp 01(month) 11(year) cui 0111 solderability parameter conditions/description hand soldering 370 10c for 3 1 seconds
cui .com cui inc model : CDM-12008 description: speaker date 11/08/2011 page 2 of 4 frequency response curve
cui .com cui inc model : CDM-12008 description: speaker date 11/08/2011 page 3 of 4 packaging
cui inc model : CDM-12008 description: speaker date 11/08/2011 page 4 of 4 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 11/08/2011 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of CDM-12008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X