Part Number Hot Search : 
TA114E 100AC SK292 SK292 03597 UT8120 2SD2118 0124UPJ
Product Description
Full Text Search
 

To Download AT24MAC402-SSUM-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8807a?seepr?6/12 standard serial eeprom features ? low-voltage operation ? 1.7v minimum (v cc = 1.7v to 5.5v) ? internally organized as 256 x 8 (2k) ? i 2 c-compatible (2-wire) serial interface ? schmitt trigger, filtered inputs for noise suppression ? bi-directional data transfer protocol ? 400khz (1.7v) and 1mhz (2.5v, 5.0v) compatibility ? write protect pin for hardware data protection of the entire array ? permanent and reversible software write protection for the first-half of the array ? software procedure to verify write protect status ? 16-byte page write modes ? partial page writes allowed ? self-timed write cycle (5ms max) ? high-reliability ? endurance: 1,000,000 write cycles ? data retention: 100 years ? green package options (pb/halide-free/rohs compliant) ? 8-lead jedec soic, 8-lead tssop, 8-pad udfn, and 5-lead sot23 ? die sale options: wafer form and tape and reel enhanced features in the mac serial eeprom family ? factory-programmed eui-48 or eui-64 compatible address ? permanently locked, read-only value ? stored in a separate memory area ? guaranteed unique eui address ? custom programming services available ? manage and program customer?s ieee assigned oui ? unique factory-programmed 128-bit serial number ? unique for all atmel ? at24cs, at93cs, and at25s series serial eeproms ? permanently locked, read-only value ? stored in a separate memory area atmel at24mac402 and at24mac602 i 2 c-compatible (2-wire) 2-kbit serial eeprom with a factory-programmed eui-48 ? or eui-64 ? address plus an embedded unique 128-bit serial number 2-kbit (256 x 8) preliminary datasheet
2 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 description the atmel at24mac402 and at24mac602 provides 2048 bits of serial electrically-erasable programmable read-only memory (eeprom) organized as 256 words of eight bits each and is accessed via an i 2 c-compatible (2-wire) serial interface. in addition, at24mac402/602 incorporates an easy and inexpensive method to obtain a globally unique mac or eui address (eui-48 or eui-64). at24mac402 is an eui-48 compatible device that contains a 48-bit eui address, and at24mac602 is an eui-64 compatible device that contains a 64-bit eui address. the eui-48 and eui-64 addresses can be assigned as the actual physical address of a system hardware device or node or it can be assigned to a software instance. these addresses are factory programmed by atmel and permanently write protected in an extended memory block located outside of the standard 2-kbit bit memory array. in addition, the at24mac402/602 provides the value added feature of a factory-programmed, guaranteed unique 128-bit serial number located in the extended memory block (same area as the eui address values). the serial number is atmel factory-programmed and permanently write protected. this 128-bit serial number is compatible with all at24cs, at93cs, and at25s family serial numbers, therefore, providing guaranteed unique serial numbers for any application that is also using atmel serial eeproms. the first-half of the at24mac402/602 incorporates a permanent and a reversible software write protection feature while a hardware write protect feature for the entire array is available via an external pin. the permanent software write protection is enabled by sending a special command to the device. this protection cannot be reversed once executed. however, the reversible software write protection can be reversed by sending and executing a special command. the hardware write protection is controlled by the wp pin state and can be used to protect the entire array regardless of whether or not the software write protection has been enabled. the software and hardware write protection features allow the user the flexibility to protect no portion of the memory, the first-half of the memory, or the entire memory array depending on the specific needs of the application. the device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. the at24mac402/602 is available in space saving 8-lead jedec soic, 8-lead tssop, 8-pad udfn, and 5-lead sot23 packages. both devices operate across a wide supply voltage range from 1.7v to 5.5v v cc . figure 1. pin configurations note: for use of the 5-lead sot23, the software a2, a1, and a0 bits in the device address word must be set to zero to properly communicate with the device since the a 2 , a 1 , and a 0 pins are not bonded out. some functionality is not possible due to these pins not being available. see ?write protection? on page 11 for more details. pin name function a 0 -a 2 address inputs sda serial data scl serial clock input wp write protect gnd ground v cc power supply 1 2 3 4 8 7 6 5 a 0 a 1 a 2 gnd v cc wp scl sda 8-lead soic 1 2 3 5 4 scl gnd sda wp v cc 5-lead sot23 1 2 3 4 8 7 6 5 v cc wp scl sda a 0 a 1 a 2 gnd 8-pad udfn bottom view 1 2 3 4 8 7 6 5 a 0 a 1 a 2 gnd v cc wp scl sda 8-lead tssop
3 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 1. absolute maximum ratings* figure 1-1. block diagram operating temperature . . . . . . . . . . .?55c to +125c storage temperature . . . . . . . . . . . . .?65c to +150c voltage on any pin with respect to ground . . . . . . . . . . . . . ?1.0v to +7.0v maximum operating voltage . . . . . . . . . . . . . . . 6.25v dc output current . . . . . . . . . . . . . . . . . . . . . . . 5.0ma *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. start stop logic data word addr/counter row decoder device address comparator data latches d out / ack logic column decoder eeprom array serial control logic high voltage pump & timing 128-bit serial number serial mux read read/write enable comp load inc v cc gnd wp scl sda d out d in a 2 a 1 a 0 mac-48 eui-48 eui-64 address read
4 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 2. pin description serial clock (scl): the scl input is used to positive edge clock data into each eeprom device and negative edge clock data out of each device. serial data (sda): the sda pin is bidirectional for serial data transfer. this pin is open-drain driven and may be wire-ored with any number of other open-drain or open collector devices. device addresses (a 0 , a 1 , a 2 ): the a 0 , a 1 , and a 2 pins are device address inputs that are hard wired for the at24mac402/602. as many as eight 2k devices may be addressed on a single bus system. device addressing is discussed in detail under ?device addressing? on page 10 . write protect (wp): the at24mac402/602 has a write protect pin that provides hardware data protection. when the write protect pin is connected to ground (gnd), normal read/write operations to the full array are possible. when the write protect pin is connected to v cc , all write operations to the memory are inhibited, but read operations are still possible. however, due to capacitive coupling that may appear during customer applications, atmel recommends always connecting the wp pins to a known state. when using a pull-up resistor, atmel recommends using 10k ? or less. the write protection operation is summarized in table 2-1 below. table 2-1. atmel at24mac402/602 write protection modes table 2-2. pin capacitance (1) note: 1. this parameter is characterized and is not 100% tested. wp pin status permanent write protect register reversible write protect register part of the array write protected v cc ? ? full array (2k) gnd or floating not programmed not programmed normal read/write gnd or floating programmed ? first-half of array gnd or floating ? programmed first-half of array symbol test condition max units conditions c i/o input/output capacitance (sda) 8 pf v i/o = 0v c in input capacitance (a 0 , a 1 , a 2 , scl) 6 pf v in = 0v
5 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 table 2-3. dc characteristics note: 1. v il min and v ih max are reference only and are not tested. table 2-4. ac characteristics note: 1. this parameter is characterized and is not 100% tested. applicable over recommended operating range from: t ai = ?40c to +85c, v cc = 1.7v to 5.5v (unless otherwise noted) symbol parameter test condition min typ max units v cc supply voltage 1.7 5.5 v i cc1 supply current v cc = 5.0v read at 400khz 0.4 1.0 ma i cc2 supply current v cc = 5.0v write at 400khz 2.0 3.0 ma i sb1 standby current v cc = 1.7v v in = v cc or v ss 1.0 a i sb2 standby current v cc = 2.5v v in = v cc or v ss 2.0 a i sb3 standby current v cc = 5.5v v in = v cc or v ss , a 0 = v ss 6.0 a i li input leakage current v in = v cc or v ss 0.10 3.0 a i lo output leakage current v out = v cc or v ss 0.05 3.0 a v il input low level (1) ? 0.6 v cc x 0.3 v v ih input high level (1) v cc x 0.7 v cc + 0.5 v v ol1 output low level v cc = 1.7v i ol = 0.15ma 0.2 v v ol2 output low level v cc = 3.0v i ol = 2.1ma 0.4 v symbol parameter 1.7v 2.5v, 5.0v units min max min max f scl clock frequency, scl 400 1000 khz t low clock pulse width low 1.2 0.4 s t high clock pulse width high 0.6 0.4 s t i noise suppression time (1) 100 50 ns t aa clock low to data out valid 0.1 0.9 0.05 0.55 s t buf time the bus must be free before a new transmission can start (1) 1.3 0.5 s t hd.sta start hold time 0.6 0.25 s t su.sta start set-up time 0.6 0.25 s t hd.dat data in hold time 0 0 s t su.dat data in set-up time 100 100 ns t r inputs rise time (1) 0.3 0.3 s t f inputs fall time (1) 300 100 ns t su.sto stop set-up time 0.6 0.25 s t dh data out hold time 50 50 ns t wr write cycle time 5 5 ms endurance (1) 25c, page mode, 3.3v 1,000,000 write cycles
6 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 3. memory organization atmel at24mac402/602, 2k serial eeprom: the 2-kbit memory array is internally organized as 16 pages of 16 bytes of eeprom each. random word addressing requires a 8-bit data word address. eui address and serial number: the 48-bit eui address in the at24mac402 and the 64-bit eui address in the at24mac602 are located in the extended memory block. in addition, the serial number data is also located in the extended memory block as shown below in figure 3-1 . these eui-48 or eui-64 addresses are stored in a dedicated read-only eeprom memory block located outside the standard 2k memory array as shown below. this means the full standard 2-kbit eeprom array is available for use as opposed to solutions where only half of the eeprom memory array is available for application usage. figure 3-1. memory organization the eui-48 and eui-64 address fields contain either six or eight bytes respectively. the first three bytes of the eui read-only address field are called the organizationally unique identifier (oui) and the ieee registration authority has assigned fcc23dh as the atmel, oui. following the oui, the remaining bytes are called the extension identifier and will be either three bytes or five bytes depending on if it is an eui-48 address (at24mac402) or eui-64 address (at24mac602). atmel generates this unique 24-bit/40-bit data value along with the oui to guarantee a globally unique eui address value and programs it at the factory before permanently locking the extended memory region. standard 2-kbit eeprom extended memory second-half address range (80h-ffh) eui-48/64 value eui-48 address range (9ah-9fh) eui-64 address range (98h-9fh) 128-bit serial number address range (80h-8fh) permanent or reversible software write protection capable or full array hardware write protection capable full array hardware write protection capable read-only read-only device address ?1010? device address ?1011? first-half address range (00h-7fh)
7 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 3.1 eui-48 support the eui-48 address is stored in the last six bytes of the at24mac402?s extended memory block as shown in table 3-1 . for information on the protocol to read the eui-48 value, see ?device addressing? on page 10 and ?read operations? on page 15 . table 3-1. 48-bit eui address memory map example using an eui-48 value in an eui-64 application: an eui-64 compatible value can be generated from the eui-48 value contained in the at24mac402 by concatenating the 24-bit oui, an fffeh data value, and the 24-bit extension identifier. this is commonly referred to as an encapsulated eui-48 value. however, atmel recommends using the at24mac602 which contains a true eui-64 value so that post read processing is not required by the application. 3.2 eui-64 support for applications that utilize an eui-64 standard, the eui-64 address is stored in the last eight bytes of the at24mac602?s extended memory block. similar to eui-48, the eui-64 standard consists of the same three byte oui coupled with a five byte extension identifier (see table 3-2 ). atmel generates this unique 40-bit data value coupled with the oui to guarantee a globally unique 64-bit eui value and requires no additional data manipulation like other solutions where the application must manually insert a two byte fffeh value in between the oui and extension identifier. for information on how to read the eui read protocol, see ?device addressing? on page 10 and ?read operations? on page 15 . table 3-2. 64-bit eui address memory map example note: 1. the data values fffeh and ffffh are prohibited beginning from the 40-bit extension identifier in byte 1 and byte 2. these values are reserved for denoting an encapsulated mac-48 or eui-48 value for use in an eui-64 environment. 3.3 non-atmel oui programming option for customers with their own ieee-assigned oui or company id, atmel offers the time saving option to manage and deliver custom at24mac402/602 devices with their eui-48/64 values uniquely pre-programmed at delivery. contact your local atmel sales office for additional information. 48-bit eui description 24-bit oui 24-bit extension identifier memory address 9ah 9bh 9ch 9dh 9eh 9fh eui data value fch c2h 3dh byte 1 byte 2 byte 3 64-bit eui description 24-bit oui 40-bit extension identifier memory address 98h 99h 9ah 9bh 9ch 9dh 9eh 9fh eui data value fch c2h 3dh byte 1 (1) byte 2 (1) byte 3 byte 4 byte 5
8 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 4. device operation clock and data transitions: the sda pin is normally pulled high with an external component such as a pull-up resistor. data on the sda pin may change only during scl low time periods (see figure 4-4 on page 9 ). data changes during scl high periods will indicate a start or stop condition as defined below. start condition: a high-to-low transition of sda with scl high is a start condition which must precede any other command (see figure 4-5 on page 9 ). stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read sequence, the stop command will place the eeprom in a standby power mode (see figure 4-5 on page 9 ). acknowledge: all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero to acknowledge that it has received each word. this happens during the ninth clock cycle. standby mode: the at24mac402/602 features a low-power standby mode which is enabled upon ? power-up or ? after the receipt of the stop bit and the completion of any internal operations. 2-wire software reset: after an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: 1. create a start bit condition. 2. clock nine cycles. 3. create another start bit followed by stop bit condition as shown below. figure 4-1. software reset figure 4-2. bus timing scl serial clock, sda: serial data i/o scl 9 start bit start bit stop bit 8 3 2 1 sda dummy clock cycles scl sda in sda out
9 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 figure 4-3. write cycle timing scl serial clock, sda: serial data i/o note: 1. the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. figure 4-4. data validity figure 4-5. start and stop condition t wr (1) stop condition start condition word n scl sda 8 th bit ack sda scl data stable data stable data change sda scl start stop
10 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 figure 4-6. output acknowledge 5. device addressing standard eeprom access: the 2k eeprom requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (see table 8-1 on page 16 ). the device address word consists of a mandatory one-zero sequence for the first four most-significant bits ?1010? (ah) for normal read and write operations and ?0110? (6h) for writing to the software write protect register. the next three bits in the protocol sequence are the a2, a1, and a0 device address bits. these three bits must match their corresponding hard-wired input pins a 2 , a 1 , and a 0 in order for the part to acknowledge. the eighth bit of the device address is the read/write operation select bit. a read operation is initiated if this bit is high, and a write operation is initiated if this bit is low. upon a compare of the device address, the eeprom will output a zero. if a compare is not made, the device will return to a standby state. the device will not acknowledge if the write protect register has been programmed and the control code is ?0110? (6h). serial number access: the at24mac402/602 incorporates an extended memory block containing a factory-programmed 128-bit serial number. access to this memory location is obtained by beginning the device address word with a ?1011? (bh) sequence. the behavior of the next three bits (a2, a1, and a0) remain the same as during a standard memory addressing sequence. the eighth bit of the device address needs to be set to a one to read the serial number. a zero in this bit position, other than during a dummy write sequence to set the address pointer, will result in a unknown condition and behavior. writing or altering the 128-bit serial number is not possible as it is permanently write protected. further specific protocol is needed to address the serial number feature of the part. for more details on accessing this special feature, see ?read operations? on page 15 . eui address access: the at24mac402/602 utilizes an extended memory block containing a factory-programmed read-only eui-48 or eui-64 address respectively. access to this memory block is obtained by beginning the device address word with a ?1011? (bh) sequence. the behavior of the next three bits (a2, a1, and a0) remain the same as during a standard memory addressing sequence. the eighth bit of the device address needs to be set to a one to read the eui address. a zero in this bit position, other than during a dummy write sequence to set the address pointer, will result in a unknown condition and behavior. attempting to write or alter the eui address is not possible as it is permanently write protected. further specific protocol is needed to address this feature of the part. for more details on accessing this special feature, see ?read operations? on page 15 . scl data in data out start acknowledge 189
11 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 table 5-1. device address 6. write operations byte write: a byte write operation requires an 8-bit data word address following the device address word and acknowledgment. upon receipt of this address, the eeprom will again acknowledge or respond with a zero and then clock in the first 8-bit data word. following receipt of the 8-bit data word, the eeprom will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. at this time, the eeprom enters an internally-timed write cycle, t wr , to the nonvolatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write is complete (see figure 8-1 on page 16 ). the device will acknowledge a write command, but not write the data if the software or hardware write protection has been enabled. the write cycle time must be observed even when the write protection is enabled. page write: the at24mac402/602 is capable of a 16-byte page write. a page write is initiated by the same method as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. instead, after the eeprom acknowledges receipt of the first data word, the microcontroller can transmit up to fifteen more data words. the eeprom will respond with a zero after each data word received. the microcontroller must terminate the page write sequence with a stop condition (see figure 8-2 on page 17 ). the lower four data word address bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the internally generated word address reaches the page boundary, the next byte is placed at the beginning of the same page. if more than sixteen data words are transmitted to the eeprom, the data word address will roll-over and previous data will be overwritten. the address roll-over during write is from the last byte of the current page to the first byte of the same page. the device will acknowledge a write command, but will not write the data if the software or hardware write protection has been enabled. the write cycle time must be observed even when the write protection is enabled. acknowledge polling: once the internally-timed write cycle has started and the eeprom inputs are disabled, acknowledge polling can be initiated. this involves sending a start condition followed by the device address word. the read/write bit is representative of the operation desired. only if the internal write cycle has completed will the eeprom respond with a zero allowing the read or write sequence to continue. 7. write protection once enabled, the software write protection write protects only the first-half of the array (00h - 7fh) while the hardware write protection, via the wp pin, is used to protect the entire array (see table 7-1 on page 13 ). permanent software write protection (pswp): the permanent software write protection is enabled by sending a command to the device, similar to a normal write command, which programs the permanent write protect register. this must be done with the wp pin low. the write protect register is programmed by sending a write command with the device address of ?0110? (6h) instead of ?1010? (ah) with the address and data bit(s) being don?t cares (see figure 7-1 on page 12 ). the write cycle time must be observed. once the permanent software write protection has been enabled, the device will no longer acknowledge the ?0110? (6h) control byte and cannot be reversed even if the device is powered down. the permanent software write protection can only be invoked on a sot23 packaged device with the a2, a1, and a0 bits set to zero. reversible software write protection (rswp) : the reversible software write protection is enabled by sending a command to the device, similar to a normal write command, which programs the reversible write protect register. this must be done with the wp pin low. the reversible write protect register is programmed by sending a write command ?01100010? (62h) with pins a 2 and a 1 tied to ground or not connected and the a 0 pin connected to v hv (see figure 7-2 access area bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 eeprom 1 0 1 0 a 2 a 1 a 0 r/ w eui or serial number read 1 0 1 1 a 2 a 1 a 0 1
12 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 on page 12 and table 7-2 on page 13 ). the reversible write protection register or write protection can be reversed by sending a command ?01100110? (66h) with the a 2 pin tied to ground or no connect, the a 1 pin tied to v cc and the a 0 pin tied to v hv (see figure 7-3 on page 12 and table 7-2 on page 13 ). due to the unavailability of the a 2 , a 1 , and a 0 pins, the reversible software write protection function is not available on the sot23 package. hardware write protection: the wp pin can be connected to v cc , gnd, or left floating. connecting the wp pin to v cc will write protect the entire array regardless of whether or not the software write protection has been enabled or invoked (see table 7-3 on page 13 and table 7-4 on page 14 ). the software write protection register cannot be programmed when the wp pin is connected to v cc . if the wp pin is connected to gnd or left floating, the write protection mode is determined by the status of the software write protect register. figure 7-1. setting permanent write protect register (pswp) figure 7-2. setting reversible write protect register (rswp) figure 7-3. clearing reversible write protect register (rswp) sda line word address data control byte 0 1 1 0 a2 a1 a0 0 s t a r t s t o p a c k a c k a c k = don?t care 0110 0 1 00 sda line word address data control byte s t a r t s t o p a c k a c k a c k = don?t care 0110 0 1 01 sda line word address data control byte s t a r t s t o p a c k a c k a c k = don?t care
13 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 table 7-1. write protection table 7-2. v hv note: v hv ? v cc > 4.8v table 7-3. wp connected to gnd or floating pin preamble r/ w command a 2 a 1 a 0 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 set pswp a 2 a 1 a 0 0 1 1 0 a 2 a 1 a 0 0 set rswp 0 0 v hv 0 1 1 0 0 0 1 0 clear rswp 0 v cc v hv 0 1 1 0 0 1 1 0 min max units v hv 7 10 v wp connected to gnd or floating command r/ w bit permanent write protect register pswp reversible write protect register rswp response from device action from device 1010 r x x ack read array. 1010 w programmed x ack can write to second-half (80h - ffh) only. 1010 w x programmed ack can write to second-half (80h - ffh) only. 1010 w not programmed not programmed ack can write to full array. read pswp r programmed x no ack stop ? indicates permanent write protect register is programmed. read pswp r not programmed x ack data read out is undefined. indicates pswp register is not programmed. set pswp w programmed x no ack stop ? indicates permanent write protect register is programmed. set pswp w not programmed x ack program permanent write protect register (irreversible). read rswp r x programmed no ack stop ? indicates reversible write protect register is programmed. read rswp r x not programmed ack data read out is undefined. indicates rswp register is not programmed. set rswp w x programmed no ack stop ? indicates reversible write protect register is programmed. set rswp w x not programmed ack program reversible write protect register (reversible). clear rswp w programmed x no ack stop ? indicates permanent write protect register is programmed. clear rswp w not programmed x ack clear (unprogram) reversible write protect register (reversible).
14 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 table 7-4. wp connected to v cc wp connected to v cc command r/ w bit permanent write protect register pswp reversible write protect register rswp response from device action from device 1010 r x x ack read array. 1010 w x x ack device is write protected. read pswp r programmed x no ack stop ? indicates permanent write protect register is programmed. read pswp r not programmed x ack data read out is undefined. indicates pswp register is not programmed. set pswp w programmed x no ack stop ? indicates permanent write protect register is programmed. set pswp w not programmed x ack cannot program write protect registers. read rswp r x programmed no ack stop ? indicates reversible write protect register is programmed. read rswp r x not programmed ack data read out is undefined. indicates rswp register is not programmed. set rswp w x programmed no ack stop ? indicates reversible write protect register is programmed. set rswp w x not programmed ack cannot program write protect registers. clear rswp w programmed x no ack stop ? indicates permanent write protect register is programmed. clear rswp w not programmed x ack cannot write to write protect registers.
15 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 8. read operations read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. there are three types of read operations: ? current address read ? random address read ? sequential read current address read: the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address stays valid between operations as long as v cc to the chip is maintained. the address roll-over during read is from the last byte of the last memory page to the first byte of the first page. once the device address with the read/write select bit set to one is clocked in and acknowledged by the eeprom, the current address data word is serially clocked out. to end the command, the microcontroller does not respond with a zero but does generate a stop condition in the subsequent clock cycle (see figure 8-3 on page 17 ). random read: a random read requires a dummy byte write sequence to load in the data word address. once the device address word and data word address are clocked in and acknowledged by the eeprom, the microcontroller must generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. to end the random read sequence, the microcontroller does not respond with a zero but does generate a stop condition in the subsequent clock cycle (see figure 8-4 on page 17 ). sequential read: sequential reads are initiated by either a current address read or a random address read. after the microcontroller receives a data word, it responds with an acknowledge. as long as the serial eeprom receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. when the memory address limit is reached, the data word address will ?roll over? and the sequential read will continue. the sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition in the subsequent clock cycle (see figure 8-5 on page 17 ). serial number read: reading the serial number is similar to the sequential read sequence but requires use of a different device address value as shown in figure 8-6 on page 18 , followed by a dummy write, and the use of a specific word address. note: the entire 128-bit value must be read from the starting address of the serial number block to guarantee a unique number. since the address pointer of the device is shared between the regular eeprom array and the serial number block, a dummy write sequence should be performed to ensure the address pointer is set to zero. random reads of the serial number block are supported but if the previous operation was to the eeprom array, the address pointer will retain the last location accessed, incremented by one. reading the serial number from a location other than the first address of the block will not result in a unique serial number. additionally, the most-significant four bits of the word address must be ?1000? (8h). thus, if the application desires to read the pre-programmed serial number, then the corresponding word address input would be 80h. if a word address other than 80h is used, then the device will output undefined data. eui address read: reading the eui address is very similar to the serial number read sequence with the exceptions of the starting word address and the amount of data bytes clocked out (see figure 8-7 on page 18 ). the eui read sequence requires use of the device address values as shown in table 8-1 on page 16 , followed by a dummy write, and the use of a specific word address from figure 3-1 on page 7 for eui-48 standard or figure 3-2 on page 7 for eui-64 standard. note: the entire six byte (eui-48) or eight byte (eui-64) values must be read from the respective starting address of either 9ah (for eui-48) or 98h (for eui-64) to guarantee a unique eui data value.
16 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 since the address pointer of the device is shared between the regular eeprom array, the serial number block, and the eui block, a dummy write sequence should be performed to ensure the address pointer is set to the correct starting eui- 48 or eui-64 address. random reads of the eui block are supported, but if the previous operation was to the eeprom array or to the serial number block, the address pointer will retain the last location accessed, incremented by one. reading the eui data from a location other than the correct starting eui address of the block will not result in a unique eui data value. additionally, the most-significant four bits of the word address must be ?1001? (9h). therefore, if the application desires to read the pre-programmed eui value, then the corresponding word address input would be 9ah in the at24mac402 and 98h for the at24mac602. if a word address other than 9ah or 98h respectively is used, the device will output undefined data. once the eui block of six or eight bytes of data have been clocked out of the device, the eui read operation will end when the microcontroller does not respond with a zero or acknowledge, but then creates a stop condition. it is important to note that the data word address will not roll-over back to the beginning of the respective eui starting address. if the read operation continues past the last eui data value, the data word address will roll-over back to the beginning of the extended memory block where the 128-bit serial number will begin to read out. therefore, every eui read sequence attempt requires a valid starting address in the dummy write sequence as shown in figure 8-7 on page 18 . checking the permanent write protect register (pswp) status: determining the status of the permanent write protect register can be accomplished by sending a similar command to the device as was used when programming the register, except the r/w bit must be set to one. if the device responds with an acknowledge, the permanent write protect register has not been programmed; otherwise, it has been programmed and the first-half of the array is permanently write protected. checking the reversible write protect register (rswp) status: determining the status of the reversible write protect register can be accomplished by sending a similar command to the device as was used when programming the register, except the r/w bit must be set to one. if the device returns an acknowledge, the reversible write protect register has not been programmed; otherwise, it has been programmed and the first-half of the array is write protected, but remains reversible. table 8-1. pswp and rswp status figure 8-1. byte write pin preamble r/ w command a 2 a 1 a 0 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 read pswp a 2 a 1 a 0 0 1 1 0 a 2 a 1 a 0 1 read rswp 0 0 a 0 0 1 1 0 0 0 1 1 s t a r t s t o p w r i t e device address word address data sda line m s b l s b r / w a c k a c k a c k
17 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 figure 8-2. page write figure 8-3. current address read figure 8-4. random read figure 8-5. sequential read s t a r t s t o p w r i t e device address sda line word address data (n) data (n + 1) data (n + x) m s b l s b r / w a c k a c k a c k a c k a c k device address data s t a r t r e a d s t o p sda line m s b l s b r / w a c k n o a c k sda line s t a r t w r i t e s t a r t r e a d s t o p device address word address (n) device address data (n) dummy write m s b r / w a c k n o a c k a c k a c k r / w a c k a c k a c k a c k n o a c k sda line r e a d s t o p device address data (n + x) data (n + 2) data (n + 1) data (n)
18 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 figure 8-6. serial number read figure 8-7. eui address read sda line device address word address (n) device address s t a r t w r i t e s t a r t r e a d a c k a c k a c k a c k r / w 1 0 1 1 1 0 0 0 0 0 0 0 1 0 1 1 m s b dummy write serial number data byte 0h serial number data byte 1h serial number data byte 2h serial number data byte 3h serial number data byte fh n o a c k s t o p sda line device address word address (n) device address s t a r t w r i t e s t a r t r e a d a c k a c k a c k a c k r / w 1 0 0 1 * * * * 1 0 1 1 1 0 1 1 m s b dummy write n o a c k s t o p eui address data byte (n) eui address data byte (n + 1) eui address data byte (n + 2) eui address data byte (n + 3) eui address data byte (n + x) a c k a c k * = 1010 (ah) for 48-bit eui and 1000 (8h) for 64-bit eui.
19 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 9. ordering information 9.1 ordering code detail 24m a c 0 42ss ? at atmel designator product family 24mac = i 2 c-compatible serial eeprom with eui address feature with 128-bit serial number feature eui option 4 = eui-48 standard 6 = eui-64 standard package option ss = jedec soic x = tssop ma = udfn st = sot23 wwu = wafer unsawn m operating voltage m = 1.7v to 5.5v h package device grade o r wafer/die thickness h = green, nipdau lead finish, industrial temperature range, (?40c to +85c) u = green, matte sn lead finish, industrial temperature range, (?40c to +85c) 11 = 11 mil wafer thickness t ? shipping carrier option t = tape and reel device density 02 = 2-kbit density
20 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 9.2 atmel at24mac402 ordering codes programming of ieee assigned customer ouis (non-atmel ouis) in conjunction with specific blocks of eui-48 values is available. please contact atmel for more details. additional package types that are not listed may be available. please contact atmel for more details. notes: 1. t = tape and reel ? soic = 4k per reel ? tssop, udfn, and sot23 = 5k per reel 2. for wafer sales, please contact atmel sales. atmel ordering codes package voltage operation range at24mac402-sshm-t (1) (nipdau lead finish) 8s1 1.7v to 5.5v lead-free/halogen-free/ industrial temperature (?40c to 85c) at24mac402-xhm-t (1) (nipdau lead finish) 8x at24mac402-mahm-t (1) (nipdau lead finish) 8ma2 at24mac402-stum-t (1) 5ts1 at24mac402-wwu11m (2) wafer sale industrial temperature (?40c to 85c) package type 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8x 8-lead, 0.170" wide, thin shrink small outline (tssop) 8ma2 8-pad, 2.00mm x 3.00mm body, 0.50mm pitch, ultra thin dual no lead (udfn) 5ts1 5-lead, 2.90mm x 1.60mm body, plastic thin shrink small outline (sot23)
21 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 9.3 atmel at24mac602 ordering codes programming of ieee assigned customer ouis (non-atmel ouis) in conjunction with specific blocks of eui-64 values is available. please contact atmel for more details. additional package types that are not listed may be available. please contact atmel for more details. notes: 1. t = tape and reel ? soic = 4k per reel ? tssop, udfn and sot23 = 5k per reel 2. for wafer sales, please contact atmel sales. atmel ordering codes package voltage operation range at24mac602-sshm-t (1) (nipdau lead finish) 8s1 1.7v to 5.5v lead-free/halogen-free/ industrial temperature (?40c to 85c) at24mac602-xhm-t (1) (nipdau lead finish) 8x at24mac602-mahm-t (1) (nipdau lead finish) 8ma2 at24mac602-stum-t (1) 5ts1 at24mac602-wwu11m (2) wafer sale industrial temperature (?40c to 85c) package type 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8x 8-lead, 0.170" wide, thin shrink small outline (tssop) 8ma2 8-pad, 2.00mm x 3.00mm body, 0.50mm pitch, ultra thin dual no lead (udfn) 5ts1 5-lead, 2.90mm x 1.60mm body, plastic thin shrink small outline (sot23)
22 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 10. part markings drawing no. rev. title catalog number truncation at24mac402 truncation code ##: p4 at24mac602 truncation code ##: p6 aaaaaaaa ## m @ atmlhyww 8-lead soic 8-lead tssop aaaaaaa ## m @ athyww 8-lead udfn ## hm@ yxx 2.0 x 3.0 mm body 5-lead sot-23 ## mu ymxx bottom mark top mark note 2: package drawings are not to scale note 1: designates pin 1 package mark contact: dl-cso-assy_eng@atmel.com 24mac402-602csm c 4/3/12 24mac402-602sm, at24mac402 and at24mac602 package marking information date codes voltages y = year m = month ww = work week of assembly m: 1.7v min 2: 2012 6: 2016 a: january 02: week 2 3: 2013 7: 2017 b: february 04: week 4 4: 2014 8: 2018 ... ... 5: 2015 9: 2019 l: december 52: week 52 country of assembly lot number grade/lead finish material @ = country of assembly aaa...a = atmel wafer lot number h: industrial/nipdau u: industrial/matte tin trace code atmel truncation xx = trace code (atmel lot numbers correspond to code) at: atmel example: aa, ab.... yz, zz atm: atmel atml: atmel at24mac402 and at24mac602: package marking information
23 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 11. packaging information 11.1 8s1 ? 8-lead jedec soic drawing no. rev. title gpc common dimensions (unit of measure = mm) symbol min nom max note a1 0.10 ? 0.25 a 1.35 ? 1.75 b 0.31 ? 0.51 c 0.17 ? 0.25 d 4.80 ? 5.05 e1 3.81 ? 3.99 e 5.79 ? 6.20 e 1.27 bsc l 0.40 ? 1.27 ? ? 0 ? 8 ? e 1 n top view c e1 end view a b l a1 e d side view package drawing contact: packagedrawings@atmel.com 8s1 g 6/22/11 notes: this drawing is for general information only. refer to jedec drawing ms-012, variation aa for proper dimensions, tolerances, datums, etc. 8s1, 8-lead (0.150? wide body), plastic gull wing small outline (jedec soic) swb
24 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 11.2 8x ? 8-lead tssop drawing no. rev. title gpc common dimensions (unit of measure = mm) symbol min nom max note a - - 1.20 a1 0.05 - 0.15 a2 0.80 1.00 1.05 d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref c 0.09 - 0.20 side view end view top view a2 a l l1 d 1 e1 n b pin 1 indicator this corner e e notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h. h package drawing contact: packagedrawings@atmel.com 8x e 12/8/11 8x, 8-lead 4.4mm body, plastic thin shrink small outline package (tssop) tnr c a1
25 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 11.3 8ma2 ? 8-pad udfn title gpc ynz drawing no. 8ma2 rev. b common dimensions (unit of measure = mm) symbol min nom max note d 2.00 bsc e 3.00 bsc d2 1.40 1.50 1.60 e2 1.20 1.30 1.40 a 0.50 0.55 0.60 a1 0.0 0.02 0.05 a2 ? ? 0.55 c 0.152 ref l 0.30 0.35 0.40 e 0.50 bsc b 0.18 0.25 0.30 3 k 0.20 ? ? 7/15/11 d2 e2 e e (6x) l (8x) b (8x) pin#1 id a a1 a2 pin 1 id d c k 8 7 6 5 1 2 3 4 1 2 3 4 8 7 6 5 notes: 1. this drawing is for general information only. refer to jedec drawing mo-229, for proper dimensions, tolerances, datums, etc. 2. the terminal #1 id is a laser-marked feature. 3. dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. if the terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area. 8ma2, 8-pad, 2 x 3 x 0.6 mm body, thermally enhanced plastic ultra thin dual flat no lead package (udfn) package drawing contact: packagedrawings@atmel.com
26 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 11.4 5ts1 ? 5-lead sot23 drawing no. rev. title gpc package drawing contact: packagedrawings@atmel.com 5ts1 d 5/31/12 5ts1, 5-lead 1.60mm body, plastic thin shrink small outline package (shrink sot) tsz common dimensions (unit of measure = mm) symbol min nom max note a - - 1.00 a1 0.00 - 0.10 a2 0.70 0.90 1.00 c 0.08 - 0.20 3 d 2.90 bsc 1,2 e 2.80 bsc 1,2 e1 1.60 bsc 1,2 l1 0.60 ref e 0.95 bsc e1 1.90 bsc b 0.30 - 0.50 3,4 1. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 mm per end. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.15 mm per side. 2. the package top may be smaller than the package bottom. dimensions d and e1 are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 3. these dimensions apply to the flat section of the lead between 0.08 mm and 0.15 mm from the lead tip. 4. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the "b" dimension at maximum material condition. the dambar cannot be located on the lower radius of the foot. minimum space between protrusion and an adjacent lead shall not be less than 0.07 mm. this drawing is for general information only. refer to jedec drawing mo-193, variation ab for additional information. 5 4 2 l1 l c end view c a a2 a1 b e plane seating d side view e e1 e1 3 1 top view
27 atmel at24mac402/602 [datasheet] 8807a?seepr?6/12 12. revision history doc.rev. date description 8807a 06/2012 initial document release.
atmel corporation 1600 technology drive san jose, ca 95110 usa tel: (+1) (408) 441-0311 fax: (+1) (408) 487-2600 www.atmel.com atmel asia limited unit 01-5 & 16, 19f bea tower, millennium city 5 418 kwun tong roa kwun tong, kowloon hong kong tel: (+852) 2245-6100 fax: (+852) 2722-1369 atmel munich gmbh business campus parkring 4 d-85748 garching b. munich germany tel: (+49) 89-31970-0 fax: (+49) 89-3194621 atmel japan g.k. 16f shin-osaki kangyo bldg 1-6-4 osaki, shinagawa-ku tokyo 141-0032 japan tel: (+81) (3) 6417-0300 fax: (+81) (3) 6417-0370 ? 2012 atmel corporation. all rights reserved. / rev.: 8807a?seepr?6/12 disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in the atmel terms and conditions of sales locat ed on the atmel website, atmel assumes no liability whatsoever and disclaims any express, implied or statutory warranty relating to its products including, but not li mited to, the implied warranty of merchantability, fitness for a particular purpose, or non-infringement. in no event shall atmel be liable for any d irect, indirect, consequential, punitive, special or incidental damages (including, without limitation, damages for loss and profits, business i nterruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of suc h damages. atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the ri ght to make changes to specifications and products descriptions at any time without notice. atmel does not make any commitment to update the information contained herein. unless specifically provided oth erwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel products are not intended, authorized, or warranted for use as components in applications intend ed to support or sustain life. atmel ? , atmel logo and combinations thereof, enabling unlimited possibilities ? , and others are registered trademarks or trademarks of atmel corporation or its subsidiaries. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT24MAC402-SSUM-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X