Part Number Hot Search : 
KA7810E BU4312F SKY65135 ST7FLI S001M20 MT8981DE 2025B T0820
Product Description
Full Text Search
 

To Download AQY414EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aqy41 m eh 529 photomos relays gu (general use)-e type 1-channel (form b) 4-pin type mm inch 3.2 .126 6.4 .252 4.78 .188 2.9 .114 6.4 .252 4.78 .188 features 1. low on resistance for normally- closed type this has been realized thanks to the built- in mosfet processed by our proprietary method, dsd (double-diffused and se- lective doping) method. cross section of the normally-closed type of power mos                       source electrode n n + n + n + p + n + n + p + gate electrode passivation membrane cross section of the normally-closed type of power mos intermediate insulating membrane gate oxidation membrane drain electrode 2. reinforced insulation 5,000 v type more than 0.4 mm internal insulation dis- tance between inputs and outputs. con- forms to en41003, en60950 (reinforced insulation). 3. compact 4-pin dip size the device comes in a compact (w)6.4 (l)4.78 (h)3.2mm (w).252 (l).188 (h).126inch , 4-pin dip size 4. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 5. high sensitivity, low on resistance can control a maximum 0.13 a load cur- rent with a 5 ma input current. low on re- sistance of 18 w (aqy410eh). stable operation because there are no metallic contact parts. 6. low-level off state leakage current typical applications ? modem ? telephone equipment ? security equipment ? sensors types *indicate the peak ac and dc values. note: for space reasons, the initial letters of the product number "aqy", the smd terminal shape indicator "a" and the package t ype indicator "x" and "z" are omitted from the seal. type i/o isolation voltage output rating* part no. packing quantity through hole terminal surface-mount terminal load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2-pin side picked from the 3/4-pin side ac/dc type reinforced 5,000 v 350 v 130 ma aqy410eh aqy410eha aqy410ehax aqy410ehaz 1 tube contains 100 pcs. 1 batch contains 1,000 pcs. 1,000 pcs. 400 v 120 ma AQY414EH AQY414EHa AQY414EHax AQY414EHaz rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item symbol aqy410eh (a) AQY414EH (a) remarks input led forward current i f 50 ma led reverse voltage v r 3 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw output load voltage (peak ac) v l 350 v 400 v continuous load current i l 0.13 a 0.12 a peak load current i peak 0.4 a 0.3 a 100 ms (1 shot), v l = dc power dissipation p out 500 mw total power dissipation p t 550 mw i/o isolation voltage v iso 5,000 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temperatures storage t stg C40 c to +100 c C40 f to +212 f testing
aqy41 m eh 530 2. electrical characteristics (ambient temperature: 25 c 77 f ) note: recommendable led forward current i f = 5 to 10ma. for type of connection *operate/reverse time item symbol aqy410eh (a) AQY414EH (a) condition input led operate (off) current typical i foff 1.4 ma 1.3 ma i l =max. maximum 3.0 ma led reverse (on) current minimum i fon 0.4 ma i l =max. typical 1.3 ma 1.2 ma led dropout voltage typical v f 1.14 (1.25 v at i f = 50 ma) i f = 5 ma maximum 1.5 v output on resistance typical r on 18 w 26 w i f = 0 ma i l = max. within 1 s on time maximum 25 w 35 w off state leak- age current maximum i leak 10 m a i f = 5 ma v l = max. transfer char- acteristics operate (off) time* typical t off 1.0 ms 0.8 ms i f = 0 ma-->5 ma i l = max. maximum 3.0 ms reverse (on) time* typical t on 0.3 ms 0.2 ms i f = 5 ma-->0 ma i l = max. maximum 1.0 ms i/o capacitance typical c iso 0.8 pf f =1mhz v b =0 maximum 1.5 pf initial i/o isola- tion resistance minimum r iso 1,000m w 500 v dc toff input output 10% 90% ton reference data 1. load current vs. ambient temperature char- acteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f 2. on resistance vs. ambient temperature char- acteristics measured portion: between terminals 3 and 4; led current: 0 ma; load voltage: max.(dc); continuous load current: max. (dc) 3. operate (off) time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) ambient temperature, c load current, ma 0 200 150 100 50 0204060 80 85 100 ?0 ?0 aqy410eh AQY414EH on resistance, w ambient temperature, c 0 10 20 30 40 ?0 ?0 50 0204060 8085 aqy410eh AQY414EH ambient temperature, c operate (off) time, ms 0 1 0.5 1.5 2 2.5 ?0 ?0 3 0204060 80 85 n for dimensions, see page 440. n for schematic and wiring diagrams, see page 445. n for cautions for use, see page 449.
aqy41 m eh 531 4. reverse (on) time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate (off) current vs. ambient tem- perature characteristics load voltage: max. (dc); continuous load current: max. (dc) 6. led reverse (on) current vs. ambient tem- perature characteristics load voltage: max. (dc); continuous load current: max. (dc) ambient temperature, c reverse (on) time, ms 0 0.2 0.4 0.6 ?0 ?0 0.8 0204060 80 85 aqy410eh AQY414EH ambient temperature, c led operate (off) current, ma 0 1 2 3 4 ?0 ?0 5 0204060 80 85 ambient temperature, c led reverse (on) off current, ma 0 1 2 3 4 ?0 ?0 5 0204060 80 85 7. led dropout voltage vs. ambient tempera- ture characteristics led current: 5 to 50 ma 8. voltage vs. current characteristics of out-put at mos portion measured portion: between terminals 3 and 4; ambient temperature: 25 c 77 f 9. off state leakage current measured portion: between terminals 3 and 4; ambient temperature: 25 c 77 f ambient temperature, c led dropout voltage, v 0 ?0 ?0 20 40 60 80 85 1.5 1.4 1.3 1.2 1.1 1.0 0 50ma 30ma 20ma 10ma 5ma 20 40 60 80 140 120 100 ? ? ? ?.5 ?.5 ?.5 1.5 2.5 123 ?0 ?0 ?0 ?0 ?00 ?20 ?40 aqy410eh AQY414EH 0.5 voltage, v current, ma load voltage, v off state leakage current, a 10 ? 10 ? 10 ? 10 ?2 20 060 40 80 100 aqy410eh AQY414EH 10. led forward current vs. operate (off) time characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11. led forward current vs. reverse (on) time characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. applied voltage vs. output capacitance characteristics measured portion: between terminals 3 and 4; frequency: 1 mhz; ambient temperature: 25 c 77 f led forward current, ma operate (off) time, ms 10 0 2030405060 5 4 2 3 1 0 led forward current, ma reverse (on) time, ms 10 20 30 40 50 60 10 0 2030405060 0.5 0.4 0.3 0.2 0.1 0 applied voltage, v output capacitance, pf 0 120 100 80 60 40 20 10 20 30 40 60 50 0 9/1/2000 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of AQY414EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X