Part Number Hot Search : 
6EDL1SM 123M080A MBT3906 PEX81 DA121 1963AF 78L05A 100000
Product Description
Full Text Search
 

To Download AME15-515T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  99 visit us at www.aimtec.ca ac-dc converters continued on next page ame15 series 15 watt encapsulated ac-dc converter ? low ripple & noise ? high efficiency ? ce, cul approvals ? switching power modules for pcb mounting ? fully encapsulated plastic case ? universal input range 90 ... 260 vac, 47 ... 440 hz ? regulated output electrical specifications all specifications valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. specifications are subject to change without notification model no. (single output) ame15-5s ame15-12s ame15-15s ame15-24s max output wattage (w) 15w 15w 15w 15w voltage 90 ... 260 vac or 120 ... 370 vdc frequency (hz) 47 ... 440 hz current (full load) 280ma max. (115 vac) / 170ma max. (230 vac) input inrush current (<2ms) 10 a max. (115 vac) / 20 a max. (230vac) leakage current 0.75ma max. external fuse (recommended) 1.5 a slow blow type voltage (vdc) 5v 12v 15v 24v voltage accuracy 2% current (ma) max. 3000 1250 1000 625 line regulation (typ.) 0.5% load regulation (typ.) 0.5% output minimum load 0% maximum capacitive load 470-23,000 m f depending on model noise <0.5% vout +50mv max (vp-p) ripple <0.2% vout +40mv max (vp-p) efficiency 75% 80% 80% 84% hold-up time 15 ms min. switching frequency 100 khz over current protection hiccup technique, auto-recovery protection over voltage protection zener diode clamp short circuit protection hiccup mode, indefinite (automatic recovery) input-output (vac) 3000v isolation input-fg (vac) 1500v outut-fg (vac) 500v operating temperature -25c ... +71c storage temperature -40c ... +85c environment temperature coefficient 0.02% / c humidity 95% rh mtbf >210,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 2.91 x 2.13 x 0.87 inches (74.0 x 54.0 x 22.0 mm) case material plastic resin + fiberglass (flammability to ul 94v-0) physical weight 140g cooling method free air convection safety agency approvals cul, ce emi (conducted & radiated emission) en 55022 class b emc ems (noise immunity) en 55024
100 to order call 1-888-9-aimtec ac-dc converters ame15 series 15 watt encapsulated ac-dc converter electrical specifications all specifications valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. specifications are subject to change without notification model no. (dual & triple output) ame15-5d ame15-12d ame15-15d ame15-512t AME15-515T max output wattage (w) 15w 15w 15w 15w 10w voltage 90 ... 260 vac or 120 ... 370 vdc frequency (hz) 47 ... 440 hz current (full load) 280ma max. (115 vac) / 170ma max. (230 vac) input inrush current (<2ms) 10 a max. (115 vac) / 20 a max. (230vac) leakage current 0.75ma max. external fuse (recommended) 1.5 a slow blow type voltage (vdc) 5v 12v 15v 5/12v 5/15v voltage accuracy 2% current (ma) max. 1500 650 500 2000/200 2000/150 line regulation (typ.) 0.5% 0.5% 0.5% 1%/5% 1%/5% load regulation (typ.) 3% 3% 3% 2%/5% 2%/5% output minimum load 0% 0% 0% 5v 10% (200ma) 5v 10% (200ma) maximum capacitive load 470-23,000 m f depending on model noise <0.5% vout +50mv max (vp-p) ripple <0.2% vout +40mv max (vp-p) efficiency 75% 79% 79% 75% 75% hold-up time 15 ms min. switching frequency 100 khz over current protection hiccup technique, auto-recovery protection over voltage protection zener diode clamp short circuit protection hiccup mode, indefinite (automatic recovery) input-output (vac) 3000v isolation input-fg (vac) 1500v outut-fg (vac) 500v operating temperature -25c ... +71c storage temperature -40c ... +85c environment temperature coefficient 0.02% / c humidity 95% rh mtbf >210,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 2.91 x 2.13 x 0.87 inches (74.0 x 54.0 x 22.0 mm) case material plastic resin + fiberglass (flammability to ul 94v-0) physical weight 140g cooling method free air convection safety agency approvals cul, ce emi (conducted & radiated emission) en 55022 class b emc ems (noise immunity) en 55024
101 visit us at www.aimtec.ca ac-dc converters ame15 series outline dimensions & pin connections mechanical dimension (top view) derating block diagram pin single dual triple fg ac input (n) ac input (l) no pin -dc output no pin +dc output no pin fg ac input (n) ac input (l) no pin -dc output common +dc output no pin fg ac input (n) ac input (l) -dc output common +dc output common +5v output 1 2 3 4 5 6 7 8


▲Up To Search▲   

 
Price & Availability of AME15-515T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X