Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download 87012-1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0870121008 status: active overview: sca2 description: 1.27mm (.050") pitch sca-2 plug, through hole, right angle, 40 circuits, lead-free documents: 3d model product specification ps-87012-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 87012 application board-to-board overview sca2 product name sca-2 physical breakaway no circuits (loaded) 40 circuits (maximum) 40 color - resin black durability (mating cycles max) 500 first mate / last break no glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part none material - metal brass material - plating mating gold, tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.059 in pc tail length (mm) 1.50 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.040 in pcb thickness recommended (mm) 1.00 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 152.4, 30.4 plating min: mating (m) 0.76, 3.81 plating min: termination (in) 152.4 plating min: termination (m) 3.81 polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 30v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87012 series mates with ebbi? 50d receptacle 73826link:71743 , 73829 , 71744. sca-2 receptacle 87557 , 8 7620
solder process data duration at max. process temperature (seconds) 180 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 227 material info reference - drawing numbers packaging specification pk-89990-610 product specification ps-87012-0001 sales drawing sd-87012-0008 this document was generated on 05/31/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 87012-1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X