Part Number Hot Search : 
T6A6CI MBR645 SMBJ54 TT5665 DI150 SMBJ54 TA8473F PRODUCTS
Product Description
Full Text Search
 

To Download 850424268 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850424268 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 receptacle, style c/2+ clip dimensions, 48 circuits documents: 3d model product specification ps-85042-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85042 application backplane component type pcb receptacle overview din_41612 product name iec 603-2/din 41612 style c/2 physical circuits (loaded) 48 circuits (maximum) 48 circuits detail rows a, b, & c durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes number of columns 16 number of pairs open pin field number of rows 3 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in, 0.157 in pcb thickness recommended (mm) 1.60 mm, 4.00 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c electrical current - maximum per contact 1a data rate 622.0 mbps real signals (per 25mm) 30 shielded no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85042 series mates with din 41612 headers 85003 , 85013
voltage - maximum 250v ac (rms) material info reference - drawing numbers product specification ps-85042-001 sales drawing sd-85042-0002, sd-85042-002 this document was generated on 05/17/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 850424268

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X