Part Number Hot Search : 
CT244 BB4110 M67730L R48S1 61089 NC7NZ AZ4580M P4NB100
Product Description
Full Text Search
 

To Download 5A-12S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  broadband telcom power, inc. ? 1719 s. grand avenue, santa ana, ca 92705 u.s.a. t el.: 714 - 259 - 4888 ? fax: 714 - 259 - 0840? www.btcpower.com ? email: sales@btcpower.com ds lp 5a rev2 16 - 1 - 04 broadband telcom power, inc. btcpower btcpower tm redefining ?current? limits in power conversion 5a series 6w - 24w wide input dc - dc converters features 6w - 24w non - isolated output 24 - pin dip package regulated outputs up to 94% efficiency input lc filter low ripple and noise model input output output input current % efficiency case number voltage voltage current no load full load 5a - 05s33 4.7 - 6 vdc 3.3 vdc 2000 ma 15 ma 1535 ma 86 5a - 12s33 9 - 32 vdc 3.3 vdc 2000 ma 15 ma 647 ma 85 5a - 12s05 9 - 32 vdc 5 vdc 2000 ma 15 ma 947 ma 88 5a - 12s12 9 - 32 vdc 12 vdc 830 ma 15 ma 954 ma 87 a 5a - 12s15 9 - 32 vdc 15 vdc 666 ma 15 ma 957 ma 87 5a - 24s12 16 - 32 vdc 12 vdc 1600 ma 15 ma 860 ma 93 5a - 24s15 19 - 32 vdc 15 vdc 1600 ma 15 ma 1053 ma 94 note: nominal input voltage 5, 12, or 24vdc
5a series 6w - 24w wide input dc - dc converters btcpower btcpower t m broadband telcom power, inc. ? 1719 s. grand avenue, santa ana, ca 92705 u.s.a. tel.: 714 - 259 - 4888 ? fax: 714 - 259 - 0840? www.btcpower.com ? email: sales@btcpower.com ds lp 5a rev2 16 - 1 - 04 specifications input specifications: input voltage range????????..?5v????.??..4.7 - 6v 12v?????..? 9 - 32v 24v??????.16 - 32v 24v??????.19 - 32v input filter?????????????????????.lc type output specific ations: voltage accuracy?????.. ??????????.+/ - 2.0 % max. ripple & noise, 20 mhz bw??.?3.3v/5v?..? 100 mv p - p max. 12v / 15v?????1% p - p max. temperature coeffcient?????????? +/ - 0.05 % / o c max. over current protection????????????..??120~15 0% line regulation 1 ????.?????????..?..+/ - 0.5 % max. load regulation 2 ????????...?????.?.+/ - 0.5 % max. general specifications : efficiency??????????????????..??...see table switching frequency??????????????..150 khz, typ. operating temperature rang e?????????? - 25 o c ~ +71 o c case temperature????????????????.100 o c max. cooling??????????????..???..free air convection storage temperature range????????..?.. - 40 o c ~ +100 o c cooling??????????????????free air convection isolation voltage(input / output)?????? ?.???non - isolaltion dimensions????.??1.25? x 0.8? x 0.4 ?(31.8 x 20.3 x 10.2 mm) standard models(material)??????..black coated copper with non - conducted base outline information and pin - out pin connection pin function pin function 1 np 24 np 2 - v input 23 + v input 3 - v input 22 + v input 9 - v output 16 - v output 10 nc 15 nc 11 +v output 14 + v output 12 np 13 np np --- no pin * nc --- no connection with pin all dimensions are in inches [mm] all pins sizes are dia. 0.02? [0.508mm ] and 0.14?[0.35mm] length note: 1. measured from high line to low line 2. measured from full load to 10% load the information and specifications contained in this brief are believed to be accurate and reliable at the time of publication. specifications are subject to change without notice. refer to product specification sheet for performance characteristics and application guidelines.


▲Up To Search▲   

 
Price & Availability of 5A-12S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X