Part Number Hot Search : 
IRF83 26150 12W12 TDA2051V SBT1045 P78083 SP7615ER MC145
Product Description
Full Text Search
 

To Download 559-6001-007F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits p rohs compliant p long life - typically 100k hours p high brightness for daylight viewing p non-tinted/non-diffused p low power consumption - uses up to 90% less energy than an incandescent indicator p front panel snap-in mounting requires no additional hardware p no heat generated p resistant to shock and vibration p termination - straight terminals for wire wrapping or lead wire for soldering or optional terminals p colors include - red, green, yellow. orange and blue 559 series - daylight viewable snap-in led - .250 mounting hole panel mount indicators mdel559dv001_d applications dialight's 559 series led panel mount indicator is available with a variety of leds including alingap and ingan technology for high brightness applications, bicolor and integral resistors. these indicators are designed for a variety of applications such as: ? main and remote power indication ? maintenance and warning indication ? status indication ? instrumentation ..and many more! specifications p voltage requirements: p *operating temperature: -30c to +85c 2.1 - 3.5 vdc typical (current limiting resistor required) p *storage temperature: -40c to +100c p mounting hole size: 0.249 - 0.252" (6.32 - 6.40 mm) p electrical connection p panel thickness: 0.031 - 0.062" (.787 - 1.57 mm) straight terminals for wire wrapping or either p housing: black housing material meets 6 or 14 inch 24 awg lead wire ul94v-0 and enhances led contrast dialight reserves the right to make changes at any time in order to supply the best product possible. straight terminals - termination option 001 **24 awg 6 wire leads - termination option 003 **24 awg 14 wire leads - termination option 007 note: wire lead color red (anode) and black (cathode) dimensions in inches [mm] .281[7.41] .020 [0.5] sq. anode .100 [2.54] .050 [1.25] .300 [7.62] min .210[5.33] max .625[15.88] max ref .125 [3.18] ref .500[12.70] typ ** * based on led color - contact factory for details dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com dialight europe ltd exning road ? newmarket ? suffolk, united kingdom, cb8 0ax tel :+44 (0)1638 666541 ? www.dialight.com
559 series - daylight viewable snap-in - .250 mounting hole led panel mount indicators led panel mount indicator selection dialights line of led panel mount indicators are available in a variety of sizes and options. please visit our website for more information. www.dialight.com u .156 (3.96mm) 558 series u 8mm 608 series u .250 (6.35mm) 559 series u 9mm 609 series u 5mm 605 series u 10mm 610 series u 6mm 606 series u 11/16 watertight 557 series u 7mm 607 series u 1 watertight 556 series non-tinted/non-diffused part number color peak wavelength (nm) intensity typ. (mcd) lf typ. (ma) vf typ. (v) viewing angle 2? 1/2 max. forward current (ma) termination rohs compliant 559-5901-001f amber 592 3100 20 2.0 15 50 straight terminals a 559-6001-001f blue 470 1500 20 3.6 30 30 straight terminals a 559-6101-001f red 635 2100 20 1.9 15 50 straight terminals a 559-6201-001f green 525 2200 20 3.5 30 30 straight terminals a 559-6301-001f orange 605 1300 20 1.9 15 45 straight terminals a 559-6401-001f white * 600 20 3.5 45 30 straight terminals a 559-5901-003f amber 592 3100 20 2.0 15 50 6 inch wire leads a 559-6001-003f blue 470 1500 20 3.6 30 30 6 inch wire leads a 559-6101-003f red 635 2100 20 1.9 15 50 6 inch wire leads a 559-6201-003f green 525 2200 20 3.5 30 30 6 inch wire leads a 559-6301-003f orange 605 1300 20 1.9 15 45 6 inch wire leads a 559-6401-003f white * 600 20 3.5 45 30 6 inch wire leads a 559-5901-007f amber 592 3100 20 2.0 15 50 14 inch wire leads a 559-6001-007F blue 470 1500 20 3.6 30 30 14 inch wire leads a 559-6101-007f red 635 2100 20 1.9 15 50 14 inch wire leads a 559-6201-007f green 525 2200 20 3.5 30 30 14 inch wire leads a 559-6301-007f orange 605 4000 20 1.9 15 45 14 inch wire leads a 559-6401-007f white * 600 20 3.5 45 30 14 inch wire leads a * white color coordinates min max x 0.23 0.39 y 0.22 0.42 typical operating characteristics (ta=25 o c) mdel559dv001_d dialight reserves the right to make changes at any time in order to supply the best product possible. dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com dialight europe ltd exning road ? newmarket ? suffolk, united kingdom, cb8 0ax tel :+44 (0)1638 666541 ? www.dialight.com


▲Up To Search▲   

 
Price & Availability of 559-6001-007F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X