Part Number Hot Search : 
OP177 S05A80PT S12DG128 AS1012 LM78M00 29L152C 33AXI AX489EC
Product Description
Full Text Search
 

To Download 2N7227 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com n-channel mosfet qualified per mil-prf-19500/592 t4-lds-0050 rev. 1 (072808) page 1 of 2 devices levels 2N7227 2N7227u jan jantx jantxv absolute maximum ratings (t c = +25c unless otherwise noted) parameters / test conditions symbol value unit drain ? source voltage v ds 400 vdc gate ? source voltage v gs 20 vdc continuous drain current t c = +25c i d1 14.0 adc continuous drain current t c = +100c i d2 9.0 adc max. power dissipation t c = +25c p tl 150 (1) w drain to source on state resistance r ds(on) 0.315 (2) operating & storage temperature t op , t stg -55 to +150 c note: (1) derated linearly by 1.2 w/c for t c > +25c (2) v gs = 10vdc, i d = 9a electrical characteristics (t a = +25c, unless otherwise noted) parameters / test conditions symbol min. max. unit drain-source breakdown voltage v gs = 0v, i d = 1madc v (br)dss 400 vdc gate-source voltage (threshold) v ds v gs , i d = 0.25ma v ds v gs , i d = 0.25ma, t j = +125c v ds v gs , i d = 0.25ma, t j = -55c v gs(th)1 v gs(th)2 v gs(th)3 2.0 1.0 4.0 5.0 vdc gate current v gs = 20v, v ds = 0v v gs = 20v, v ds = 0v, t j = +125c i gss1 i gss2 100 200 nadc drain current v gs = 0v, v ds = 320v v gs = 0v, v ds = 320v, t j = +125c i dss1 i dss2 25 0.25 adc madc static drain-source on-state resistance v gs = 10v, i d = 9.0a pulsed v gs = 10v, i d = 14.0a pulsed t j = +125c v gs = 10v, i d = 9.0a pulsed r ds(on)1 r ds(on)2 r ds(on)3 0.315 0.415 0.68 diode forward voltage v gs = 0v, i d = 14a pulsed v sd 1.7 vdc to-254aa u-pkg (u3) to-276ab
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com n-channel mosfet qualified per mil-prf-19500/592 t4-lds-0050 rev. 1 (072808) page 2 of 2 dynamic characteristics parameters / test conditions symbol min. max. unit gate charge: on-state gate charge gate to source charge gate to drain charge v gs = 10v, i d = 14a v ds = 50v q g(on) q gs q gd 110 18 65 nc switching characteristics parameters / test conditions symbol min. max. unit switching time tests: turn-on delay time rinse time turn-off delay time fall time i d = 14a, v gs = 10vdc, gate drive impedance = 7.5 , v dd = 200vdc t d(on) t r t d(off) t f 35 190 170 130 ns diode reverse recovery time di/dt 100a/s, v dd 30v, i f = 14a t rr 1200 ns


▲Up To Search▲   

 
Price & Availability of 2N7227

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X