Part Number Hot Search : 
1N4749A UF1006 DS050 BC846B H5007 2SB1474 L1043GD PBDF106
Product Description
Full Text Search
 

To Download 1N4004G-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4001g-lfr thru 1n4007g-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com a general purpose glass passivated rectifier 1n4001g-lfr thru 1n4007g-lfr features z ul 94v0 flame retardant epoxy molding compound z glass passivated chip junction z low cost z high surge current capability z rohs mechanical data z case: transfer molded, do41, dimensions in inches and (millimeters) z leads: solderable per mil-std-202, method 208 z polarity cathode indicated by color band z weight: 0.34 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol 1n4001g -lfr 1n4002g -lfr 1n4003g -lfr 1n4004g -lfr 1n4005g -lfr 1n4006g -lfr 1n4007g -lfr units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375? (9.5mm) lead length at ta=55 oc i o 1.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 30 a typical junction capacitance (note 1) c j 15 pf typical thermal resistance (note 2) r ja 50 /w storage temperature range t stg -55 to + 175 oc operating temperature range t op -55 to + 175 oc electrical characteristics (at t a =25 c unless otherwise noted) characteristics symbol 1n4001g -lfr 1n4002g -lfr 1n4003g -lfr 1n4004g -lfr 1n4005g -lfr 1n4006g -lfr 1n4007g -lfr units maximum forward voltage at i o dc v f 1.1 v maximum reverse current at 25 oc i r 5 a maximum reverse current at 100 oc i r 50 a note: 1. measured at 1mhz and applied reverse voltage of 4.0 volts 2. both leads attatched to heatsi nk 20x20x1t(mm) copper pla te at lead length 5mm .205(5.2) .166(4.2) 1.0(25.4) min .034(0.9) .028(0.7) 1.0(25.4) min .107(2.7) .080(2.0)
1n4001g-lfr thru 1n4007g-lfr page: 2 fig. 1 - typical forward current derating curve 1.0 .8 .6 .4 .2 0 average forward current, (a) 0 25 50 75 100 125 150 175 ambient temperature , ( ) fig. 2 - typical instantaneous forward characteristics 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 instantaneous forward current, (a) .6 .8 1.0 1.2 1.4 1.5 instantaneous forward voltage, (v) fig. 5 -typical junction capacitance reverse voltage, (v) junction capacitance, ( p f) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 t j = 25 pulse width=300us 1% duty cycle 8.3ms single half sine-wave (jedec method) single phase half wave 60h z resistive or inductive load fig. 3 - maximum non-repetitive forward surge current 50 40 30 20 10 0 peak forward surge current, (a) 1 2 4 6 8 10 20 40 60 80100 number of cycles at 60h z fig. 4 - typical reverse characteristics 10 4 1.0 .4 .1 .04 .01 instantaneous reverse current, ( u a) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j = 25


▲Up To Search▲   

 
Price & Availability of 1N4004G-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X