Part Number Hot Search : 
MAX1902 RT0302 SB3150 01700 14020 5257B IRF1010E P0803
Product Description
Full Text Search
 

To Download 1653340001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  176 rsf 1 part no. 0270320000 11/50/60 (.43/1.97/2.36) 12 (.47) 600 v / 40 a / #14? awg 300 v / 50 a / #14? awg t ype part no. ts 32 0122800000 ts 32 0676100000 sst 3 0152700000 ewk l (85) 0206160000 ap (3) 0270420000 tw (2) 3833500000 tw (0.5) 0474700000 ql 2 0267400000 ql 3 0267500000 ql 4 0267600000 ql 10 0341700000 vh 17.5 0285200000 bs (m3 x 25) 0292500000 ss 0164400000 vl 2 0528400000 vh 27 0309400000 bs (m3 x 35) 0309800000 ps (4) 0299600000 stb 18 0286500000 adp 2 0485300000 hp 2 0485660000 9100200000 9100300000 9100400000 dek 5/8 1653340001 dek 5/8 1653350001 *to accommodate two hooked bladed crimps back-to-back per terminal, one should be located in the current bar slot, the second through the lower part of the clamp. note: final number in model indicates no. of poles (e.g. ql 2 = 2 poles). for additional information, see accessories section. rsf 3 part no. 0497560000 9501160000 8/50/60 (.31/1.97/2.36) 12 (.47) 600 v / 25 a / #22?2 awg 600 v / 25 a / #22?2 awg t ype part no. ts 32 0122800000 ts 32 0676100000 sst 3 0152700000 ewk 1 (8.5) 0206160000 ap (3) 0270460000 tw (1.5) 3877960000 tw (2) 3833500000 tw (0.5) 0474700000 tsch 1 0319160000 ql 2 0194300000 ql 3 0194400000 ql 4 0194500000 ql 10 0338300000 vh 13.5 0248500000 bs (m3 x 20) 0303000000 ps (2.3) 0180400000 stb 14 0168600000 adp 2 0485300000 hp 2 0485660000 9100500000 9100600000 dek 5/8 1653340001 dek 5/8 1653350001 screw clamp connections spring loaded a vailable options version molding material ts 32 polyamide ts 35 polyamide ts 32 melamlne dimensions w idth / length / height mm (in.) with ts 32 insulating stripping length mm (in.) t echnical data rated voltage / rated current / wire size ul csa t erminal rail (2 m) steel steel (m6 slots) locking pin (1 m)?ptional steel end bracket (thickness mm) end plate (thickness mm) polyamide melamine partition (thickness mm) polyamide resin bonded paper resin bonded paper small partition polyamide jumper sleeve screw w asher switching link 2-way sleeve screw t est plugs plug plug bolt cover (1 m) t ransparent cover support bracket hooked blade crimp* #22?6 awg #16?4 awg #12?0 awg marking tags all marking systems are shown in accessories section.


▲Up To Search▲   

 
Price & Availability of 1653340001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X