Part Number Hot Search : 
170M1321 83627 KBJ1508 SM5S11A CM312 2N700 1222M0 55N1T
Product Description
Full Text Search
 

To Download 1221200000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | heavy duty connectors | inserts | he series | screw connection - 1 - general ordering data order no. 1221200000 part designation hdc he 24 fs 25-48 version hdc insert, socket, 500 v, 16 a, poles: 24 + pe, screw connection, bg: 8 ean 4008190014896 qty. 1 pc(s). product notes note, ordering data please use the following inserts for size 12 (48- pole): he 24 fs + he 24 fs 25-48 note, technical data the rated current for he inserts up to 6 poles is 24 a. function assignment 25-48 note, accessories for additional accessories, refer to accessories chapter. dimensions high connection part, female insert e 16 mm high socket c 31.5 mm total length a 111 mm general data colour beige insulating material group iiia insulation material pc glass-fibre reinforced (ul-listed and railway- certified) insulation resistance 10 10 no. of poles, total 24 + pe plugging cycles, silver 500 pollution severity 3 temperature, max. 125 c temperature, min. -40 c ul 94 flammability class v-0 size 8
product catalogue | heavy duty connectors | inserts | he series | screw connection - 2 - general data series he type socket type designation he 48 connection data pe rated cross-section 4 mm2 fixing screw m 4 min. tightening torque 1.2 nm blade size, crosshead size ph1 max. tightening torque 1.5 nm blade size, slotted sd 0.8 x 4.0 stripping length 10 mm max. connection cross-section, solid 0.5 mm2 min. connection cross-section, solid 4 mm2 min. connection cross-section, stranded 0.5 mm2 connection type pe screw connection max. connection cross-section, stranded 4 mm2 min. connection cross-section "f" with wire end ferrule 0.5 mm2 max. connection cross-section "f" with wire end ferrule 4 mm2 awg, min. awg 20 awg, max. awg 12 rating data rated voltage (din en 61984) 500 v rated current (din en 61984) 16 a rated voltage according to ul/csa 600 v ac/dc rated impulse voltage (din en 61984) 6 kv version type of connection screw connection blade size size ph1 blade size, slotted sd 0.6 x 3.5 min. tightening torque 0.5 nm max. tightening torque 0.55 nm stripping length 9 mm material copper alloy connection cross-section, min. 0.5 mm2 connection cross-section, max. 2.5 mm2 awg, min. awg 20 awg, max. awg 14 size 8 surface finish silver passivated volume resistance 2m clamping screw m 3
product catalogue | heavy duty connectors | inserts | he series | screw connection - 3 - approvals approvals institutes downloads pdf 1221200000_hdc_he_24_fs_25-48_stp_blatt__1.pdf dxf 1221200000_hdc_he_24_fs_25-48_stp_blatt__1.dxf iges 1221200000_hdc_he_24_fs_25-48_stp.igs step 1221200000_hdc_he_24_fs_25-48_stp.stp vrml 1221200000_hdc_he_24_fs_25-48_stp.wrl classifications etim 2.0 ec001121 etim 3.0 ec001121 eclass 4.1 27-14-08-05 eclass 5.0 27-14-34-19 eclass 5.1 27-14-34-19 similar products order no. part designation version 1200000000 hdc he 6 ms hdc insert, pin, 500 v, 24 a, poles: 6 + pe, screw connection, bg: 3 1200200000 hdc he 6 fs hdc insert, socket, 500 v, 24 a, poles: 6 + pe, screw connection, bg: 3 1203900000 hdc he 10 ms hdc insert, pin, 500 v, 16 a, poles: 10 + pe, screw connection, bg: 4 1204100000 hdc he 10 fs hdc insert, socket, 500 v, 16 a, poles: 10 + pe, screw connection, bg: 4 1207500000 hdc he 16 ms hdc insert, pin, 500 v, 16 a, poles: 16 + pe, screw connection, bg: 6 1207700000 hdc he 16 fs hdc insert, socket, 500 v, 16 a, poles: 16 + pe, screw connection, bg: 6 1211100000 hdc he 24 ms hdc insert, pin, 500 v, 16 a, poles: 24 + pe, screw connection, bg: 8 1211300000 hdc he 24 fs hdc insert, socket, 500 v, 16 a, poles: 24 + pe, screw connection, bg: 8
product catalogue | heavy duty connectors | inserts | he series | screw connection - 4 - 1215700000 hdc he 16 ms 17-32 hdc insert, pin, 500 v, 16 a, poles: 16 + pe, screw connection, bg: 6 1216100000 hdc he 16 fs 17-32 hdc insert, socket, 500 v, 16 a, poles: 16 + pe, screw connection, bg: 6 1220800000 hdc he 24 ms 25-48 hdc insert, pin, 500 v, 16 a, poles: 24 + pe, screw connection, bg: 8


▲Up To Search▲   

 
Price & Availability of 1221200000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X