Part Number Hot Search : 
BTA204W NK60Z 2SC383 NTXV1N TMPF43XX 12S100 CFD611 AC500
Product Description
Full Text Search
 

To Download 10-00120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00120 cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 awg, ul2468 speci cations: plug description (1) ?2.50 x 5.50 x 30 0.5, black insulator, p/n 50-00011 plug overmold (2) 30p, pvc, black cable description (3) ul2468, 0.16 x 41 strands, twin wire cable outer diameter 4.4 (2.2 x 2) 0.1 cable color black cable gauge awg #18 cable length 2000 50 twist tie (4) black, 89 3 rated load 12 vdc @ 5 a notes: function test: no open, no reversed polarity, no short circuit, no int hi-pot test: 600 vac, 0.5 ma, 1 sec. rohs compliant mechanical drawing: tolerance x: 0.5 mm .x: 0.3 mm .xx: 0.05 mm 1 of 3 initial date
part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00120 cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 awg, ul2468 material insulation unaged tensile strength (kfg/mm 2 min) 1.05 elongation (%min) 100 aging test condition 113c/168 h elongation (% unaged min) 65 tensile strength (% unaged min) 75 deformation (121 1 c x 1 hour) 50% cold bend (-10 1 c x 1 hour) ok heat shock (121 1 c x 1 hour) ok ame test vw-1 jacket material f0068c 48pb (4026) color black diameter ?4.4 (2.2 x 2) 0.10 cable speci cations: conductors gauge 18 awg material brass copper cord size 41/0.16 bc electrical & physical properties rated voltage 300 v rated temperature 80 c insulation resistance 0.76 (15.6 c) m / m min. resistance @ 20 c 21.8 m /m max spark test 5.0 kv conductor pvc insulation cable cross section: 2 of 3
part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00120 cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 awg, ul2468 revision notes: rev date description a may 28, 2009 initial release 3 of 3 spec sign-off veri es that you have reviewed the entire speci cation, tested a sample of the product, and con rm that it meets your requirements. this speci cation re ects the part as it will be ordered. orders will not be processed until the speci cation pages have been initialed and the approval page has been signed. this speci cation is con dential and is not to be transmitted without prior approval from tensility. signature title name date speci cation approval


▲Up To Search▲   

 
Price & Availability of 10-00120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X