Part Number Hot Search : 
MD2009DF 050UCT KIA7810A IRGPC30 LB11923 LPC11 1A102 SFA12G
Product Description
Full Text Search
 

To Download 0743003157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/15/2010 please check www.molex.com for latest part information part number: 0743003157 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board daughtercard receptacle, vertical, signal module, with guide, 144 circuits, mounted height 17.00mm (.669"), press-fit pin length 3.50mm (.138") documents: 3d model product specification ps-73780-999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 74300 application daughtercard, mezzanine component type pcb receptacle overview hdm product name hdm? style n/a physical circuits (loaded) 144 circuits (maximum) 144 color - resin black durability (mating cycles max) 250 first mate / last break no guide to mating part yes keying to mating part none material - metal copper-nickel-tin material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 24 number of pairs open pin field number of rows 6 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 30 plating min: termination (m) .88 polarized to pcb no stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74300 series mates with hdm? board-to-board backplane header 73642 , 73643 , 73644 , 74349 , 74428 , 73769 , 73781 , 73770 , 73782 , 73783 , 73771
electrical current - maximum per contact 1a data rate 1.0 gbps real signals (per 25mm) 76 shielded yes voltage - maximum 250v ac material info reference - drawing numbers product specification ps-73780-999 sales drawing sd-74300-002 hdm and high density metric are trademarks of amphenol corporation this document was generated on 05/15/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0743003157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X