Part Number Hot Search : 
2SC514 2C2484 FZT751 MJ8501 BD242C SSR5825B DWR2G W3020
Product Description
Full Text Search
 

To Download 0512332015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/12/2010 please check www.molex.com for latest part information part number: 0512332015 status: active description: crc? shielded rectangular i/o receptacle housing for male terminal, signal, 20 circuits, polarization type d, polarization position c-4 documents: drawing (pdf) product specification ps-51238-018 (pdf) product specification ps-51238-010 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family i/o connectors series 51233 application panel-mount, wire-to-wire component type housing product name crc? type n/a physical boot color n/a circuits (loaded) n/a circuits (maximum) 20 color - resin black durability (mating cycles max) 100 flammability 94v-0 gender receptacle keying to mating part yes lock to mating part yes material - metal stainless steel material - plating mating n/a material - resin polyester number of rows 5 orientation vertical pcb locator no packaging type tray panel mount front, rear pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm pitch - term. interface (in) 0.118 in pitch - term. interface (mm) 3.00 mm polarized to mating part yes polarized to pcb n/a ports 1 surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style n/a waterproof / dustproof no electrical current - maximum per contact 3.5a shielded no voltage - maximum 250v ac (rms)/dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51233 series mates with 51239-200x plug housing|54332-200x plug assembly set use with 56116, 56117, 56118 and 56119 male terminal|56377-200* receptacle shell
material info reference - drawing numbers product specification ps-51238-010, ps-51238-018, rps-51238-001 sales drawing sd-51233-008 this document was generated on 04/12/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0512332015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X