Part Number Hot Search : 
CM334 74111 H8S2631 HCT00 1SRWA APT30 TZ9203 BZT52
Product Description
Full Text Search
 

To Download 0213250MXE- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 213 series 520 mm > time-lag > 213 series please refer to www.littelfuse.com/series/213.html for current information. 213 series agency approvals agency agency file number ampere range ps e cartridge certi?cates: nbk120802-e10480 a&c leaded certi?cates: nbk120802-e10480 b&d 1a C 5a 6.3a certi?cates: 2003010207045592 200ma C 6.3a recognised file: e10480 guide: jdyx2 200ma C 6.3a file: 029862 acc. class: lr1422-30 file: 915515,811747 license: 40015638 200ma C 4a, 6.3a license: km41462 200ma C 6.3a 200ma C 6.3a features t %ftjhofeup international (iec ) st andards for use globally t "wbjmbcmfjodbsusjehf and axial lead form t .ffutuif*&$  4iffu speci?cation for time- lag fuses t 3p)4dpnqmjbouboe lead-free. applications electrical characteristic for series % of ampere rating ampere rating opening time 150% all r atings 60 minutes, minimum 210% 2 minutes, maximum 275% 0.6 sec., min.; 10 sec. max. 400% .15 sec., min.; 3 sec. max. 1000% 0.02 sec., min.; 0.3 sec. max. amp code ampere rating voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) nominal voltage drop (mv) nominal power dissipation (w) agency approvals ps e .200 0.2 250 35a@250vac 1.6000 0.22500 1500 1.6 x x xxxx x .250 0.25 250 1.0495 0.55500 1300 1.6 x x xxxx x .315 0.315 250 0.8475 1.14000 1100 1.6 x x xxxx x .400 0.4 250 0.5350 1.36000 1000 1.6 x x xxxx x .500 0.5 250 0.3700 2.90500 900 1.6 x x xxxx x .630 0.63 250 0.2750 4.80000 300 1.6 x x xxxx x .800 0.8 250 0.1635 9.42000 250 1.6 x x xxxx x 001. 1 250 0.1165 19.20000 150 1.6 x xxxxxx x 1.25 1.25 250 0.0817 27.15000 150 1.6 x xxxxxx x 01.6 1.6 250 0.0551 44.2 0000 150 1.6 x xxxxxx x 002. 2 250 0.0452 92.70500 150 1.6 x xxxxxx x 02.5 2.5 250 0.0305 138. 00000 120 1.6 x xxxxxx x 3.15 3.15 250 0.0231 202.0 0000 100 1.6 x xxxxxx x 004. 4 250 40a@250vac 0.0170 226.50500 100 1.6 x xxxxxx x 005. 5 250 50a@250vac 0.0116 314. 00000 100 1.6 x xxxxxx x 06.3 6.3 250 63a@250vac 0.0095 600.00000 100 1.6 x xxxxxx x electrical characteristic speci?cations by item ynnujnf-bhtvshfxjuituboehmbttcpezdbsusjehf fuse designed to iec speci?cation. used as supplement ary protection in appliance or vujmj[bujpofrvjqnfouupqspwjefjoejwjevbmqspufdujpogps components or internal circuits. 213 series, 5 x 20 mm, time-lag (slo-blo ? ) fuse ps e description revised: april 23, 2012
introduction to circuit protection introduction to circuit protection transientology ? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 213 series 520 mm > time-lag > 213 series please refer to www.littelfuse.com/series/213.html for current information. average time current curves 1000 100 10 1 0.1 current in amperes 0.001 0.01 0.1 1 10 100 1000 10000 time in seconds 0.200a 0.250a 0.315a 0.400a 0.500a 0.630a 0.800a 1a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a temperature rerating curve soldering parameters - wave soldering dwell time 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 time (seconds) temperature (c) - measured on bottom side of board cooling time preheat time wave parameter lead-free recommendation preheat: %fqfoetpo'mvy"dujwbujpo5fnqfsbuvsf
5zqjdbm*oevtusz3fdpnnfoebujpo
5fnqfsbuvsf.jojnvn 100 c 5fnqfsbuvsf.byjnvn 150 c 1sfifbu5jnf 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: 4pmefs*spo5fnqfsbuvsf?$ ?$ )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection re?ow process. recommended process parameters:
? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 213 series 520 mm > time-lag > 213 series please refer to www.littelfuse.com/series/213.html for current information. 213 series dimensions product characteristics operating temperature o?$up ?$ thermal shock .*-45%( .fuipe( 5ftu condition b: (5 cycles C65 c to  c) vibration .*-45%( .fuipe" humidity .*-45%( .fuipe# 5ftu $poejujpo")jhi3) 
boe fmfwbufeufnqfsbuvsf  c) for 240 ipvst salt spray .*-45%( .fuipe% 5ftu condition b material body: glass cap: nickelCplated brass -fbet5jooqmbufe$pqqfs terminal strength .*-45%( .fuipe" 5ftu condition a solderability reference iec 60127, second edition 2003-01, annex a product marking $bq#sboemphp dvssfouboewpmubhf $bq"hfodzbqqspwbmnbslt4fsjft packaging "wbjmbcmfjo#vml .qdtqlh
ps po5bqf3ffm .3&5qdtsffm
0213 000p 20+0.5 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 0213 000 xep 0.65 40 22.5 max 5.8 max all dimensions in mm notes: * ratings above 6.3a have 0.8 mm dia lead part numbering system 0213 xxxx m x e p series amp code refer to amp code column of electrical characteristics table lead-free quantity code m = 1000 option codes blank : cartidge type fuse e : axial leaded fuse packaging code x = filler packaging packaging option packaging speci?cation quantity quantity & packaging code taping width 213 series bulk / " 1000 mx /" bulk /" 1000 mxe /" 3ffmboe5bqf /" 1000 .3&5 5nn w
bulk /" 1000 mxg /" bulk /" 1000 mxb /" bulk /" 100 )9 /"


▲Up To Search▲   

 
Price & Availability of 0213250MXE-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X