Part Number Hot Search : 
402A4 0100RF RG4BC DTA114E S5493 GPAF1606 RD18MW SSU2N80A
Product Description
Full Text Search
 

To Download WR34615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cell size refer ences ( d ) altern ative mode ls electrical cha racteristic s (typical value s relative to cells stored for one year or less at +30 max.) nominal capa city 8.0ah (at 50ma +20 2.0v cut off. the capacity resto red by the cell varies according to curr ent drain, temper ature and cut off). open circuit volta ge (at +20 ) 2.9v nominal volta ge (at 50ma +20 ) 2. 9v pulse capabi lity: typically up to 5000 ma (5000 ma/0.1 second pul ses, drained every 2 mn at +20 from undisch arged cells with 10 a base current, yield volt age readings abo ve 3.0v. the readings may vary according to the pulse characte ristics, the tempe rature, and the cell s previous history. fitting the cell with a capacito r may be recommend ed in severe conditio ns. consult able ) max. continu ous current 200 0ma max. pulse curre nt 500 0ma storage (recomm ended) +30 +86 f max (for more sev ere condition s, consult able) operating tem perature rang e -5 4 / +71 (operatio n above ambient t may lead to reduced cap acity and lower voltage rea dings at the beginnin g of pulses. consult able) physical char acteristic s diameter (ma x) 34.2mm (1.37 in) height (max) 61.5mm (2.46 in) typical weight 50g( 1.8oz) available term ination suffix radial tabs, radi al pins, axial leads, flying lea ds tel:0755-27996175 176 178 179 fax:0755-2799617 7 email:able@able-ba ttery.com web page: www.able-battery.com r primary lithium batteries WR34615 3.6v primary lithium-sulfur dioxide (li-so 2 ) power type d-size spiral cell primary lithium battery expert
WR34615 v o l t a g e v tel:0 75 5-2 79 96 17 5 17 6 17 8 17 9 f ax :07 55 -27 99 61 77 em ail :ab le@ ab le- ba tte ry.c om w eb p ag e: w ww. ab le- ba tte ry.c om r discharge performance 25 characteristic curves hours storage the storage area should be clean, cool (not exceeding +30 ), dry and ventilated . warning do not use if the battery casing was mangled. please discharge the battery few minutes with 100ma,if the battery voltage is lower than your need. don t use different models of battery in series. soldering the tag should be finished in few seconds . do not try to recharge. ke y fea tur es h igh a nd s tab le op era tin g vo lta ge s up eri or dr ain c ap ab ilit y l ow s elf -di sch arg e rat e ( les s tha n 3% aft er 1y ea r of st ora ge a t +20 ) o pti on al st ain les s ste el co nta ine r for l ow m ag ne tic a nd n ick le pl ate d ste el c on tai ne r for m ore s afe d es ign h erm eti c gla ss- to- me tal s ea lin g n otc h tec hn olo gy fo r saf ety v en t n on -fla mm ab le el ec tro lyt e ma in ap pli ca tio ns r ad ioc om mu nic ati on a nd o the r m ilit ary a pp lica tio ns al arm s an d se cu rity s yst em s b ea co ns a nd e me rge nc y loc ati on t ran sm itte rs g ps m ete rin g sy ste ms s on ob uo ys l ed l igh tin g ap pli ca tio ns o the rs nominal capacity 8.0ah 50ma to 2.0v . + ) ( 6 0.1 1.5 0.05 34.2max 50max 3 . 5 3 . 0 2 . 5 2 . 0 1 . 5 1 . 0 0 . 1 1 1 0 1 1 0 2 3 4 5 2000ma 6.4ah 50ma 8.0ah 1ma 8.0ah 1 0 primary lithium battery expert


▲Up To Search▲   

 
Price & Availability of WR34615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X