Part Number Hot Search : 
SFR106S T4005 ER304 480000 0R048 STF8810 CY7C4 1209S
Product Description
Full Text Search
 

To Download ST16C255004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  exar corporation 48720 kato road, fremont ca, 94538 ? (510) 668-7000 ? fax (510) 668-7017 ? www.exar.com xr st16c2550 2.97v to 5.5v duart with 16-byte fifo october 2004 rev. 4.4.0 general description the st16c2550 (c2550) is a dual universal asynchronous receiver and transmitter (uart). the st16c2550 is an improved version of the pc16550 uart with higher operating speed and faster access times. the c2550 provides enhanced uart functions with 16 byte fifo?s, a modem control interface, and data rates up to 4 mbps. onboard status registers provide the user with error indications and operational status. system interrupts and modem control features may be tailored by external software to meet specific user requirements. independent programmable baud rate generators are provided to select transmit and receive clock rates from 50 bps to 4 mbps. the baud rate generator can be configured for either crystal or external clock input. an internal loopback capability allows onboard diagno stics. the c2550 is available in a 44-pin plcc and 48-pin tqfp packages. the c2550 is fabricated in an advanced cmos process capable of operating from 2.97 volt to 5.5 volt power supply. applications ? portable appliances ? telecommunication network routers ? ethernet network routers ? cellular data devices ? factory automation and process controls features added feature in devices with top mark date code of "a2 yyww" and newer: 5 volt tolerant inputs ? pin-to-pin compatible to exar?s st16c2450, xr16l2550 and xr16l2750 ? pin-to-pin compatible to ti?s tl16c752b on the 48- tqfp package ? pin alike xr16c2850 48-tqfp package but without clk8/16, cl ksel and hdcntl inputs ? 2 independent uart channels up to 4 mbps with external clock of 64 mhz up to 1.5 mbps data rate with a 24 mhz crystal frequency 16 byte transmit fifo to reduce the bandwidth requirement of the external cpu 16 byte receive fifo with error tags to reduce the bandwidth requirement of the external cpu 4 selectable receive fi fo interrupt trigger levels modem control signals (cts#, rts#, dsr#, dtr#, ri#, cd#) programmable character lengths (5, 6, 7, 8) with even, odd, or no parity ? crystal oscillator or external clock input ? 48-tqfp and 44-plcc packages f igure 1. st16c2550 b lock d iagram xtal1 xtal2 crystal osc/buffer txa, rxa, dtra#, dsra#, rtsa#, dtsa#, cda#, ria#, op2a# 8-bit data bus interface uart channel a 16 byte tx fifo 16 byte rx fifo brg tx & rx uart regs 2.97v to 5.5v gnd txb, rxb, dtrb#, dsrb#, rtsb#, ctsb#, cdb#, rib#, op2b# uart channel b (same as channel a) a2:a0 d7:d0 csa# csb# inta intb iow# ior# reset txrdya# txrdyb# rxrdya# rdrxyb#
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 2 f igure 2. p in o ut a ssignment 48 47 46 45 44 43 42 41 40 39 38 37 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 21 22 23 24 d5 d6 d7 rxb rxa txrdyb# txa txb op2b# csa# csb# nc xtal1 xtal2 iow# cdb# gnd rxrdyb# ior# dsrb# rib# rtsb# ctsb# nc reset dtrb# dtra# rtsa# op2a# rxrdya# inta intb a0 a1 a2 nc d4 d3 d2 d1 d0 txrdya# vcc ria# cda# dsra# ctsa# nc st16c2550 48-pin tqfp 6 5 4 3 2 1 44 43 42 41 40 7 8 9 10 11 12 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 18 19 20 21 22 23 24 25 26 27 28 d5 d6 d7 rxb rxa txrdyb# txa txb op2b# csa# csb# reset dtrb# dtra# rtsa# op2a# rxrdya# inta intb a0 a1 a2 xtal1 xtal2 iow# cdb# gnd rxrdyb# ior# dsrb# rib# rtsb# ctsb# d4 d3 d2 d1 d0 txrdya# vcc ria# cda# dsra# ctsa# st16c2550 44-pin plcc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 d0 d1 d2 d3 d4 d5 d6 d7 rxb rxa txa txb op2b# csa# csb# xtal1 xtal2 iow# cdb# gnd vcc ria# cda# dsra# ctsa# reset dtrb# dtra# rtsa# op2a# inta intb a0 a1 a2 ctsb# rtsb# rib# dsrb# ior# s t 1 6 c 2 5 5 0 c p 4 0
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 3 ordering information p art n umber p ackage o perating t emperature r ange d evice s tatus st16c2550cp40 40-lead pdip 0c to +70c active. see the st16c2550cq48 for new designs. st16c2550cj44 44-lead plcc 0c to +70c active st16c2550cq48 48-lead tqfp 0c to +70c active st16c2550ip40 40-lead pdip -40c to +85c active. see the st16c2550iq48 for new designs. st16c2550ij44 44-lead plcc -40c to +85c active st16c2550iq48 48-lead tqfp -40c to +85c active
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 4 pin descriptions pin description n ame 40-pdip p in # 44-plcc p in # 48-tqfp p in # t ype d escription data bus interface a2 a1 a0 26 27 28 29 30 31 26 27 28 i address data lines [2:0]. these 3 address lines select one of the internal registers in uart channel a/b during a data bus transaction. d7 d6 d5 d4 d3 d2 d1 d0 8 7 6 5 4 3 2 1 9 8 7 6 5 4 3 2 3 2 1 48 47 46 45 44 io data bus lines [7:0] (bidirectional). ior# 21 24 19 i input/output read strobe (active low). the falling edge instigates an internal read cycle and retrieves the data byte from an internal register pointed to by the address lines [a2:a0]. the data byte is placed on the data bus to allow the host processor to read it on the rising edge. iow# 18 20 15 i input/output write strobe (a ctive low). the falling edge instigates an internal wr ite cycle and the rising edge transfers the data byte on the data bus to an internal reg - ister pointed by the address lines. csa# 14 16 10 i uart channel a select (active low) to enable uart channel a in the device for data bus operation. csb# 15 17 11 i uart channel b select (active low) to enable uart channel b in the device for data bus operation. inta 30 33 30 o uart channel a interrupt output. the output state is defined by the user and through the software setting of mcr[3]. inta is set to the active mode and op2a# out - put to a logic 0 when mcr[3] is set to a logic 1. inta is set to the three state mode and op2a# to a logic 1 when mcr[3] is set to a logic 0 (default). see mcr[3]. intb 29 32 29 o uart channel b interrupt output. the output state is defined by the user and through the software setting of mcr[3]. intb is set to the active mode and op2b# out - put to a logic 0 when mcr[3] is set to a logic 1. intb is set to the three state mode and op2b# to a logic 1 when mcr[3] is set to a logic 0 (default). see mcr[3]. txrdya# - 1 43 o uart channel a transmitter ready (active low). the out - put provides the tx fifo/thr status for transmit channel a. see ta b l e 2 . if it is not used, leave it unconnected. rxrdya# - 34 31 o uart channel a receiver ready (active low). this out - put provides the rx fifo/rhr status for receive channel a. see ta b l e 2 . if it is not used, leave it unconnected.
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 5 txrdyb# - 12 6 o uart channel b transmitter ready (active low). the out - put provides the tx fifo/thr status for transmit channel b. see ta b l e 2 . if it is not used, leave it unconnected. rxrdyb# - 23 18 o uart channel b receiver ready (active low). this out - put provides the rx fifo/rhr status for receive channel b. see ta b l e 2 . if it is not used, leave it unconnected. modem or serial i/o interface txa 11 13 7 o uart channel a transmit data. if it is not used, leave it unconnected. rxa 10 11 5 i uart channel a receive data. normal receive data input must idle at logic 1 conditio n. if it is not used, tie it to vcc or pull it high via a 100k ohm resistor. rtsa# 32 36 33 o uart channel a request-to-send (active low) or general purpose output. if it is not used, leave it unconnected. ctsa# 36 40 38 i uart channel a clear-to-send (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. dtra# 33 37 34 o uart channel a data-terminal-ready (active low) or general purpose output. if it is not used, leave it uncon - nected. dsra# 37 41 39 i uart channel a data-set-ready (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. cda# 38 42 40 i uart channel a carrier-detect (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. ria# 39 43 41 i uart channel a ring-indicator (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. op2a# 31 35 32 o output port 2 channel a - the output state is defined by the user and through the so ftware setting of mcr[3]. inta is set to the active mode and op2a# output to a logic 0 when mcr[3] is set to a logic 1. inta is set to the three state mode and op2a# to a logic 1 when mcr[3] is set to a logic 0. see mcr[3]. this output should not be used as a general output else it will disturb the inta out - put functionality. if it is not used at all, leave it uncon - nected. txb 12 14 8 o uart channel b transmit data. if it is not used, leave it unconnected. rxb 9 10 4 i uart channel b receive data. normal receive data input must idle at logic 1 conditio n. if it is not used, tie it to vcc or pull it high via a 100k ohm resistor. rtsb# 24 27 22 o uart channel b request-to-send (active low) or general purpose output. if it is not used, leave it unconnected. pin description n ame 40-pdip p in # 44-plcc p in # 48-tqfp p in # t ype d escription
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 6 n ote : pin type: i=input, o=output, io= input/output, od=output open drain. ctsb# 25 28 23 i uart channel b clear-to-send (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. dtrb# 34 38 35 o uart channel b data-terminal-ready (active low) or general purpose output. if it is not used, leave it uncon - nected. dsrb# 22 25 20 i uart channel b data-set-ready (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. cdb# 19 21 16 i uart channel b carrier-detect (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. rib# 23 26 21 i uart channel b ring-indicator (active low) or general purpose input. this input should be connected to vcc when not used. this input has no effect on the uart. op2b# 13 15 9 o output port 2 channel b - the output state is defined by the user and through the so ftware setting of mcr[3]. intb is set to the active mode and op2b# output to a logic 0 when mcr[3] is set to a logic 1. intb is set to the three state mode and op2b# to a logic 1 when mcr[3] is set to a logic 0. see mcr[3]. this output should not be used as a general output else it will disturb the intb out - put functionality. if it is no t used, leave it unconnected. ancillary signals xtal1 16 18 13 i crystal or external clock input. xtal2 17 19 14 o crystal or buffered clock output. reset 35 39 36 i reset (active high) - a longer than 40 ns logic 1 pulse on this pin will reset the internal registers and all outputs. the uart transmitter output will be held at logic 1, the receiver input will be ignored and outputs are reset during reset period (see external reset conditions). vcc 40 44 42 pwr 2.97v to 5.5v power supply. all inputs are 5v tolerant for devices with top marking of "a2 yyww" and newer. gnd 20 22 17 pwr power supply common, ground. n.c. - - 12, 24, 25, 37 no connection. these pins are open, but typically, should be connected to gnd for good design practice. pin description n ame 40-pdip p in # 44-plcc p in # 48-tqfp p in # t ype d escription
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 7 1.0 product description the st16c2550 (c2550) integrates the functions of two 16c550 universal asynchrounous receiver and transmitter (uart). each uart is independently cont rolled having its own set of device configuration registers. the c2550 provides serial asynchronous receiv e data synchronization, parallel-to-serial and serial- to-parallel data conversions for both the transmitter and receiver sections. these functions are necessary for converting the serial data stream in to parallel data that is required with digital data systems. synchronization for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data character (character orientated protocol). data integr ity is ensured by attaching a parity bit to the data character. the parity bit is checked by the receiver for any transmission bit errors. the electronic circuitry to provide all these functions is fairly complex especially when ma nufactured on a single integrated silicon chip. the c2550 represents such an integration with greatly enhanced features. the c2550 is fabricated with an advanced cmos process. the c2550 is an upward solu tion that provides a dual uart capabilit y with 16 bytes of tr ansmit and receive fifo memory, instead of none in the 16c2450. the c2550 is designed to work with high speed modems and shared network environments, that require fast data processing time. increased performance is realized in the c2550 by the transmit and receive fifo ?s. this allows the external processor to handle more networking tasks within a given time. for example, the st16c2450 without a receive fifo, w ill require unloading of the rhr in 93 microseconds (this example uses a character length of 11 bits, including start/stop bits at 115.2 kbps). this means the external cpu will have to service the rece ive fifo less than every 10 0 microseconds. however with the 16 byte fifo in th e c2550, the data buffer will not require unloading/loading fo r 1.53 ms. this increases the service interval giving the external cpu add itional time for other applications and reducing the overall uart interrupt servicing time. in addition, the 4 selectable receive fifo tr igger interrupt levels is uniquely provided for maximum data throughput perf ormance especially when operating in a multi-channel environment. the fifo memo ry greatly reduces the band width requirement of the external controlling cpu, increases performance, and reduces power consumption. the c2550 is capable of operation up to 4 mbps with a 64 mhz external clock. with a crystal or external clock input of 14.7456 mhz the user can select data rates up to 921.6 kbps. the rich feature set of the c2550 is available through in ternal registers. selectable receive fifo trigger levels, selectable tx and rx baud rates, and modem interface controls are all standard features. following a power on reset or an external reset, the c2550 is software compatible with the previous generation, st16c2450.
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 8 2.0 functional descriptions 2.1 cpu interface the cpu interface is 8 data bits wide with 3 address li nes and control signals to execute data bus read and write transactions. the c2550 data interf ace supports the intel compatible ty pes of cpus and it is compatible to the industry standard 16c550 uart. no clock (oscillato r nor external clock) is required to operate a data bus transaction. each bus cycle is asynchronous usi ng cs#, ior# and iow# signals. both uart channels share the same data bus for host operations. the data bus interconnections are shown in figure 3 . . 2.2 device reset the reset input resets the internal registers and the seri al interface outputs in both channels to their default state (see table 11 ). an active high pulse of at least 40 ns duration will be re quired to acti vate the reset function in the device. 2.3 channel a and b selection the uart provides the user with the capability to bi-directionally tr ansfer information be tween an external cpu and an external serial communication device. a lo gic 0 on chip select pins, csa# or csb#, allows the user to select uart channel a or b to configure, se nd transmit data and/or unload receive data to/from the uart. selecting both uarts can be useful during power up initialization to write to t he same internal registers, but do not attempt to read from both uarts simultaneous ly. individual channel select functions are shown in ta b l e 1 . f igure 3. st16c2550 d ata b us i nterconnections t able 1: c hannel a and b s elect csa# csb# f unction 1 1 uart de-selected 0 1 channel a selected 1 0 channel b selected 0 0 channel a and b selected vcc vcc op2a# dsra# ctsa# rtsa# dt ra# rxa txa ri a# cda# op2b# dsrb# ctsb# rtsb# dt rb# rxb txb ri b# cdb# gnd a0 a1 a2 uart _csa# uart _csb# ior# iow# d0 d1 d2 d3 d4 d5 d6 d7 a0 a1 a2 csa# csb# d0 d1 d2 d3 d4 d5 d6 d7 ior# iow# uart channel a uart channel b uart _i nt b uart _i nt a intb inta rxrdya# txrdya# rxrdya# t xrdya# rxrdyb# txrdyb# rxrdyb# t xrdyb# uart _reset reset serial i nt erf ace of rs-232, rs-485 serial i nt erf ace of rs- 232, rs-485 2750int
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 9 2.4 channel a and b internal registers each uart channel in the c2550 ha s a standard register set for contro lling, monitoring and data loading and unloading. the configuration register set is compatib le to those already available in the standard single 16c550. these registers function as data holding regist ers (thr/rhr), interrupt status and control registers (isr/ier), a fifo control register (fcr), receive line status and control registers (lsr/lcr), modem status and control registers (msr/mcr), programmable data rate (clock) divisor register s (dll/dlm), and a user accessible scratch pad register (spr). 2.5 dma mode the device does not support direct memory access. th e dma mode (a legacy term) in this document does not mean ?direct memory access? but refers to data block transfer operation. the dma mode affects the state of the rxrdy# a/b and txrdy# a/b output pins. the transmit and receive fifo trigger levels provide additional flexibility to the user for block mode operation. the lsr bits 5- 6 provide an indication when the transmitter is empty or has an empty location(s) for more data. the user can optionally operate the transmit and receive fifo in the dma mode (fcr bit-3=1). when the transmit and receive fifo are enabled and the dma mode is disabled (fcr bit-3 = 0), the c2550 is placed in single -character mode for data transmit or receive operation. when dma mode is enabled (fcr bit-3 = 1), the user takes advantage of block mode operation by loading or unloading the fifo in a block sequence determined by the programmed trigger level. the following table show their behavior. also see figures 17 through 22 . 2.6 inta and intb outputs the inta and intb interrupt output changes according to the operating mode and enhanced features setup. ta b l e s 3 and 4 summarize the operating behavior for the tr ansmitter and receiver. also see figures 17 through 22 . t able 2: txrdy# and rxrdy# o utputs in fifo and dma m ode p ins fcr bit -0=0 (fifo d isabled ) fcr b it -0=1 (fifo e nabled ) fcr bit-3 = 0 (dma mode disabled) fcr bit-3 = 1 (dma mode enabled) rxrdy# a/b 0 = 1 byte. 1 = no data. 0 = at least 1 byte in fifo 1 = fifo empty. 1 to 0 transition when fifo reaches the trigger level, or time-out occurs. 0 to 1 transition when fifo empties. txrdy# a/b 0 = thr empty. 1 = byte in thr. 0 = fifo empty. 1 = at least 1 byte in fifo. 0 = fifo has at least 1 empty location. 1 = fifo is full. t able 3: inta and intb p ins o peration for t ransmitter fcr b it -0 = 0 (fifo d isabled ) fcr b it -0 = 1 (fifo e nabled ) inta/b pin 0 = a byte in thr 1 = thr empty 0 = at least 1 byte in fifo 1 = fifo empty t able 4: inta and intb p in o peration f or r eceiver fcr b it -0 = 0 (fifo d isabled ) fcr b it -0 = 1 (fifo e nabled ) inta/b pin 0 = no data 1 = 1 byte 0 = fifo below trigger level 1 = fifo above trigger level
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 10 2.7 crystal oscillator or external clock input the c2550 includes an on-chip oscilla tor (xtal1 and xtal2) to produce a cl ock for both uart sections in the device. the cpu data bus does not require this clock for bus operation. the crystal oscillator provides a system clock to the baud rate generators (brg) section found in each of the uart. xtal1 is the input to the oscillator or external clock buffer in put with xtal2 pin being the output. see ?programmable baud rate generator? on page 10. the on-chip oscillator is designed to use an industry standard micropro cessor crystal (p arallel resonant, fundamental frequency with 10-22 pf capacitance load, esr of 20-120 ohms and 100ppm frequency tolerance) connected externally betw een the xtal1 and xtal2 pins (see figure 4 ), with an external 500k ? to 1 m ? resistor across it. alternatively, an external clock can be connected to the xtal1 pin to clock the internal baud rate generato r for standard or custom rates. typica l oscillator connections are shown in figure 4 . for further reading on oscillator circuit please se e application note dan 108 on exar?s web site. 2.8 programmable baud rate generator a single baud rate generator is provided for the trans mitter and receiver, allowing independent tx/rx channel control. the programmable baud rate generator is capa ble of operating with a crystal frequency of up to 24 mhz. however, with an external clock input on xtal 1 pin and a 2k ohms pull-up resistor on xtal2 pin (as shown in figure 5 ) it can extend its operation up to 64 mhz (4mbps serial data rate) at room temperature and 5.0v. f igure 4. t ypical oscillator connections c1 22-47 pf c2 22-47 pf y1 1.8432 mhz to 24 mhz r1 0-120 ? (optional) r2 500 ? ? 1 ? xtal1 xtal2
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 11 to obtain maximum data rate, it is necessary to use full rail swing on the clock input. see external clock operating frequency over power supply voltage chart in figure 6 . f igure 5. e xternal c lock c onnection for e xtended d ata r ate f igure 6. o perating f requency versus p ower s upply c hart . requires a 2k ohms pull-up resistor on xtal2 pin to increase operating speed 2k xtal1 xtal2 r1 vcc external clock vcc gnd 60 50 40 30 3.0 4.5 5.5 3.5 4.0 5.0 suppy voltage xtal1 external clock frequency in mhz. 70 80 85 o c 25 o c -40 o c operating frequency for st16c2550 with external clock and a 2k ohms pull-up resistor on xtal2 pin.
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 12 the c2550 divides the basic external clock by 16. the ba sic 16x clock provides table rates to support standard and custom applications using the same system design . the baud rate generator divides the input 16x clock by any divisor from 1 to 2 16 -1. the rate table is configured via t he dll and dlm internal register functions. customized baud rates can be achieved by selecting th e proper divisor values for the msb and lsb sections of baud rate generator. ta b l e 5 shows the standard data rates available with a 14.7456 mhz crystal or external clock at 16x sampling rate. when using a non-standard frequency crystal or external clock, the divisor value can be calculated for dll/dlm with the following equation. 2.9 transmitter the transmitter section comprises of an 8-bit transmit shift register (tsr) and 16 bytes of fifo which includes a byte-wide transmit holding register (thr). tsr shifts out every data bit with the 16x internal clock. a bit time is 16 clock periods. the transmitter sends the start-bit followed by the number of data bits, inserts the proper parity-bit if enabled, and adds the stop -bit(s). the status of the fi fo and tsr are reported in the line status register (lsr bit-5 and bit-6). 2.9.1 transmit holding regi ster (thr) - write only the transmit holding register is an 8-bit register pr oviding a data interface to the host processor. the host writes transmit data byte to the thr to be converted in to a serial data stream including start-bit, data bits, parity-bit and stop-bit(s). the least-si gnificant-bit (bit-0) becomes first data bit to go out. the thr is the input register to the transmit fifo of 16 bytes when fifo operation is enabl ed by fcr bit-0. every time a write operation is made to the thr, the fifo data pointer is automatically bumped to the next sequential data location. 2.9.2 transmitter operation in non-fifo mode the host loads transmit data to thr one character at a time. the thr empty flag (lsr bit-5) is set when the data byte is transferred to tsr. thr flag can generate a tr ansmit empty interrupt (isr bit-1) when it is enabled by ier bit-1. the tsr flag (lsr bit-6) is set when tsr beco mes completely empty. divisor (decimal) = (xtal1 clock frequ ency) / (serial data rate x 16) t able 5: t ypical data rates with a 14.7456 mh z crystal or external clock o utput data rate mcr bit-7=0 d ivisor for 16x clock (decimal) d ivisor for 16x clock (hex) dlm p rogram v alue (hex) dll p rogram v alue (hex) d ata r ate e rror (%) 400 2304 900 09 00 0 2400 384 180 01 80 0 4800 192 c0 00 c0 0 9600 96 60 00 60 0 19.2k 48 30 00 30 0 38.4k 24 18 00 18 0 76.8k 12 0c 00 0c 0 153.6k 6 06 00 06 0 230.4k 4 04 00 04 0 460.8k 2 02 00 02 0 921.6k 1 01 00 01 0
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 13 2.9.3 transmitter operation in fifo mode the host may fill the transmit fifo with up to 16 bytes of transmit data. t he thr empty flag (lsr bit-5) is set whenever the fifo is empty. the thr empty flag can ge nerate a transmit empty interrupt (isr bit-1) when the fifo becomes empty. the transmit empty interrupt is e nabled by ier bit-1. the tsr flag (lsr bit-6) is set when tsr/fifo becomes empty. 2.10 receiver the receiver section contains an 8-bit receive shift register (rsr) and 16 bytes of fifo which includes a byte-wide receive holding register (rhr). the rsr uses the 16x clock for timing. it verifies and validates every bit on the incoming char acter in the middle of each data bit. on the falling edge of a start or false start bit, an internal receiver counter starts counting at the 16x clock rate. after 8 clocks the start bit period should be at the center of the start bit. at this time the start bit is sa mpled and if it is still a logic 0 it is validated. evaluating the start bit in this manner prevents the receiver from assembling a false character. the rest of the data bits and stop bits are sampled and validated in this same manner to prevent false framing. if there were any error(s), they are reported in the lsr register bits 2-4. upon unloading the receive data byte from rhr, the receive fifo pointer is bumped and the error tags are immediately updated to reflect the status of the data byte in rhr register. rhr can generate a receive data re ady interrupt upon receiving a character or delay until it reaches the fifo trigger level. furthermore, data deliv ery to the host is guaranteed by a receive data ready time-out interrupt when data is not rece ived for 4 word lengths as defined by lcr[1:0] plus 12 bits time. this is equivalent to 3.7-4.6 character times. the rhr interrupt is enabled by ier bit-0. f igure 7. t ransmitter o peration in non -fifo m ode f igure 8. t ransmitter o peration in fifo m ode transmit holding register (thr) transmit shift register (tsr) data byte l s b m s b thr interrupt (isr bit-1) enabled by ier bit-1 txnofifo1 16x clock transmit data shift register (tsr) data byte thr interrupt (isr bit-1) when tx fifo becomes empty. fifo is enabled by fcr bit-0=1. transmit fifo 16x clock txfifo1 thr
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 14 2.10.1 receive holding regi ster (rhr) - read-only the receive holding register is an 8-bit register that holds a receive data byte from the receive shift register. it provides the receive data interface to the host processor. the rhr register is part of the receive fifo of 16 bytes by 11-bits wide, the 3 extra bits are fo r the 3 error tags to be reported in lsr register. when the fifo is enabled by fcr bit-0, the rhr contains the first data character received by the fifo. after the rhr is read, the next character byte is loaded into the rhr and the errors associated with the current data byte are immediately updated in the lsr bits 2-4. f igure 9. r eceiver o peration in non -fifo m ode f igure 10. r eceiver o peration in fifo m ode receive data shift register (rsr) receive data byte and errors rhr interrupt (isr bit-2) receive data holding register (rhr) rxfifo1 16x clock receive data characters data bit validation error tags in lsr bits 4:2 receive data shift register (rsr) rxfifo1 16x clock error tags (16-sets) error tags in lsr bits 4:2 16 bytes by 11-bit wide fifo receive data characters data bit validation rx fifo rhr receive data byte and errors rhr interrupt (isr bit-2) when fifo fills up to trigger level. fifo is enabled by fcr bit-0=1
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 15 2.11 internal loopback the c2550 uart provides an intern al loopback capability for system di agnostic purposes. the internal loopback mode is enabled by setting mcr register bit-4 to logi c 1. all regular uart functions operate normally. figure 11 shows how the modem port signals are re-configured . transmit data from the transmit shift register output is internally routed to the receive shift register input allowing the system to re ceive the same data that it was sending. the tx pin is held at logic 1 or mark condition while rts# and dtr# are de-asserted, and cts#, dsr# cd# and ri# inputs are ig nored. caution: the rx input must be held to a logic 1 during loopback test else upon exiting the loopback test the uart may detect and report a false ?break? signal. f igure 11. i nternal l oop b ack in c hannel a and b txa/txb rxa/rxb modem / general purpose control logic internal data bus lines and control signals rtsa#/rtsb# mcr bit-4=1 vcc vcc transmit shift register (thr/fifo) receive shift register (rhr/fifo) ctsa#/ctsb dtra#/dtrb# dsra#/dsrb# ria#/rib# cda#/cdb# op1# op2# rts# cts# dtr# dsr# ri# cd# vcc op2a#/op2b# vcc
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 16 3.0 uart internal registers each of the uart channel in the c2550 has its own se t of configuration register s selected by address lines a0, a1 and a2 with csa# or csb# selecting the channel. the registers are 16c550 compatible. the complete register set is shown on ta b l e 6 and ta b l e 7 . t able 6: uart channel a and b uart internal registers a2,a1,a0 a ddresses r egister r ead /w rite c omments 16c550 c ompatible r egisters 0 0 0 rhr - receive holding register thr - transmit holding register read-only write-only lcr[7] = 0 0 0 0 dll - div latch low byte read/write lcr[7] = 1 0 0 1 dlm - div latch high byte read/write lcr[7] = 1 0 0 1 ier - interrupt enable register read/write lcr[7] = 0 0 1 0 isr - interrupt status register fcr - fifo control register read-only write-only 0 1 1 lcr - line control register read/write 1 0 0 mcr - modem control register read/write 1 0 1 lsr - line status register reserved read-only write-only 1 1 0 msr - modem status register reserved read-only write-only 1 1 1 spr - scratch pad register read/write
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 17 . 4.0 internal register descriptions 4.1 receive holding register (rhr) - read- only see ?receiver? on page 13. 4.2 transmit holding regi ster (thr) - write-only see ?transmitter? on page 12. 4.3 interrupt enable register (ier) - read/write the interrupt enable register (ier) masks the interrupts from receive data ready, transmit empty, line status and modem status registers. these interrupts are r eported in the interrupt status register (isr). t able 7: internal registers description a ddress a2-a0 r eg n ame r ead / w rite b it -7 b it -6 b it -5 b it -4 b it -3 b it -2 b it -1 b it -0 c omment 16c550 compatible registers 0 0 0 rhr rd bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 lcr[7] = 0 0 0 0 thr wr bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 0 0 1 ier rd/wr 0 0 0 0 modem stat. int. enable rx line stat. int. enable tx empty int enable rx data int. enable 0 1 0 isr rd fifos enabled fifos enabled 0 0 int source bit-3 int source bit-2 int source bit-1 int source bit-0 0 1 0 fcr wr rx fifo trigger rx fifo trigger 0 0 dma mode enable tx fifo reset rx fifo reset fifos enable 0 1 1 lcr rd/wr divisor enable set tx break set par - ity even parity parity enable stop bits word length bit-1 word length bit-0 1 0 0 mcr rd/wr 0 0 0 internal loop - back enable op2#/ int output enable rsrvd (op1#) rts# output control dtr# output control 1 0 1 lsr rd rx fifo global error thr & tsr empty thr empty rx break rx fram - ing error rx parity error rx over - run error rx data ready 1 1 0 msr rd cd# input ri# input dsr# input cts# input delta cd# delta ri# delta dsr# delta cts# 1 1 1 spr rd/wr bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 baud rate generator divisor 0 0 0 dll rd/wr bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 lcr[7] = 1 0 0 1 dlm rd/wr bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 18 4.3.1 ier versus receive fifo interrupt mode operation when the receive fifo (fcr bit-0 = 1) and receive inte rrupts (ier bit-0 = 1) are enabled, the rhr interrupts (see isr bits 2 and 3) status will reflect the following: a. the receive data available interrupts are issued to the host when the fifo has reached the programmed trigger level. it will be cleared when the fifo drops below the programmed trigger level. b. fifo level will be reflected in the isr register when the fifo trigger level is reac hed. both the isr register status bit and the interrupt will be cleared wh en the fifo drops below the trigger level. c. the receive data ready bit (lsr bit-0) is set as soon as a character is transferred from the shift register to the receive fifo. it is rese t when the fifo is empty. 4.3.2 ier versus receive/transmit fifo polled mode operation when fcr bit-0 equals a logic 1 for fifo enable; rese tting ier bits 0-3 enables the st16c2550 in the fifo polled mode of operation. since the receiver and transmitter have separate bits in the lsr either or both can be used in the polled mode by selecting respective transmit or receive control bit(s). a. lsr bit-0 indicates there is data in rhr or rx fifo. b. lsr bit-1 indicates an overrun error has occurred and that data in the fifo may not be valid. c. lsr bit 2-4 provides the type of receive data erro rs encountered for the data byte in rhr, if any. d. lsr bit-5 indicates transmit fifo is empty. e. lsr bit-6 indicates when both the transmit fifo and tsr are empty. f. lsr bit-7 indicates a data error in at least one character in the rx fifo. ier[0]: rhr interrupt enable the receive data ready interrupt will be issued when rhr has a data character in th e non-fifo mode or when the receive fifo has reached the programmed trigger level in the fifo mode. ? logic 0 = disable the receive data ready interrupt (default). ? logic 1 = enable the receiver data ready interrupt. ier[1]: thr interrupt enable this bit enables the transmit ready interrupt which is issued whenever the transmit fifo becomes empty. if the transmit fifo is empty when this bit is enabled, an interrupt will be generated. ? logic 0 = disable transmit ready interrupt (default). ? logic 1 = enable transmit ready interrupt. ier[2]: receive line status interrupt enable if any of the lsr register bits 1, 2, 3 or 4 is a logic 1, it will generate an interrupt to inform the host controller about the error status of the current data byte in fi fo. lsr bit-1 generates an interrupt immediately when the character has been received. lsr bits 2-4 generate an in terrupt when the character with errors is read out of the fifo. ? logic 0 = disable the receiver line status interrupt (default). ? logic 1 = enable the receiver line status interrupt. ier[3]: modem status interrupt enable ? logic 0 = disable the modem status register interrupt (default). ? logic 1 = enable the modem status register interrupt. ier[7:4]: reserved
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 19 4.4 interrupt status register (isr) - read-only the uart provides multiple levels of prioritized interrupts to minimize external software interaction. the interrupt status register (isr) provides the user with f our interrupt status bits. performing a read cycle on the isr will give the user the current hi ghest pending interrupt level to be se rviced, others are queued up to be serviced next. no other interrupts are acknowledged until the pending interrupt is serviced. the interrupt source table, ta b l e 8 , shows the data values (bits 0-3) for the interr upt priority levels and the interrupt sources associated with each of these interrupt levels. 4.4.1 interrupt generation: ? lsr is by any of the lsr bits 1, 2, 3 and 4. ? rxrdy is by rx trigger level. ? rxrdy time-out is by a 4-char plus 12 bits delay timer. ? txrdy is by tx fifo empty. ? msr is by any of the msr bits 0, 1, 2 and 3. 4.4.2 interrupt clearing: ? lsr interrupt is cleared by a read to the lsr register. ? rxrdy interrupt is cleared by reading data until fifo fa lls below the trigger level. ? rxrdy time-out interrupt is cleared by reading rhr. ? txrdy interrupt is cleared by a read to the isr register or writing to thr. ? msr interrupt is cleared by a read to the msr register. ] isr[0]: interrupt status ? logic 0 = an interrupt is pending and the isr contents ma y be used as a pointer to the appropriate interrupt service routine. ? logic 1 = no interrupt pending (default). isr[3:1]: interrupt status these bits indicate the source for a pending interrupt at interrupt priority levels (see ta b l e 8 ). isr[5:4]: reserved isr[7:6]: fifo enable status these bits are set to a logic 0 when the fifos are disa bled. they are set to a logic 1 when the fifos are enabled. t able 8: i nterrupt s ource and p riority l evel p riority l evel isr r egister s tatus b its s ource of interrupt b it -3 b it -2 b it -1 b it -0 1 0 1 1 0 lsr (receiver line status register) 2 1 1 0 0 rxrdy (receive data time-out) 3 0 1 0 0 rxrdy (received data ready) 4 0 0 1 0 txrdy (transmit ready) 5 0 0 0 0 msr (modem status register) - 0 0 0 1 none (default)
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 20 4.5 fifo control register (fcr) - write-only this register is used to enable the fifos, clear the fi fos, set the transmit/receive fifo trigger levels, and select the dma mode. the dma, and fifo modes are defined as follows: fcr[0]: tx and rx fifo enable ? logic 0 = disable the transmit and receive fifo (default). ? logic 1 = enable the transmit and receive fifos. this bit must be set to logic 1 when other fcr bits are written or they will not be programmed. fcr[1]: rx fifo reset this bit is only active when fcr bit-0 is a ?1?. ? logic 0 = no receive fifo reset (default) ? logic 1 = reset the receive fifo pointers and fifo le vel counter logic (the rece ive shift register is not cleared or altered). this bit will return to a logic 0 after resetting the fifo. fcr[2]: tx fifo reset this bit is only active when fcr bit-0 is a ?1?. ? logic 0 = no transmit fifo reset (default). ? logic 1 = reset the transmit fifo pointers and fifo le vel counter logic (the transmit shift register is not cleared or altered). this bit will return to a logic 0 after resetting the fifo. fcr[3]: dma mode select controls the behavior of the -txrdy and -rxrdy pins. see dma operation section for details. ? logic 0 = normal operation (default). ? logic 1 = dma mode. fcr[5:4]: reserved fcr[7:6]: receive fifo trigger select (logic 0 = default, rx trigger level =1) these 2 bits are used to se t the trigger level for the receive fifo. th e uart will issue a rece ive interrupt when the number of the characters in the fifo crosses the trigger level. ta b l e 9 shows the complete selections. 4.6 line control register (lcr) - read/write the line control register is used to specify the asynchronous data communication format. the word or character length, the number of stop bits, and the parity are selected by writing the appropriate bits in this register. t able 9: r eceive fifo t rigger l evel s election fcr b it -7 fcr b it -6 r eceive t rigger l evel c ompatibility 0 0 1 1 0 1 0 1 1 (default) 4 8 14 16c550, 16c2552, 16c554, 16c580 com - patible.
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 21 lcr[1:0]: tx and rx word length select these two bits specify the word length to be transmitted or received. lcr[2]: tx and rx stop-bit length select the length of stop bit is specified by this bi t in conjunction with the programmed word length. lcr[3]: tx and rx parity select parity or no parity can be selected via this bit. the pa rity bit is a simple way used in communications for data integrity check. see ta b l e 10 for parity selection summary below. ? logic 0 = no parity. ? logic 1 = a parity bit is generated duri ng the transmission while the receiver checks for parity error of the data character received. lcr[4]: tx and rx parity select if the parity bit is enabled with lcr bit-3 set to a logi c 1, lcr bit-4 selects the even or odd parity format. ? logic 0 = odd parity is generated by forcing an odd number of logic 1?s in the transmitted character. the receiver must be programmed to check the same format (default). ? logic 1 = even parity is gen erated by forcing an even numb er of logic 1?s in the tr ansmitted character. the receiver must be programmed to check the same format. bit-1 bit-0 w ord length 0 0 5 (default) 0 1 6 1 0 7 1 1 8 bit-2 w ord length s top bit length (b it time ( s )) 0 5,6,7,8 1 (default) 1 5 1-1/2 1 6,7,8 2
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 22 lcr[5]: tx and rx parity select if the parity bit is enabled, lcr bit- 5 selects the forced parity format. ? lcr[5] = logic 0, parity is not forced (default). ? lcr[5] = logic 1 and lcr[4] = logic 0, parity bit is forced to a logical 1 for the transmit and receive data. ? lcr[5] = logic 1 and lcr[4] = logic 1, parity bit is forced to a logical 0 for the transmit and receive data. lcr[6]: transmit break enable when enabled, the break control bit causes a break cond ition to be transmitted (the tx output is forced to a ?space?, logic 0, state). this co ndition remains, until disabled by setting lcr bit-6 to a logic 0. ? logic 0 = no tx break condition (default). ? logic 1 = forces the transmitter output (tx) to a ?space ?, logic 0, for alerting the remote receiver of a line break condition. lcr[7]: baud rate divisors (dll/dlm) enable ? logic 0 = data registers are selected (default). ? logic 1 = divisor latch registers are selected. 4.7 modem control register (mcr) or general purpose outputs control - read/write the mcr register is used for contro lling the serial/modem interface signal s or general pur pose inputs/outputs. mcr[0]: dtr# output the dtr# pin is a modem control outpu t. if the modem interface is not us ed, this output may be used as a general purpose output. ? logic 0 = force dtr# output to a logic 1 (default). ? logic 1 = force dtr# output to a logic 0. mcr[1]: rts# output the rts# pin is a modem control output. if the modem in terface is not used, this output may be used as a general purpose output. ? logic 0 = force rts# output to a logic 1 (default). ? logic 1 = force rts# output to a logic 0. mcr[2]: reserved op1# is not available as an output pin on the c2550. but it is available for use during internal loopback mode. in the loopback mode, this bit is used to wr ite the state of the modem ri# interface signal. t able 10: p arity selection lcr b it -5 lcr b it -4 lcr b it -3 p arity selection x x 0 no parity 0 0 1 odd parity 0 1 1 even parity 1 0 1 force parity to mark, ?1? 1 1 1 forced parity to space, ?0?
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 23 mcr[3]: op2# output / int output enable this bit enables and disables the operation of int, in terrupt output. if int output is not used, op2# can be used as a general purpose output. ? logic 0 = int (a-b) outputs disabled (three state mo de) and op2# output set to a logic 1 (default). ? logic 1 = int (a-b) outputs enabled (active mode) and op2# output set to a logic 0. mcr[4]: internal loopback enable ? logic 0 = disable loopback mode (default). ? logic 1 = enable local loopback mode, see loopback section and figure 11 . mcr[7:5]: reserved 4.8 line status register (lsr) - read only this register provides the status of data transfers between the uart and the host. lsr[0]: receive data ready indicator ? logic 0 = no data in receive holding register or fifo (default). ? logic 1 = data has been received and is save d in the receive holding register or fifo. lsr[1]: receiver overrun flag ? logic 0 = no overrun error (default). ? logic 1 = overrun error. a data overrun error condition occurred in the receive shift register. this happens when additional data arrives while the fi fo is full. in this case the previous data in the receive shift register is overwritten. note that under this condition the data byte in the receive shift register is not transferred into the fifo, theref ore the data in the fifo is not corrupted by the error. an in terrupt will be generated immediately if lsr interrupt is enabled (ier bit-2). lsr[2]: receive data parity error flag ? logic 0 = no parity error (default). ? logic 1 = parity error. the receive character in rhr does not have correct parity information and is suspect. this error is associated with the character available for reading in rhr. if the lsr interrupt is enabled (ier bit-2), an interrupt will be generated when the ch aracter is in the rhr. lsr[3]: receive data framing error flag ? logic 0 = no framing error (default). ? logic 1 = framing error. the receive character did not hav e a valid stop bit(s). this error is associated with the character available for reading in rhr. if the lsr interrupt is enabled (ier bit-2), an interrupt will be generated when the ch aracter is in the rhr. lsr[4]: receive break flag ? logic 0 = no break condition (default). ? logic 1 = the receiver received a break signal (rx was a logic 0 for at least one character frame time). in the fifo mode, only one break character is loaded into the fifo. the break indication remains until the rx input returns to the idle cond ition, ?mark? or logic 1. if the lsr interrupt is enabled (ier bit-2), an interrupt will be generated when the character is in the rhr. lsr[5]: transmit holding register empty flag this bit is the transmit holding regi ster empty indicator. th is bit indicates that the transmitter is ready to accept a new character for transmission. in addition, this bit causes the uart to issue an interrupt to the host when the thr inte rrupt enable is set. the thr bit is set to a logic 1 when the last data byte is transferred from the transmit holding register to the transmit shift regist er. the bit is reset to logic 0 concurrently with the data loading to the transmit holding register by the host. in th e fifo mode this bit is set when the transmit fifo is empty, it is cleared when the transmi t fifo contains at least 1 byte. lsr[6]: thr and tsr empty flag
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 24 this bit is set to a logic 1 whenever the transmitter goes idle. it is set to logic 0 whenever either the thr or tsr contains a data character. in the fifo mode this bi t is set to a logic 1 whenever the transmit fifo and transmit shift register are both empty. lsr[7]: receive fifo data error flag ? logic 0 = no fifo error (default). ? logic 1 = a global indicator for the sum of all error bits in the rx fifo. at least one parity error, framing error or break indication is in the fifo data. this bit clears when there is no more error(s) in the fifo. 4.9 modem status register (msr) - read only this register provides the current state of the modem interface signals, or othe r peripheral device that the uart is connected. lower four bits of this register are used to indicate the changed information. these bits are set to a logic 1 whenever a signal from the modem changes state. these bits may be used as general purpose inputs/outputs when they are not used with modem signals. msr[0]: delta cts# input flag ? logic 0 = no change on cts# input (default). ? logic 1 = the cts# input has changed state since the la st time it was monitored. a modem status interrupt will be generated if msr interrup t is enabled (ier bit-3). msr[1]: delta ds r# input flag ? logic 0 = no change on dsr# input (default). ? logic 1 = the dsr# input has changed state since the last time it was monitored. a modem status interrupt will be generated if msr interrup t is enabled (ier bit-3). msr[2]: delta ri# input flag ? logic 0 = no change on ri# input (default). ? logic 1 = the ri# input has changed from a logic 0 to a logic 1, ending of the ringi ng signal. a modem status interrupt will be ge nerated if msr in terrupt is enabled (ier bit-3). msr[3]: delta cd# input flag ? logic 0 = no change on cd# input (default). ? logic 1 = indicates that the cd# input has changed st ate since the last time it was monitored. a modem status interrupt will be generated if ms r interrupt is enab led (ier bit-3). msr[4]: cts input status normally msr bit-4 bit is the compliment of the cts# input. however in the loo pback mode, this bit is equivalent to the rts# bit in the mcr register. the ct s# input may be used as a general purpose input when the modem interface is not used. msr[5]: dsr input status normally this bit is the compliment of the dsr# input. in the l oopback mode, this bit is equivalent to the dtr# bit in the mcr register. the dsr# input may be used as a general purpose input when the modem interface is not used. msr[6]: ri input status normally this bit is the compliment of the ri# input. in the loopback mode this bit is equivalent to bit-2 in the mcr register. the ri# input may be used as a general purpose input when the modem interface is not used.
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 25 msr[7]: cd input status normally this bit is the compliment of the cd# input. in the loopback mode this bit is equivalent to bit-3 in the mcr register. the cd# input may be used as a general purpose input when the modem interface is not used. 4.10 scratch pad register (spr) - read/write this is a 8-bit general purpose register for the user to store temporary data. the content of this register is preserved during sleep mode but becomes 0xff (default) after a reset or a power off-on cycle. 4.11 baud rate generator registers (dll and dlm) - read/write the baud rate generator (brg) is a 16-bit counter that generates the data rate for the transmitter. the rate is programmed through registers dll and dlm which are on ly accessible when lcr bit-7 is set to ?1?. see ?programmable baud rate generator? on page 10. t able 11: uart reset conditions for channel a and b registers reset state dlm bits 7-0 = 0xxx dll bits 7-0 = 0xxx rhr bits 7-0 = 0xxx thr bits 7-0 = 0xxx ier bits 7-0 = 0x00 fcr bits 7-0 = 0x00 isr bits 7-0 = 0x01 lcr bits 7-0 = 0x00 mcr bits 7-0 = 0x00 lsr bits 7-0 = 0x60 msr bits 3-0 = logic 0 bits 7-4 = logic levels of the inputs inverted spr bits 7-0 = 0xff i/o signals reset state tx logic 1 op2# logic 1 rts# logic 1 dtr# logic 1 rxrdy# logic 1 txrdy# logic 0 int three-state condition
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 26 absolute maximum ratings power supply range 7 volts voltage at any pin gnd-0.3 v to vcc+0.3 v operating temperature -40 o to +85 o c storage temperature -65 o to +150 o c package dissipation 500 mw package thermal resistance data (margin of error: 15%) thermal resistance (48-tqfp) theta-ja =59 o c/w, theta-jc = 16 o c/w thermal resistance (44-plcc) theta-ja = 50 o c/w, theta-jc = 21 o c/w thermal resistance (40-pdip) theta-ja = 50 o c/w, theta-jc = 22 o c/w electrical characteristics dc electrical characteristics u nless otherwise noted : ta=0 o to 70 o c (-40 o to +85 o c for industrial grade package ), v cc = 3.3v or 5.0v (10%) s ymbol p arameter 3.3v l imits m in m ax 5.0v l imits m in m ax u nits c onditions v ilck clock input low level -0.3 0.6 -0.5 0.6 v v ihck clock input high level 2.4 5.5 3.0 5.5 v v il input low voltage -0.3 0.8 -0.5 0.8 v v ih input high voltage 2.0 5.5 2.2 5.5 v v ol output low voltage 0.4 0.4 v v i ol = 6 ma v oh output high voltage 2.0 2.4 v v i ol = 4 ma i il input low leakage current 10 10 ua i oh = -6 ma i ih input high leakage current 10 10 ua i oh = -1 ma c in input pin capacitance 5 5 pf i cc power supply current 1.3 3 ma
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 27 ac electrical characteristics ta=0 o to 70 o c (-40 o to +85 o c for industrial grade package ), v cc = 3.3v or 5.0v (10%) 70 p f load where applicable s ymbol p arameter 3.3 l imits m in m ax 5.0 l imits m in m ax u nit c omments - crystal frequency 20 24 ns clk clock pulse duration 17 8 ns osc external clock frequency 30 64 mhz t as address setup time 5 0 ns t ah address hold time 10 5 ns t cs chip select width 70* 40 ns * 55ns if vcc = 3.3v +10%/-5% and ta = 0 to 70 o c (see figure 12) t rd ior# strobe width 70* 40 ns t dy read or write cycle delay 70* 40 ns t rdv data access time 35 25 ns t dd data disable time 0 25 0 15 ns t wr iow# strobe width 40 25 ns t ds data setup time 20 15 ns t dh data hold time 5 5 ns t wdo delay from iow# to output 50 40 ns t mod delay to set interrupt from modem input 40 35 ns t rsi delay to reset interrupt from ior# 40 35 ns t ssi delay from stop to set interrupt 1 1 bclk t rri delay from ior# to reset interrupt 45 40 ns t si delay from start to interrupt 45 40 ns t int delay from initial int reset to transmit start 8 24 8 24 bclk t wri delay from iow# to reset inter - rupt 45 40 ns t ssr delay from stop to set rxrdy# 1 1 bclk t rr delay from ior# to reset rxrdy# 45 40 ns t wt delay from iow# to set txrdy# 45 40 ns t srt delay from center of start to reset txrdy# 8 8 bclk
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 28 a t rst reset pulse width 40 40 ns n baud rate divisor 1 2 16 -1 1 2 16 -1 - bclk baud clock 16x of data rate hz f igure 12. ac t iming v alues f igure 13. c lock t iming ac electrical characteristics ta=0 o to 70 o c (-40 o to +85 o c for industrial grade package ), v cc = 3.3v or 5.0v (10%) 70 p f load where applicable s ymbol p arameter 3.3 l imits m in m ax 5.0 l imits m in m ax u nit c omments 48 53 63 70 27 34 40 16 22 25 55 26 0 10 20 30 40 50 60 70 80 temperature (deg c) time (ns) t cs , t rd , t dy : 3.3v +10%/- 5% t cs , t rd , t dy : 3.3v 10% t wr : 3.3v 10% t cs , t rd , t dy : 5v 10% t wr : 5v 10% -40 25 70 85 osc clk clk external clock
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 29 f igure 14. m odem i nput /o utput t iming f or c hannels a & b f igure 15. d ata b us r ead t iming iow # rts# dtr# cd# cts# dsr# int ior# ri# t wdo t mod t mod t rsi t mod active active change of state change of state active active active change of state change of state change of state active active t as t dd t ah t rd t rdv t dy t dd t rdv t ah t as t cs valid address valid address valid data valid data a0-a2 csa#/ csb# ior# d0-d7 rdtm t cs t rd
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 30 f igure 16. d ata b us w rite t iming f igure 17. r eceive r eady & i nterrupt t iming [n on -fifo m ode ] for c hannels a & b 16write t as t dh t ah t wr t ds t dy t dh t ds t ah t as t cs valid address valid address valid data valid data a0-a2 csa#/ csb# iow# d0-d7 t cs t wr rx rxrdy# ior# int d0:d7 start bit d0:d7 stop bit d0:d7 t ssr 1 byte in rhr active data ready active data ready active data ready 1 byte in rhr 1 byte in rhr t ssr t ssr rxnfm t rr t rr t rr t ssr t ssr t ssr (reading data out of rhr)
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 31 f igure 18. t ransmit r eady & i nterrupt t iming [n on -fifo m ode ] for c hannels a & b f igure 19. r eceive r eady & i nterrupt t iming [fifo m ode , dma d isabled ] for c hannels a & b tx txrdy# iow# int* d0:d7 start bit d0:d7 stop bit d0:d7 t wt txnonfifo t wt t wt t wri t wri t wri t srt t srt t srt *int is cleared when the isr is read or when data is loaded into the thr. isr is read isr is read isr is read (loading data into thr) (unloading) ier[1] enabled rx rxrdy# ior# int d0:d7 s t ssr rxintdma# rx fifo fills up to rx trigger level or rx data timeout rx fifo drops below rx trigger level fifo empties first byte is received in rx fifo d0:d7 s d0:d7 t d0:d7 s d0:d7 s t d0:d7 s t t d0:d7 s t start bit stop bit t rr t rri t ssi (reading data out of rx fifo)
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 32 f igure 20. r eceive r eady & i nterrupt t iming [fifo m ode , dma e nabled ] for c hannels a & b f igure 21. t ransmit r eady & i nterrupt t iming [fifo m ode , dma m ode d isabled ] for c hannels a & b rx rxrdy# ior# int d0:d7 s t ssr rxfifodma rx fifo fills up to rx trigger level or rx data timeout rx fifo drops below rx trigger level fifo empties d0:d7 s d0:d7 t d0:d7 s d0:d7 s t d0:d7 s t t d0:d7 s t start bit stop bit t rr t rri t ssi (reading data out of rx fifo) tx txrdy# iow# int* txdma# d0:d7 s d0:d7 t d0:d7 s d0:d7 s t d0:d7 s t t d0:d7 s t start bit stop bit t wri (unloading) (loading data into fifo) last data byte transmitted tx fifo no longer empty data in tx fifo tx fifo empty t wt t srt tx fifo empty t t s t si isr is read ier[1] enabled *int is cleared when the isr is read or when there is at least one character in the fifo.
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 33 f igure 22. t ransmit r eady & i nterrupt t iming [fifo m ode , dma m ode e nabled ] for c hannels a & b tx txrdy# iow# int* txdma d0:d7 s d0:d7 t d0:d7 s d0:d7 s t d0:d7 s t t d0:d7 s t start bit stop bit t wri (unloading) (loading data into fifo) last data byte transmitted tx fifo no longer empty tx fifo empty tx fifo empty t t s t si isr is read ier[1] enabled *int is cleared when the isr is read or when there is at least one character in the fifo. at least 1 empty location in fifo t srt tx fifo full t wt
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 34 package dimensions (48 pin tqfp - 7 x 7 x 1 mm ) note: the control dimensio n is the millimeter column inches millimeters symbol min max min max a 0.039 0.047 1.00 1.20 a1 0.002 0.006 0.05 0.15 a2 0.037 0.041 0.95 1.05 b 0.007 0.011 0.17 0.27 c 0.004 0.008 0.09 0.20 d 0.346 0.362 8.80 9.20 d1 0.272 0.280 6.90 7.10 e 0.020 bsc 0.50 bsc l 0.018 0.030 0.45 0.75 0 7 0 7 36 25 24 13 1 1 2 37 48 d d 1 d d 1 b e a 2 a 1 a seating plane l c
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 35 package dimensions (44 pin plcc) note: the control dimensio n is the millimeter column inches millimeters symbol min max min max a 0.165 0.180 4.19 4.57 a1 0.090 0.120 2.29 3.05 a2 0.020 --- 0.51 --- b 0.013 0.021 0.33 0.53 b 1 0.026 0.032 0.66 0.81 c 0.008 0.013 0.19 0.32 d 0.685 0.695 17.40 17.65 d1 0.650 0.656 16.51 16.66 d 2 0.590 0.630 14.99 16.00 d 3 0.500 typ. 12.70 typ. e 0.050 bsc 1.27 bsc h 1 0.042 0.056 1.07 1.42 h 2 0.042 0.048 1.07 1.22 r 0.025 0.045 0.64 1.14 44 lead plastic leaded chip carrier (plcc) rev. 1.00 1 d d 1 a a 1 d d 1 d 3 b a 2 b 1 e seating plane d 2 244 d 3 c r 45 x h 2 45 x h 1
st16c2550 xr 2.97v to 5.5v duart with 16-byte fifo rev. 4.4.0 36 package dimensions (40 pin pdip) note: the control dimensio n is the millimeter column inches millimeters symbol min max min max a 0.160 0.250 4.06 6.35 a1 0.015 0.070 0.38 1.78 a2 0.125 0.195 3.18 4.95 b 0.014 0.024 0.36 0.56 b1 0.030 0.070 0.76 1.78 c 0.008 0.014 0.20 0.38 d 1.98 2.095 50.29 53.21 e 0.600 0.625 15.24 15.88 e1 0.485 0.580 12.32 14.73 e 0.100 bsc 2.54 bsc ea 0.600 bsc 15.24 bsc eb 0.600 0.700 15.24 17.78 l 0.115 0.200 2.92 5.08 0 15 0 15 40 1 21 20 d e a 1 e 1 e a l seating plane a 2 b 1 b c e b e a
xr st16c2550 rev. 4.4.0 2.97v to 5.5v duart with 16-byte fifo 37 notice exar corporation reserves the right to make changes to the products contained in this publicat ion in order to improve design, performanc e or reliability. exar corp oration assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent in fringement. charts and sc hedules contained here in are only for illustration purposes and may vary depending upon a user?s specific application. while the information in this publication has been carefully ch ecked; no responsibility, however , is assumed for inaccuracies. exar corporation does not re commend the use of any of its products in life suppo rt applications where the failure or malfunction of the product can reasonably be ex pected to cause failure of the life support system or to significantly affect its safety or effectiveness. products ar e not authorized for use in such applications unless exar corporation receives , in writing, assurances to its satisfaction that: (a) the ri sk of injury or damage has been minimized; (b) the us er assumes all such risks; (c) potential liability of exar corporation is adequately protected under the circumstances. copyright 2004 exar corporation datasheet october 2004. send your uart technical inquiry with technical details to hotline: uarttechsupport@exar.com . reproduction, in part or whole, without the prior written consent of exar co rporation is prohibited. revision history date revision description february 2002 4.0 changed to standard style format. text descrip tions were clarified and simplified (eg. dma operation, fifo mode vs. non-fifo mode operations etc). clarified timing dia - grams. renamed rclk (receive clock) to bclk (baud clock) and timing symbols. added t ah , t cs and osc. april 2002 4.1 changed a0-a7 in figures 15 and 16 to a0-a2. clarified mcr bit-3 description. september 2003 4.2 changed to single column format. added de vice status to ordering information. devices with top markings of "a2 yyww" and newer have 5v tolerant inputs. devices with top markings of "cc yyww" and olde r do not have 5v tolerant inputs. april 2004 4.2.1 corrected unit of clock pulse duration (clk) in ac electrical characteristics table from ?mhz? to ?ns?. august 2004 4.3.1 updated the ac timing values for cs, ior, iow and tdy parameters. october 2004 4.4.0 the ac and dc electrical characteristics t ables apply to devices with top mark date code of "a2 yyww" and newer.
st16c2550 xr rev. 4.4.0 2.9v to 5.5v duart with 16-byte fifo i table of contents general description ......... ................ ................ ................. .............. .............. ...........1 a pplications ............................................................................................................................... .................1 f eatures ............................................................................................................................... ......................1 f igure 1. st16c2550 b lock d iagram ............................................................................................................................... .......... 1 f igure 2. p in o ut a ssignment ............................................................................................................................... ...................... 2 ordering information ............................................................................................................................... ..3 pin descriptions ............ ................ ................. ................ ................. ................ ...........4 1.0 product description ..................................................................................................... ................7 2.0 functional descriptions ................................................................................................. ............8 2.1 cpu interface ........................................................................................................... ................................... 8 f igure 3. st16c2550 d ata b us i nterconnections .................................................................................................................. 8 2.2 device reset .... .............. .............. .............. .............. .............. .............. ........... ......... .................................... 8 2.3 channel a and b selection .... .............. .............. .............. .............. .............. ........... .......... ..................... 8 t able 1: c hannel a and b s elect ............................................................................................................................... ................ 8 2.4 channel a and b internal registers ................. .............. .............. .............. .............. ............. .......... 9 2.5 dma mode ................................................................................................................ ....................................... 9 t able 2: txrdy# and rxrdy# o utputs in fifo and dma m ode ............................................................................................. 9 2.6 inta and intb outputs ................................................................................................... ........................... 9 t able 3: inta and intb p ins o peration for t ransmitter ........................................................................................................ 9 t able 4: inta and intb p in o peration f or r eceiver ............................................................................................................... 9 2.7 crystal oscillator or external clock input ............ .............. .............. .............. .............. ....... 10 f igure 4. t ypical oscillator connections ............................................................................................................................... 10 2.8 programmable baud rate generat or ........... .............. .............. .............. .............. ............ ......... ... 10 f igure 5. e xternal c lock c onnection for e xtended d ata r ate .......................................................................................... 11 f igure 6. o perating f requency versus p ower s upply c hart . ............................................................................................. 11 t able 5: t ypical data rates with a 14.7456 mh z crystal or external clock ...................................................................... 12 2.9 transmitter ............................................................................................................. .................................. 12 2.9.1 transmit holding register (thr) - write only ........................................................................... .............. 12 2.9.2 transmitter operation in non-fifo mode ................................................................................. ................. 12 f igure 7. t ransmitter o peration in non -fifo m ode .............................................................................................................. 13 2.9.3 transmitter operation in fifo mode ..................................................................................... ...................... 13 f igure 8. t ransmitter o peration in fifo m ode ...................................................................................................................... 13 2.10 receiver ............................................................................................................... ..................................... 13 2.10.1 receive holding register (rhr) - read-only ............................................................................ .............. 14 f igure 9. r eceiver o peration in non -fifo m ode .................................................................................................................... 14 f igure 10. r eceiver o peration in fifo m ode .......................................................................................................................... 14 2.11 internal loopback ... .............. .............. .............. .............. ........... ........... ........... .......... ......................... 15 f igure 11. i nternal l oop b ack in c hannel a and b ................................................................................................................ 15 3.0 uart internal registers ................................................................................................. ..........16 t able 6: uart channel a and b uart internal registers............................................................................ .......... 16 t able 7: internal registers description .......................................................................................... ......................... 17 4.0 internal register descriptions .......................................................................................... ...17 4.1 receive holding register (rhr) - read- only .. .............. .............. .............. ........... ............ .......... .. 17 4.2 transmit holding register (thr) - write-only ............................................................................ 17 4.3 interrupt enable register (ier ) - read/write .......... .............. .............. .............. .............. .......... .. 17 4.3.1 ier versus receive fifo interrupt mode operation ....................................................................... ...... 18 4.3.2 ier versus receive/transmit fifo polled mode operation ................................................................ 18 4.4 interrupt status register (isr) - read-only ............................................................................. .. 19 4.4.1 interrupt generation: .................................................................................................. .................................... 19 4.4.2 interrupt clearing: .................................................................................................... ....................................... 19 t able 8: i nterrupt s ource and p riority l evel ....................................................................................................................... 19 4.5 fifo control register (fcr) - write-only ................................................................................ ...... 20 t able 9: r eceive fifo t rigger l evel s election ..................................................................................................................... 20 4.6 line control register (lcr) - read/write ................................................................................ ...... 20 t able 10: p arity selection ............................................................................................................................... ......................... 22 4.7 modem control register (mcr) or gene ral purpose outputs control - read/write 22 4.8 line status register (lsr) - read only .................................................................................. ......... 23 4.9 modem status register (msr) - read only ................................................................................. ... 24 4.10 scratch pad register (spr) - read/write ................................................................................ .... 25
xr st16c2550 2.9v to 5.5v duart with 16-byte fifo rev. 4.4.0 ii 4.11 baud rate generator registers (dll and dlm) - read/write ....... ........... ............ ........... ..... 25 t able 11: uart reset conditions for channel a and b................................................................................ ............ 25 absolute maximum ratings ......... ................. ................ .............. .............. ............ 26 package thermal resistance data (margi n of error: 15 %)................ 26 electrical characteristics....... ................. ................ .............. .............. ............ 26 dc e lectrical c haracteristics .............................................................................................................. 26 ac e lectrical c haracteristics .............................................................................................................. 27 ta=0o to 70oc (-40o to +85oc for industrial grade package), vcc = 3.3v or 5.0v (10%) . .............. .............. ......... 27 70 pf load where applicable .................................................................................................... ................................. 27 f igure 12. ac t iming v alues ............................................................................................................................... ...................... 28 f igure 13. c lock t iming ............................................................................................................................... .............................. 28 f igure 14. m odem i nput /o utput t iming f or c hannels a & b ................................................................................................. 29 f igure 15. d ata b us r ead t iming ............................................................................................................................... ............... 29 f igure 16. d ata b us w rite t iming ............................................................................................................................... ............. 30 f igure 17. r eceive r eady & i nterrupt t iming [n on -fifo m ode ] for c hannels a & b ......................................................... 30 f igure 18. t ransmit r eady & i nterrupt t iming [n on -fifo m ode ] for c hannels a & b ....................................................... 31 f igure 19. r eceive r eady & i nterrupt t iming [fifo m ode , dma d isabled ] for c hannels a & b........................................ 31 f igure 20. r eceive r eady & i nterrupt t iming [fifo m ode , dma e nabled ] for c hannels a & b......................................... 32 f igure 21. t ransmit r eady & i nterrupt t iming [fifo m ode , dma m ode d isabled ] for c hannels a & b ........................... 32 f igure 22. t ransmit r eady & i nterrupt t iming [fifo m ode , dma m ode e nabled ] for c hannels a & b ............................ 33 package dimensions (48 pin tq fp - 7 x 7 x 1 mm) . ................. ................ ............ 34 package dimensions (44 pin plcc ) ................. .............. .............. .............. ............ 35 package dimensions (40 pin pdip) . ................. .............. .............. .............. ............ 36 r evision h istory ............................................................................................................................ 37 t able of c ontents .............. ................ ................ ................. ................ ................. ............ i


▲Up To Search▲   

 
Price & Availability of ST16C255004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X