Part Number Hot Search : 
L8560 KBJ10J 111UX M7S24FCJ EMK21 3QL50AK D4148 T54FCT
Product Description
Full Text Search
 

To Download SS14B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features for surface mounted applications metal-semiconductor junction with guarding epitaxial construction very low forward votage drop high current capability plastic material has ul flammability classification 94v-0 for use in lowvoltage, high frequency inverters, free wheeling, and polarity protection applications. mechanical data case molded plastic polarity:color band denotes cathode weight: 0.003 ounces,0.093 grams mounting position: any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol ss12b ss13b SS14B ss15b ss16b ss18b ss110b unit maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v maximum average forward rectified current @t l =100 peak forward surage current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 1.0a dc v f 0.45 0.55 0.6 v maximum dc reverse current @t j =25 at rated dc blocking voltage @t j =100 typical junction capacitance (note1) c j pf typical thermal resistance (note2) r jl /w operating temperature range t j storage temperature range t stg ss12b thru ss110b 1.0 ~ 151 ~ i fsm a ma i r 0.70 notes:1.measured at 1.0 mhz and applied reverse voltage of 4.0v dc. i (av) reverse voltage - 20 to 100 volts -55 to + 150 -55 to + 150 forward current - 1.0 amperes surface mount schottky barrier rectifiers 2.thermal resistance junction to lead. dimensions in inches and (millimeters) a 40 0.85 1.0 10 110 20 smb .030(0.76) .060(1.52) .096(2.44) .084(2.13) .200(5.08) .220(5.59) .008(.203) .002(.051) .006(.152) .012(.305) .160(4.06) .185(4.70) .130(3.30) .155(3.94) .083(2.11) .075(1.91)
rating and charactertic curves ss12b thru ss110b ~ 152 ~ fig. 1 - forward current derating curve a v e r a g e f o r w a r d c u r r e n t a m p e r e s lead temperature 25 50 75 100 125 150 175 1.00 0.75 0.5 0.25 0 single phase half wave 60hz resistive or inductive load 0.1 1000 100 10 1.0 4.0 10.0 100 fig.5-typical reverse characteristics percent of rated peak reverse voltage,(%) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) 100 10 1.0 0.1 0.01 0.001 0 20 40 60 80 100 120 140 t j = 125 t j = 25 t j = 100 c a p a c i t a n c e p f reverse voltage,volts fig.4-typical junction capacitance t j =25 f=1mh z i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fig.4-typical forward characteristics instantaneous forward voltage, (volts) 1.0 0.1 10 0.1 0.3 0.9 0.5 1.1 1.7 0 0.7 1.3 1.5 20 t j = 25 c pulse width 300us 1% duty cycle ss15b-ss16b ss13b SS14B ss18b-ss110b ss12b fig. 2 C maximum non-repetitive surge current number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t , ( a m p e r e s 40 30 20 10 0 100 50 20 10 1 2 5 pulse width 8.3ms single half-sine-wave (jedec method)


▲Up To Search▲   

 
Price & Availability of SS14B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X