Part Number Hot Search : 
S3C72 IX6R11S6 1N5235 IN5397 2SJ50 01301 BTS443 RQK06
Product Description
Full Text Search
 

To Download SM340FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SM340FL voltage 40v 3.0 amp schottky barrier rectifiers elektronische bauelemente 15-feb-2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  high current capability  extremely low thermal resistance  for surface mount application  low forward voltage mechanical data  case: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: solderable per mil-std-202, method 208 guaran teed  polarity: color band denotes cathode end marking product marking code SM340FL ec package information package mpq leader size sod-123fl 2.5k 7 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol rating unit maximum recurrent reverse voltage v rrm 40 v maximum rms voltage v rms 32 v maximum dc blocking voltage v dc 40 v maximum average forward rectified current @ t j =25 c i f 3 a peak forward surge current @8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 80 a maximum instantaneous forward voltage v f 0.52 a maximum dc reverse current @ t j =25c i r 160 ma typical junction capacitance 1 c j 70 pf typical thermal resistance r jl 20 c / w operating temperature range t j -50~125 c storage temperature range t stg -50~150 c notes 1. measured @ f=1.0mhz, v r =4.0v sod - 123 fl e f b c d a g ref. millimeter ref. millimeter min. max. min. max. a 2.70 2.90 e 0.10 0.30 b 1.80 2.00 f 0.80 1.20 c 1.55 1.25 g 0.35 0.85 d 3.50 3.90
SM340FL voltage 40v 3.0 amp schottky barrier rectifiers elektronische bauelemente 15-feb-2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SM340FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X