Part Number Hot Search : 
11A04 M100S 00005 74279250 PC723V SPT7921 1N2816A HY6060W
Product Description
Full Text Search
 

To Download SGM305511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sgm3055 6a , 30v , r ds(on) 26 m ? n-channel enhancement mode power mosfet 5-aug-2011 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view 1 2 3 4 a b d l k f g h j e c rohs compliant product a suffix of ?-c? specifies halogen & lead-free description the gm3055 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the sot-89 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. features ? fast switching ? dynamic dv/dt rating ? repetitive avalanche rated ? simple drive requirement marking package information package mpq leader size sot-89 1k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 30 v gate-source voltage v gs 20 v t a = 25c 6 a continuous drain current 3 t a = 70c i d 4.8 a pulsed drain current 1,2 i dm 20 a power dissipation p d 1.2 w linear derating factor 0.016 w / c operating junction & storage temperature t j , t stg -55~150 c thermal resistance rating thermal resistance junction-ambient 3 (max). r ? ja 104 c / w sot-89 millimete r millimete r ref. min. max. ref. min. max. a 4.40 4.60 g - - b 4.05 4.25 h 0.89 1.20 c 2.40 2.60 j 0.35 0.41 d 1.40 1.60 k 0.70 0.80 e 3.00 ref. l 1.50 ref. f 0.40 0.52 3055 ???? ? = date code ? ? g ? ? s d ?? ?
elektronische bauelemente sgm3055 6a , 30v , r ds(on) 26 m ? n-channel enhancement mode power mosfet 5-aug-2011 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t j =25c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions drain-source breakdown voltage bv dss 30 - - v v gs =0, i d =250 a breakdown voltage temperature coefficient bv dss / t j - 0.037 - v / c reference to 25c, i d =1ma gate threshold voltage v gs(th) 1 - 3 v v ds =v gs , i d =250 a gate-source leakage current i gss - - 100 na v gs = 20v t j =25c - - 25 v ds =30v, v gs =0 drain-source leakage current t j =70c i dss - - 250 a v ds =24v, v gs =0 - - 26 v gs =10v, i d =4a static drain-source on-resistance r ds(on) - - 40 m ? v gs =4.5v, i d =3a total gate charge 2 q g - 5.4 - gate-source charge q gs - 1.3 - gate-drain (?miller?) charge q gd - 3.6 - nc i d =4 a v ds =24v v gs =5v turn-on delay time 2 t d(on) - 3.6 - rise time t r - 19.8 - turn-off delay time t d(off) - 13 - fall time t f - 3.2 - ns v dd =15v i d =1a v gs =10v r g =3.3 ? r d =1.9 ? input capacitance c iss - 260 - output capacitance c oss - 144 - reverse transfer capacitance c rss - 13 - pf v gs =0 v ds =30 v f=1.0 mhz source-drain diode forward on voltage 2 v sd - - 1.3 v i s =2a, v gs =0, t j =25c continuous source current( body diode ) i s - - 4 a v d =v g =0, v s =1.3v pulsed source current( body diode ) 1 i sm - - 20 a notes: 1. pulse width limited by safe operating area. 2. pulse width Q 300 s, duty cycle Q 2%.
elektronische bauelemente sgm3055 6a , 30v , r ds(on) 26 m ? n-channel enhancement mode power mosfet 5-aug-2011 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente sgm3055 6a , 30v , r ds(on) 26 m ? n-channel enhancement mode power mosfet 5-aug-2011 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SGM305511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X