Part Number Hot Search : 
ADP1877 26KE15 KS5B8550 101MC TB6674FG VT6102 26704QUM SFBFY77
Product Description
Full Text Search
 

To Download RT8282B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RT8282B 1 ds8282b-01 march 2011 www.richtek.com ordering information note : richtek products are : ` rohs compliant and compatible with the current require- ments of ipc/jedec j-std-020. ` suitable for use in snpb or pb-free soldering processes. pin configurations (top view) applications wireless ap/router set-top-box industrial and commercial low power systems lcd monitors and tvs green electronics/appliances point of load regulation of high-performance dsps sop-8 (expoaed pad) 2a, 23v, 1.2mhz synchronous step-down converter general description the RT8282B is a high efficiency, monolithic synchronous step-down dc/dc converter that can deliver up to 2a output current from a 4.5v to 23v input supply. the RT8282B's current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors. cycle-by-cycle current limit provides protection against shorted outputs and soft-start eliminates input current surge during start-up. the RT8282B also provides under voltage protection and thermal shutdown protection. the low current (<3 a) shutdown mode provides output disconnect, enabling easy power management in battery- powered systems. the RT8282B is available in a sop-8 (exposed pad) package. features 1.5% high accuracy feedback voltage 4.5v to 23v input voltage range 2a output current integrated n-mosfet switches current mode control fixed frequency operation : 1.2mhz adjustable output from 0.8v to 20v up to 95% efficiency programmable soft-start stable with low-esr ceramic output capacitors cycle-by-cycle over current protection input under voltage lockout output under voltage protection thermal shutdown protection rohs compliant and halogen free boot vin sw gnd ss en fb comp gnd 2 3 4 5 6 7 8 9 marking information RT8282Bgsp : product number x : h or l ymdnn : date code RT8282B xgspymdnn package type sp : sop-8 (exposed pad-option 1) RT8282B lead plating system g : green (halogen free and pb free) h : uvp hiccup l : uvp latch-off
RT8282B 2 ds8282b-01 march 2011 www.richtek.com functional pin description pin no. pin name pin function 1 boot bootstrap for high side gate driver. connect a 0.1 f or greater ceramic capacitor from boot to sw pins. 2 vin input supply voltage 4.5v to 23v. must bypass with a suitably large ceramic capacitor. 3 sw switch node--connect this pin to an external l-c filter. 4, 9 (exposed pad) gnd ground. the exposed pad must be soldered to a large pcb and connected to gnd for maximum power dissipation. 5 fb feedback input. this pin is connected to the converter output. it is used to set the output of the converter to regulate to the desired value via an internal resistive divider. for an adjustable output, an external resistive divider is connected to this pin. 6 comp compensation node. comp is used to compensate the regulation control loop. connect a series rc network from comp to gnd. in some cases, an additional capacitor from comp to gnd is required. 7 en chip enable (active high). a logic low forces the RT8282B into shutdown mode reducing the supply current to less than 3 a. attach this pin to vin with a 100k pull up resistor for automatic startup. 8 ss soft-start control input. ss controls the soft-start period. connect a capacitor from ss to gnd to set the soft-start period. a 0.1 f capacitor sets the soft-start period to 13.5ms. typical application circuit v out (v) r1 (k ) r2 (k ) r c (k ) c c (nf) l ( h) c out ( f) 8 27 3 75 0.82 10 22 x 2 5 62 11.8 47 0.82 6.8 22 x 2 3.3 75 24 32 0.82 3.6 22 x 2 2.5 25.5 12 25.5 0.82 3.6 22 x 2 1.5 10.5 12 15 0.82 2 22 x 2 1.2 12 24 12 0.82 2 22 x 2 1 3 12 10 0.82 2 22 x 2 recommended component selection vin en gnd boot fb sw 7 5 2 3 1 l 3.6h 100nf 22f x 2 r1 75k r2 24k v out 3.3v/2a 10f v in 4.5v to 23v RT8282B ss 8 c ss comp c c 0.82nf r c 32k c p open 6 4, 9 (exposed pad) c boot c in 0.1f c out r en 100k
RT8282B 3 ds8282b-01 march 2011 www.richtek.com function block diagram va + - + - + - uv comparator oscillator foldback control 0.4v internal regulator + - 2.7v shutdown comparator current sense amplifier boot vin gnd sw fb en comp 3v 5k va v cc 6a slope comp current comparator + - ea 0.8v s r q q ss + - 1.2v lockout comparator v cc + 130m 130m
RT8282B 4 ds8282b-01 march 2011 www.richtek.com electrical characteristics (v in = 12v, t a = 25 c, unless otherwise specified) absolute maximum ratings (note 1) supply voltage, v in ------------------------------------------------------------------------------------------------- ? 0.3v to 25v input v oltage, sw --------------------------------------------------------------------------------------------------- ? 0.3v to (v in + 0.3v) v boot - v sw ----------------------------------------------------------------------------------------------------------- ? 0.3v to 6v other pin voltages ------------------------------------------------------------------------------------------------- ? 0.3v to 6v power dissipation, p d @ t a = 25 c sop-8 (exposed pad) --------------------------------------------------------------------------------------------- 1.333w package thermal resistance (note 2) sop-8 (exposed pad), ja ---------------------------------------------------------------------------------------- 75 c/w sop-8 ( xposed pad), jc --------------------------------------------------------------------------------------- 15 c/w lead temperature (soldering, 10 sec.) ------------------------------------ ------------------------------------- 260 c junction temperature ----------------------------------------------------------------------------------------------- 150 c storage temperature range -------------------------------------------------------------------------------------- ? 40 c to 150 c esd susceptibility (note 3) hbm (human body mode) ---------------------------------------------------------------------------------------- 2kv mm (ma chine mode) ------------------------------------------------------------------------------------------------ 200v recommended operating conditions (note 4) supply voltage, v in ------------------------------------------------------------------------------------------------- 4.5v to 23v junction temperature range -------------------------------------------------------------------------------------- ? 40 c to 125 c ambient temperature range -------------------------------------------------------------------------------------- ? 40 c to 85 c parameter symbol test conditions min typ max unit shutdown supply current v en = 0v -- 0.5 3 a supply current v en = 3 v, v fb = 0.9v -- 0.8 1.2 ma feedback voltage v fb 4.5v v in 23v 0.788 0.8 0.812 v error amplifier transconductance gea ic = 10 a -- 940 -- a/v high side switch on-resistance r ds(on)1 -- 130 -- m low side switch on-resistance r ds(on)2 -- 130 -- m high side switch leakage current v en = 0v, v sw = 0v -- 0 10 a upper switch current limit min. duty c ycle, v boot ? v sw = 4.8v 3.5 4.5 -- a lower switch current limit from drain to source -- 1.2 -- a comp to current sense transconductance g cs -- 5 -- a/v oscillation frequency f osc1 1 1.2 1.4 hz short circuit oscillation frequency f osc2 v fb = 0v -- 300 -- khz maximum duty cycle d max v fb = 0.7v -- 75 -- % minimum on time t on -- 100 -- ns to be continued
RT8282B 5 ds8282b-01 march 2011 www.richtek.com parameter symbol test conditions min typ max unit logic high v ih 2.7 -- 5.5 en threshold voltage logic low v il -- -- 0. 4 v input under voltage lockout threshold v in rising 3.8 4.2 4.5 v input under voltage lockout hysteresis -- 320 -- mv soft-start current v ss = 0v -- 6 -- a soft-start period c ss = 0.1 f -- 13.5 -- ms thermal shutdown t sd -- 150 -- c note 1. stresses listed as the above " absolute maximum ratings " may cause permanent damage to the device. these are for stress ratings. functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. note 2. ja is measured in natural convection at t a = 25 c on a high effective thermal conductivity four-layer test board of jedec 51-7 thermal measurement standard. the measurement case position of jc is on the expose pad for sop-8 (exposed pad) package. note 3. devices are esd sensitive. handling precaution is recommended. note 4. the device is not guaranteed to function outside its operating conditions.
RT8282B 6 ds8282b-01 march 2011 www.richtek.com typical operating characteristics reference voltage vs. input voltage 0.780 0.785 0.790 0.795 0.800 0.805 0.810 0.815 0.820 4 6 8 1012141618202224 input voltage (v) reference voltage (v) v out = 3.3v, i out = 0a output voltage vs. output current 3.24 3.25 3.26 3.27 3.28 3.29 3.30 3.31 3.32 3.33 3.34 3.35 3.36 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 output current (a) output voltage (v) 1 v in = 23v v in = 12v v out = 3.3v reference voltage vs. temperature 0.780 0.785 0.790 0.795 0.800 0.805 0.810 0.815 0.820 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) reference voltage (v) v in = 12v, v out = 3.3v, i out = 0a frequency. vs. input voltage 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 4 6 8 10 12 14 16 18 20 22 24 input voltage (v) frequency (mhz) 1 v out = 3.3v, i out = 0a frequency vs. temperature 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) frequency (mhz) 1 v in = 12v, v out = 3.3v, i out = 0a efficiency vs. output current 0 10 20 30 40 50 60 70 80 90 100 0.0 0.3 0.5 0.8 1.0 1.3 1.5 1.8 2.0 output current (a) efficiency (%) v in = 12v v in = 23v v out = 3.3v
RT8282B 7 ds8282b-01 march 2011 www.richtek.com current limit vs. temperature 3.0 3.5 4.0 4.5 5.0 5.5 6.0 -50-250 255075100125 temprature (c) current limit (a) v in = 12v, v out = 3.3v current limit vs. duty cycle 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 1020304050607080 duty cycle (%) current limit (a) v in = 4.5v to 23v, v out = 3.3v load transient response time (100 s/div) v out (50mv/div) i out (2a/div) v in = 12v, v out = 3.3v, i out = 1a to 2a switching time (500ns/div) v in = 12v, v out = 3.3v, i out = 2a i l (1a/div) v out (10mv/div) v sw (10v/div) load transient response time (100 s/div) v in = 12v, v out = 3.3v, i out = 0a to 2a i out (2a/div) v out (50mv/div) output current limit vs. input voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 4 6 8 1012141618202224 input voltage (v) output current limit (a ) v out = 1.2v v out = 3.3v (add bootstrap diode) v out = 3.3v
RT8282B 8 ds8282b-01 march 2011 www.richtek.com switching time (500ns/div) v in = 12v, v out = 3.3v, i out = 1a v out (10mv/div) v sw (10v/div) i l (1a/div) power on from vin time (5ms/div) v in = 12v, v out = 3.3v, i out = 2a i l (2a/div) v out (2v/div) v in (5v/div) power off from vin time (5ms/div) i l (2a/div) v out (2v/div) v in (5v/div) v in = 12v, v out = 3.3v, i out = 2a power on from en time (5ms/div) v out (2v/div) v en (5v/div) i l (2a/div) v in = 12v, v out = 3.3v, i out = 2a power off from en time (5ms/div) v in = 12v, v out = 3.3v, i out = 2a v out (2v/div) v en (5v/div) i l (2a/div)
RT8282B 9 ds8282b-01 march 2011 www.richtek.com application information the RT8282B is a synchronous high voltage buck converter that can support the input voltage range from 4.5v to 23v and the output current can be up to 2a. output voltage setting the resistive divider allows the fb pin to sense the output voltage as shown in figure 1. figure 1. output voltage setting the output voltage is set by an external resistive voltage divider according to the following equation : ?? + ?? ?? out fb r1 v = v1 r2 where v fb is the feedback reference voltage (0.8v typ.). external bootstrap diode connect a 100nf low esr ceramic capacitor between the boot pin and sw pin. this capacitor provides the gate driver voltage for the high side mosfet. it is recommended to add an external bootstrap diode between an external 5v and boot pin for efficiency improvement when input voltage is lower than 5.5v or duty ratio is higher than 65% .the bootstrap diode can be a low cost one such as in4148 or bat54. the external 5v can be a 5v fixed input from system or a 5v output of the RT8282B. note that the external boot voltage must be lower than 5.5v. figure 2. external bootstrap diode RT8282B gnd fb r1 r2 v out sw boot 5v RT8282B 100nf soft-start the RT8282B contains an external soft-start clamp that gradually raises the output voltage. the soft-start timing can be programmed by the external capacitor between ss pin and gnd. the chip provides a 6 a charge current for the external capacitor. if 0.1 f capacitor is used to set the soft-start, it's period will be 13.5ms (typ.). chip enable operation the en pin is the chip enable input. pulling the en pin low (<0.4v) will shutdown the device. during shutdown mode, the RT8282B quiescent current will drops below 3 a. driving the en pin high (>2.7v, < 5.5v) will turn on the device again. for external timing control (e.g.rc), the en pin can also be externally pulled high by adding a r en * resistor and c en * capacitor from the vin pin (see figure 5). an external mosfet can be added to implement digital control on the en pin when no system voltage above 2.5v is available, as shown in figure 3. in this case, a 100k pull-up resistor, ren, is connected between v in and the en pin. mosfet q1 will be under logic control to pull down the en pin. figure 3. enable control circuit for logic control with low voltage to prevent enabling circuit when v in is smaller than the v out target value, a resistive voltage divider can be placed between the input voltage and ground and connected to the en pin to adjust ic lockout threshold, as shown in figure 4. for example, if an 8v output voltage is regulated from a 12v input voltage, the resistor r en2 can be selected to set input lockout threshold larger than 8v. vin en gnd boot fb sw 7 5 2 3 1 l r1 r2 v out chip enable v in RT8282B ss 8 c ss comp c c r c c p 6 4, 9 (exposed pad) c boot c out c in r en q1 100k
RT8282B 10 ds8282b-01 march 2011 www.richtek.com having a lower ripple current reduces not only the esr losses in the output capacitors but also the output voltage ripple. high frequency with small ripple current can achieve highest efficiency operation. however, it requires a large inductor to achieve this goal. for the ripple current selection, the val ue of i l = 0.24(i max ) will be a reasonable starting point. the large st ripple current occurs at the highest v in . to guarantee that the out out l(max) in(max) vv l = 1 fi v ??? ? ? ??? ? ??? ? the inductor's current rating (caused a 40 c temperature rising from 25 c ambient) should be greater than the maximum load current and its saturation current should be greater than the short circuit peak current limit. please see table 2 for the inductor selection reference. table 2. suggested inductors for typical application circuit component supplier series dimensions (mm) tdk vlf10045 10 x 9.7 x 4.5 tdk slf12565 12.5 x 12.5 x 6.5 taiyo yuden nr8040 8 x 8 x 4 out in rms out(max) in out v v i = i 1 vv ? this formula has a maximum at v in = 2v out , where i rms = i out /2. this simple worst-case condition is commonly used for design because even significant deviations do not offer much relief. choose a capacitor rated at a higher temperature than required. several capacitors may also be paralleled to meet size or height requirements in the design. for the input capacitor, one 10 f low esr ceramic capacitors are recommended. for the recommended capacitor, please refer to table 3 for more detail. the selection of c out is determined by the required esr to minimize voltage ripple. moreover, the amount of bulk capacitance is also a key for c out selection to ensure that the control loop is stable. loop stability can be checked by viewing the load transient c in and c out selection the input capacitance, c in, is needed to filter the trapezoidal current at the source of the high side mosfet. to prevent large ripple current, a low esr input capacitor sized for the maximum rms current should be used. the rms current is given by : out out l in vv i = 1 fl v ??? ? ?? ??? ? ??? ? hiccup mode for the RT8282Bh, it provides hiccup mode under voltage protection (uvp). when the fb voltage drops below half of the feedback reference voltage, v fb , the uvp function will be triggered and the RT8282Bh will shut down for a period of time and then recover automatically. the hiccup mode uvp can reduce input current in short-circuit conditions. latch-off mode for the RT8282Bl, it provides latch-off mode under voltage protection (uvp). when the fb voltage drops below half of the feedback reference voltage, v fb , uvp will be triggered and the RT8282Bl will shut down in latch- off mode. in shutdown condition, the RT8282Bl can be reset by en pin or power input vin. inductor selection the inductor value and operating frequency determine the ripple current according to a specific input and output voltage. the ripple current i l increases with higher v in and decreases with higher inductance : figure 4. the resistors can be selected to set ic lockout threshold ripple current stays below the specified maximum, the inductor value should be chosen according to the following equation : vin en gnd boot fb sw 7 5 2 3 1 l r1 r2 v out v in RT8282B ss 8 c ss comp c c r c c p 6 4, 9 (exposed pad) c boot c out c in 100k 8v 12v r en2 r en1 10f
RT8282B 11 ds8282b-01 march 2011 www.richtek.com out l out 1 viesr 8fc ?? ?? + ?? ?? the output ripple will be highest at the maximum input voltage since i l increases with input voltage. multiple capacitors placed in parallel may be needed to meet the esr and rms current handling requirement. dry tantalum, special polymer, aluminum electrolytic and ceramic capacitors are all available in surface mount packages.special polymer capacitors offer very low esr value. however, it provides lower capacitance density than other types. although tantalum capacitors have the highest capacitance density, it is important to only use types that pass the surge test for use in switching power supplies. aluminum electrolytic capacitors have significantly higher esr. however, it can be used in cost-sensitive applications for ripple current rating and long term reliability considerations. ceramic capacitors have excellent low esr characteristics but can have a high voltage coefficient and audible piezoelectric effects. the high q of ceramic capacitors with trace inductance can also lead to significant ringing. higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. their high ripple current, high voltage rating and low esr make them ideal for switching regulator applications. however, care must be taken when these capacitors are used at input and output. when a ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a load step at the output can induce ringing at the input, v in . at best, this ringing can couple to the output response as described in a later section. the output ripple, v out , is determined by : and be mistaken as loop instability. at worst, a sudden inrush of current through the long wires can potentially cause a voltage spike at v in large enough to damage the part. checking transient response the regulator loop response can be checked by looking at the load transient response. switching regulators take several cycles to respond to a step in load current. when a load step occurs, v out immediately shifts by an amount equal to i load (esr) also begins to charge or discharge c out generating a feedback error signal for the regulator to return v out to its steady-state value. during this recovery time, v out can be monitored for overshoot or ringing that would indicate a stability problem. emi consideration since parasitic inductance and capacitance effects in pcb circuitry w ould cause a spike voltage on sw pin when high side mosfet is turned-on /off, this spike voltage on sw may impact on emi performance in the system. in order to enhance emi performance, there are two methods to suppress the spike voltage. one is to place an r-c snubber between sw and gnd and make them as close as possible to the sw pin (see figure 5). another method is adding a resistor in series with t he bootstrap capacitor, c boot . but this method will decrease the driving capability to the high side mosfet. it is strongly recommended to reserve the r-c snubber during pcb layout for emi improvement. moreover, reducing the sw trace area and keeping the main power in a small loop will be helpful on emi performance. for detailed pcb layout guide, please refer to the section of layout consideration. figure 5. reference circuit with snubber and enable timing control vin en gnd boot fb sw 7 5 2 3 1 l 3.6h 100nf 22fx2 r1 75k r2 24k v out 3.3v/2a 10f chip enable v in 4.5v to 23v RT8282B ss 8 c ss 0.1f comp c c 0.82nf r c 32k c p nc 6 4, 9 (exposed pad) c boot c out c in r boot * r s * c s * r en * c en * * : optional
RT8282B 12 ds8282b-01 march 2011 www.richtek.com figure 7. derating curves for RT8282B package (a) copper area = (2.3 x 2.3) mm 2 , ja = 75 c/w (b) copper area = 10mm 2 , ja = 64 c/w (c) copper area = 30mm 2 , ja = 54 c/w 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 0 255075100125 ambient temperature p ower di ss i pat i on (w) ( c) copper area 70mm 2 50mm 2 30mm 2 10mm 2 min.layout four-layer pcb thermal considerations for continuous operation, do not exceed the maximum operation junction temperature 125 c . the maximum power dissipation depends on the thermal resistance of ic package, pcb layout, the rate of surroundings airflow and temperature difference between junction to ambient. the maximum power dissipation can be calculated by following formula : p d(max) = (t j(max) ? t a ) / ja where t j(max) is the maximum operation junction temperature , t a is the ambient temperature and the ja is the junction to ambient thermal resistance. for recommended operating conditions specification of RT8282B, the maximum junction temperature is 125 c . the junction to ambient thermal resistance ja is layout dependent. for psop-8 package, the thermal resistance ja is 75 c /w on the standard jedec 51-7 four-layer thermal test board. the maximum power dissipation at t a = 25 c can be calculated by following formula : p d(max) = (125 c ? 25 c ) / (75 c /w) = 1.333w (min.copper area pcb layout) p d(max) = (125 c ? 25 c ) / (49 c /w) = 2.04w (70mm 2 copper area pcb layout) the thermal resistance ja of sop-8 (exposed pad) is determined by the package architecture design and the pcb layout design. however, the package architecture design had been designed. if possible, it's useful to increase thermal performance by the pcb layout copper design. the thermal resistance ja can be decreased by adding copper area under the exposed pad of sop-8 (ex posed pad) package. as shown in figure 6, the amount of copper area to which the sop-8 (exposed pad) is mounted affects thermal performance. when mounted to the standard sop-8 (exposed pad) pad (figure 6.a), ja is 75 c/w. adding copper area of pad under the sop-8 (exposed pad) (figure 6.b) reduces the ja to 64 c/w. even further, increasing the copper area of pad to 70mm 2 (figure 6.e) reduces the ja to 49 c/w. the maximum power dissipation depends on operating ambient temperature for fixed t j(max) and thermal resistance ja . for RT8282B packages, the figure 7 of derating curves allows the designer to see the effect of rising ambient temperature on the maximum power dissipation allowed.
RT8282B 13 ds8282b-01 march 2011 www.richtek.com (d) copper area = 50mm 2 , ja = 51 c/w (e) copper area = 70mm 2 , ja = 49 c/w figure 6. themal resistance vs. copper area layout design figure 8. pcb layout guide table 3. suggested capacitors for c in and c out location component supplier part no. capacitance ( f) case size c in murata grm31cr61e106k 10 1206 c in tdk c3225x5r1e106k 10 1206 c in taiyo yuden tmk316bj106ml 10 1206 c out murata grm31cr60j476m 47 1206 c out tdk c3225x5r0j476m 47 1210 c out murata grm32er71c226m 22 1210 c out tdk c3225x5r1c22m 22 1210 layout consideration for best performance of the RT8282B, the follow layout guidelines must be strictly followed. ` input capacitor must be placed as close to the ic as possible. v in v out gnd gnd c p c c r c sw v out c out l1 r1 r2 input capacitor must be placed as close to the ic as possible. sw should be connected to inductor by wide and short trace. keep sensitive components away from this trace. the feedback components must be connected as close to the device as possible. boot vin sw gnd ss en fb comp gnd 2 3 4 5 6 7 8 9 c ss r s c s gnd v in r en c in ` sw should be connected to inductor by wide and short trace. keep sensitive components away from this trace. ` the feedback components must be connected as close to the device as possible
RT8282B 14 ds8282b-01 march 2011 www.richtek.com information that is provided by richtek technology corporation is believed to be accurate and reliable. richtek reserves the ri ght to make any change in circuit design, specification or other related things if necessary without notice at any time. no third party intellectual property inf ringement of the applications should be guaranteed by users when integrating richtek products into any application. no legal responsibility for any said applications i s assumed by richtek. richtek technology corporation headquarter 5f, no. 20, taiyuen street, chupei city hsinchu, taiwan, r.o.c. tel: (8863)5526789 fax: (8863)5526611 richtek technology corporation taipei office (marketing) 5f, no. 95, minchiuan road, hsintien city taipei county, taiwan, r.o.c. tel: (8862)86672399 fax: (8862)86672377 email: marketing@richtek.com outline dimension a b j f h m c d i y x exposed thermal pad (bottom of package) 8-lead sop (exposed pad) plastic package symbol dimensions in millimeters dimensions in inches min max min max a 4.801 5.004 0.189 0.197 b 3.810 4.000 0.150 0.157 c 1.346 1.753 0.053 0.069 d 0.330 0.510 0.013 0.020 f 1.194 1.346 0.047 0.053 h 0.170 0.254 0.007 0.010 i 0.000 0.152 0.000 0.006 j 5.791 6.200 0.228 0.244 m 0.406 1.270 0.016 0.050 option 1 x 2.000 2.300 0.079 0.091 y 2.000 2.300 0.079 0.091 option 2 x 2.100 2.500 0.083 0.098 y 3.000 3.500 0.118 0.138


▲Up To Search▲   

 
Price & Availability of RT8282B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X