Part Number Hot Search : 
2405S HPLW110 CB621 TP120 MIW2333 BZV55B68 A6506 5012A
Product Description
Full Text Search
 

To Download RA502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ra dimension inches mm dim min max min max note a .380 .410 9.70 10.40 b .165 .185 4.19 4.70 c .215 .225 5.50 5.70 d .235 .250 6.00 6.40 e ----- 5 o ----- 5 o nom l case material : molded plastic. ul flammability classification 94v-0 and msl rating 1 l low cost construction utilizing void-free molded pla stic technique l high surge capability l diffused junction RA502 100v 70v 100v ra503 200v 140v 200v ra504 400v 280v 400v ra505 600v 420v 600v ra506 800v 560v 800v ra507 1000v 700v 1000v maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) 50.0a t c =125 o c peak forward surge current i fsm 500a 8.3ms half sine maximum instantaneous forward voltage v f 1.1v i fm =50.0a t a =25 o c maximum dc reverse current at rated dc blocking voltage i r 5.0ua t c =25 o c typical reverse recovery times t rr 3.0us i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 300pf measured at 1.0mhz, v r =4.0v ra501 thru 50.0 amp standard rectifier 50 to 1000 volts a b c d e  
 omp onents 20736 marilla street chatsworth    !"# $
%    !"# m c c revision: 5 2008/06/24 tm micro commercial components ra501 50v 35v 50v maximum ratings l operating & storage temperature: -5 5 o c to +150 o c l for capacitive load, derate current by 20% features l lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. www. mccsemi .com 1 of 3 ra507 mcc part number
ra501 thru ra507 ratings and characteristic curves fig.4- typical reverse characteristics instantaneous reverse current. ( a) 0 20 40 60 80 100 120 140 0.1 0.6 0.4 0.2 1 6 4 2 10 60 40 20 100 percent of rated peak reverse voltage. (%) tj=25 c 0 fig.5- typical junction capacitance junction capacitance.(pf) 1 5 2 10 20 50 100 50 100 500 1000 reverse voltage. (v) tj=25 c 0 fig.3- typical forward characteristics instantaneous forward current. (a) 0.6 1.0 1.4 1.8 2.2 2.6 0.1 1.0 10 100 1000 forward voltage. (v) tj=25 c pulse width-300 s 2% duty cycle 0 fig.2- maximum non-repetitive peak forward surge current peak forw ard surge current. (a) 1 2 5 10 20 100 50 500 50 100 1000 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.1- maximum forward current derating curve average forward current. (a) 7 5 100 1 2 5 15 0 200 1 7 5 0 10 30 20 40 50 60 70 case temperature. ( c) o single phase half wave 60hz resistive or inductive load m c c revision: 5 2008/06/24 tm micro commercial components www. mccsemi .com 2 of 3
m c c revision: 5 2008/06/24 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk; 1k pcs /b ox 3


▲Up To Search▲   

 
Price & Availability of RA502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X