transistors with built-in resistor 1 publication date: june 2002 sjh00052aed NP0G3D3 silicon pnp epitaxial planar transistor (tr1) silicon npn epitaxial planar transistor (tr2) for digital circuits features ? two elements incorporated into one package ? suitable for high density package and downsizing of the equipment ? automatic insertion with the taping is possible basic part number of element ? unr31a3 unr32at absolute maximum ratings t a = 25 c marking symbol: 3h internal connection unit: mm parameter symbol rating unit tr1 collector to base voltage v cbo ? 50 v collector to emitter voltage v ceo ? 50 v collector current i c ? 80 ma tr2 collector to base voltage v cbo 50 v collector to emitter voltage v ceo 50 v collector current i c 80 ma overall total power dissipation * p t 125 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c 1: base (tr1) 4: collector (tr2) 2: base (tr2) 5: emitter (tr1) 3: emitter (t r2) 6: collector (tr1) sssmini6-f1 package note) * : measuring on substrate at 17 mm 10 mm 1 mm 0 to 0.02 654 1 2 3 1.00 0.05 (0.10) 0.10 1.00 0.05 display at no.1 lead 0.80 0.05 0.10 (0.35) (0.35) 0.37 +0.03 - 0.02 0.12 +0.03 - 0.02 1 tr2 tr1 23 4 6 5
NP0G3D3 2 sjh00052aed electrical characteristics t a = 25 c 3 c ? tr1 ? tr2 parameter symbol conditions min typ max unit collector to base voltage v cbo i c = 10 a, i e = 050 v collector to emittter voltage v ceo i c = 2 ma, i b = 050v collector cutoff current i cbo v cb = 50 v, i e = 0 0.1 a i ceo v ce = 50 v, i b = 0 0.5 emitter cutoff current i ebo v eb = 6 v, i c = 0 0.2 ma forward current transfer ratio h fe v ce = 10 v, i c = 5 ma 80 400 ? collector to emitter saturation voltage v ce(sat) i c = 10 ma, i b = 0.3 ma 0.25 v high level output voltage v oh v cc = 5 v, v b = 0.5 v, r l = 1 k ? 4.9 v low level output voltage v ol v cc = 5 v, v b = 2.5 v, r l = 1 k ? 0.2 v input resistance r 1 ? 30% 22 + 30% k ? resistance ratio r 1 / r 2 0.47 ? gain bandwidth product f t v cb = 10 v, i e = ? 2 ma, f = 200 mhz 150 mhz p t ? t a parameter symbol conditions min typ max unit collector to base voltage v cbo i c = ? 10 a, i e = 0 ? 50 v collector to emittter voltage v ceo i c = ? 2 ma, i b = 0 ? 50 v collector cutoff current i cbo v cb = ? 50 v, i e = 0 ? 0.1 a i ceo v ce = ? 50 v, i b = 0 ? 0.5 emitter cutoff current i ebo v eb = ? 6 v, i c = 0 ? 0.1 ma forward current transfer ratio h fe v ce = ? 10 v, i c = ? 5 ma 80 ? collector to emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v high level output voltage v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v low level output voltage v ol v cc = ? 5 v, v b = ? 3.5 v, r l = 1 k ?? 0.2 v input resistance r 1 ? 30% 47 + 30% k ? resistance ratio r 1 / r 2 0.8 1.0 1.2 ? gain bandwidth product f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz common characteristics chart 0 140 60 20 80 120 40 100 0 140 120 100 60 80 40 20 total power dissipation p t ( mw ) ambient temperature t a ( c )
NP0G3D3 3 sjh00052aed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of tr1 0 ? 12 ? 10 ?8 ? 2 ? 6 ?4 0 ? 90 ? 80 ? 70 ? 60 ? 50 ? 30 ? 40 ? 20 ? 10 t a = 25 c i b = ? 10 ma ? 9 ma ? 8 ma ? 7 ma ? 6 ma ? 5 ma ? 4 ma ? 3 ma ? 2 ma ? 1 ma collector to emitter voltage v ce ( v ) collector current i c (m a ) ? 0.1 ? 1 ?1 0 ? 100 ? 0.01 ? 10 ? 1 ? 0.1 t a = 75 c 25 c ? 25 c i c / i b = 10 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) ? 1 ? 10 ? 100 0 250 200 150 100 50 t a = 75 c 25 c ? 25 c v ce = ? 10 v collector current i c ( ma ) forward current transfer ratio h fe 0 ? 40 ? 32 ? 8 ? 24 ? 16 1 10 f = 1 mhz t a = 25 c collector to base voltage v cb ( v ) collector output capacitance c ob ( pf ) 0 ? 12 ? 10 ? 8 ? 2 ? 6 ? 4 ? 1 ? 100 ? 10 v o = ? 5 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) ? 0.1 ? 1 ? 10 ? 100 ? 0.1 ? 100 ? 10 ? 1 v o = ? 0.2 v t a = 25 c output current i o ( ma ) input voltage v in ( v )
NP0G3D3 4 sjh00052aed i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o characteristics charts of tr2 012 10 8 26 4 0 90 80 70 60 50 30 40 20 10 t a = 25 c i b = 1.0 ma 0. 9 ma 0. 8 ma 0. 7 ma 0. 6 ma 0. 5 ma 0. 4 ma 0. 3 ma 0. 2 ma 0. 1 ma collector to emitter voltage v ce ( v ) collector current i c (m a ) 1 10 100 0.01 10 1 0.1 t a = 75 c 25 c ? 25 c i c / i b = 10 collector current i c ( ma ) collector to emitter saturation voltage v ce(sat) ( v ) 1 10 100 0 400 300 100 250 350 200 50 150 t a = 75 c 25 c ? 25 c v ce = 10 v collector current i c ( ma ) forward current transfer ratio h fe 040 10 30 20 35 525 15 1 10 f = 1 mhz t a = 25 c collector to base voltage v cb ( v ) collector output capacitance c ob ( pf ) 0.1 100 10 1 0 2.5 2.0 0.5 1.5 1.0 v o = 5 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0.1 1 10 100 0.1 10 1 v o = 0.2 v t a = 25 c output current i o ( ma ) input voltage v in ( v )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul
|