Part Number Hot Search : 
26702QTV ELT3021 MB1005 AD1983 EE3700 ATF13786 1N4099 04500
Product Description
Full Text Search
 

To Download LU5S041XLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan - mate ? series 15 rj45 connector module with integrated 10/100 base- tx magnetics p/n: lu5s041 x lf page : 1 / 3 a 4 (0 7 /12) feature l rj -45 needs to be matched fcc standard l rj -45 connector integrated with x?fmr / impedance resistor/high voltage capacitor. l size same as rj -45 connector to save pcb board pace. l reduced emi radiation to improve emi performance. l design for 100 base transmission over utp -5 cable. l comply with rohs requirements- whole part no cd, no hg, no cr6+, no pbb and pbde and no pb on external pins. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +125j. electrical specifications @ 25c turns ratio (5%) insertion loss (db max) part number tx rx ocl (uh min) @ 100khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3 -100mhz hi -pot (vrms) lu5s041x lf 1ct:1ct 1ct:1ct 350 56 0.5 -0.8 1500 continue return loss (db min) cross talk (db min) cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mhz 60-125mhz lu5s041x lf -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434
?lan - mate ? series 15 rj45 connector module with integrated 10/100 base- tx magnetics p/n: lu5s041 x lf page : 2 / 3 a 4 (0 7 /12) mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. metal shield : brass, 20u" inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0. 4x0.4mm, phosphor bronze with solder plated 5. durability : 750 mating cycles min. label position bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434
?lan - mate ? series 15 rj45 connector module with integrated 10/100 base- tx magnetics p/n: lu5s041 x lf page : 3 / 3 a 4 (0 7 /12) pcb layout mounting hole(top view) bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LU5S041XLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X