Part Number Hot Search : 
EZ1583CM CDBA320 EZ1583CM MF0ICU2 NX5302SK AB019B CLA80000 15000
Product Description
Full Text Search
 

To Download KTC319712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1994. 6. 24 1/4 semiconductor technical data ktc3197 epitaxial planar npn transistor revision no : 0 high frequency application. vhf band amplifier application. features  high gain : g pe =33db(typ.) (f=45mhz).  good linearity of h fe . maximum rating (ta=25 1 ) to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.45 max m 1.00 n 1. emitter 2. collector 3. base + _ electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo 30 v collector-emitter voltage v ceo 25 v emitter-base voltage v ebo 4 v collector current i c 50 ma emitter current i e -50 ma collector power dissipation p c 625 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =30v, i e =0 - - 0.1  a emitter cut-off current i ebo v eb =3v, i c =0 - - 0.1 collector-emitter breakdown voltage v (br)ceo i c =10ma, i b =0 25 - - v dc current gain h fe v ce =12.5v, i c =12.5ma 20 - 200 saturation voltage collector-emitter v ce(sat) i c =15ma, i b =1.5ma - - 0.2 v base-emitter v be(sat) - - 1.5 collector output capacitance c ob v cb =10v, i e =0, f=1mhz 0.8 - 2.0 pf collector-base time constant c c  rbb ? v cb =10v, i e =-1ma, f=30mhz - - 25 ps transition frequency f t v ce =12.5v, i c =12.5ma 300 - - mhz power gain (fig.1) g pe v cc =12.5v, i e =-12.5ma f=45mhz 28 - 36 db
1994. 6. 24 2/4 ktc3197 revision no : 0 input r =50 ? g 0.05 f 2.2k ? i e 7pf cc v 3 2 1 4 5 output r =50 l t : 3.0t 1 - 2 3 - 2 8.0t 5 - 4 1.0t 0.005 f 10pf coil data 0.20mm cu wire l=12 h with m-5 core pe power gain g (db) 0 12 collector 0 c 15 10 5 0 base current b static characteristics collector current i (ma) 0 c 0 collector-emitter voltage v (v) ce ce c i - v -2 emitter current i (ma) e pe g - i (see fig 1) h - i c collector current i (ma) 0.2 1 0 30 100 300 fe dc current gain h 10 current i (ma) v (v) voltage be base-emitter i (ma) voltage v (v) ce collector-emitter 20 0.1 0.2 0.3 16 20 0.4 0.8 1.2 4 8 v = 12.5v ce 0.3 0.25 0.2 0.15 0.1 i =0.05ma b 0 c e v =1 2. 5 v common emitter ta=25 c 2 4 6 8 10 12 14 2 4 6 8 10 12 14 16 common emitter ta=25 c 0.3 0.25 0.2 0.15 0.1 i =0.05ma b 0 e -4 -6 -8 -10 -12 -14 -16 10 20 30 40 common emitter v =12.5v f=45mhz ta=25 c cc fe c 0.5 1 3 30 50 100 v =12.5v ce ce v =3v common emitter ta=25 c 0.005 f fig. 1 45mhz g pe test circuit
1994. 6. 24 3/4 ktc3197 revision no : 0 f - i c collector current i (ma) 0.2 1 10 50 100 t transition ferquency tc f (mhz) 0.5 3 30 5 300 500 1k 2k common emitter v =12.5v ta=25 c ce c - v cb collector-base voltage v (v) 0.2 3 10 50 ob 1 collector output capacitance 20 ob cb c (pf) 0.5 1 10 3 5 f=1mhz ta=25 c g , c - i oe oe c collector current i (ma) 4 oe 0 output conductance g ( s) c 6 8 10 12 14 16 20 40 60 80 100 120 140 0 1 2 3 4 5 6 7 common emitter f=45mhz ta=25 c v =10v ce 12.5 15 g oe ce v =10v oe c 15 12.5 12.5 15 c oe v =10v ce oe g 15 12.5 ce v =10v ta=25 c f=58mhz emitter common 7 6 5 4 3 2 1 0 140 120 100 80 60 40 20 16 14 12 10 8 6 c output conductance g ( s) 0 oe 4 collector current i (ma) c oe oe g , c - i output capacitance c (pf) oe oe output capacitance c (pf) 5 4 input conductance g (ms) ie c ie ie g , c - i collector current i (ma) c 7 9 11 13 15 6 8 10 12 common emitter f=45mhz ta=25 c v =10v 12.5 15 c ce ie ie g 15 12.5 ce v =10v v =15v ce 12.5 10 c ie ie ce g 15 12.5 v =10v ta=25 c f=58mhz common emitter 12 10 8 6 15 13 11 9 7 c collector current i (ma) g , c - i ie ie c ie input conductance g (ms) 4 5 24 20 16 12 8 ie input capacitance c (pf) input capacitance c (pf) ie 8 12 16 20 24
1994. 6. 24 4/4 ktc3197 revision no : 0 -0.38 -0.34 -0.30 -0.26 -0.22 -0.18 -0.14 16 14 12 10 8 6 c reverse transfer conductance g (ms) -0.10 re 4 collector current i (ma) c re re g , b - i re reverse transfer susceptance b (ms) common emitter f=45mhz ta=25 c v =10v ce 12.5 15 re b g re ce v =10v 15 12.5 12.5 15 v =10v ce re g b re 15 12.5 ce v =10v ta=25 c f=58mhz common emitter reverse transfer susceptance b (ms) re g , b - i re re c collector current i (ma) 4 re -0.24 reverse transfer conductance g (ms) c 6 8 10 12 14 16 -0.28 -0.32 -0.36 -0.40 -0.44 -0.48 -0.52 re g b re 15 12.5 ce v =10v ta=25 c f=45mhz common emitter g (ms) fe g , b - i fe fe c collector current i (ma) 4 60 forward transfer conductance c 6 8 10 12 14 16 80 100 120 140 160 12.5 15 v =10v ce -160 -140 -120 -100 -80 -60 forward transfer susceptance fe b (ms) b (ms) fe forward transfer susceptance -60 -80 -100 -120 -140 -160 160 140 120 100 80 16 14 12 10 8 6 c forward transfer conductance 60 4 collector current i (ma) c fe fe g , b - i fe g (ms) fe b g fe ta=25 c f=58mhz common emitter v =10v ce v =10v ce 12.5 15 12.5 15


▲Up To Search▲   

 
Price & Availability of KTC319712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X