Part Number Hot Search : 
4ACT2 SFF10 LC7234 40ST1 MUR210 C100L XXXGX 4LCX1
Product Description
Full Text Search
 

To Download KF10N60P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 8. 16 1/7 semiconductor technical data kf10n60p/f n channel mos field effect transistor revision no : 0 general description this planar stripe mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for active power factor correction and switching mode power supplies. features h v dss =600v, i d =10a h drain-source on resistance : r ds(on) (max)=0.73 ? @v gs =10v h qg(typ.)= 29.5nc maximum rating (tc=25 ? ) * : drain current limited by maximum junction temperature. characteristic symbol rating unit kf10n60p kf10n60f drain-source voltage v dss 600 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 10 10* a @t c =100 ? 6 6* pulsed (note1) i dp 25 25* single pulsed avalanche energy (note 2) e as 400 mj repetitive avalanche energy (note 1) e ar 16.5 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 178 46 w derate above 25 ? 1.43 0.37 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 0.7 2.7 ? /w thermal resistance, junction-to-ambient r thja 62.5 62.5 ? /w g d s pin connection pppp d pppp d pppp d pppp d pppp d pppp d ppppp d d pppp d pppp d pppp d pppp p d d p p p p p p pyu p p pppp d pppp d pppp d pppp d ppppp d pppp d pppp d pppp d pppp d pppp d pppp d pppp d pppp d pppp d kf10n60p (kf10n60p, kf10n60f) kf10n60f
2010. 8. 16 2/7 kf10n60p/f revision no : 0 electrical characteristics (tc=25 ? ) note 1) repetivity rating : pulse width limited by junction temperature. note 2) l =5.5mh, i s =10a, v dd =50v, r g =25 ? , starting t j =25 ? . note 3) i s ? 10a, di/dt ? 200a/ k , v dd ? bv dss , starting t j =25 ? . note 4) pulse test : pulse width ? 300 k , duty cycle ? 2%. note 5) essentially independent of operating temperature. 2 product name lot no 1 813 2 kf10n60 f 1 801 2 kf10n60 p 1 marking characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250  a, v gs =0v 600 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250  a, referenced to 25 ? - 0.6 - v/ ? drain cut-off current i dss v ds =600v, v gs =0v - - 10  a gate threshold voltage v th v ds =v gs , i d =250  a 2.5 - 4.5 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =5a - 0.59 0.73 ? dynamic total gate charge q g v ds =480v, i d =10a v gs =10v (note4,5) - 26 - nc gate-source charge q gs - 6 - gate-drain charge q gd - 10 - turn-on delay time t d(on) v dd =300v i d =10a r g =25 ? (note4,5) - 32 - ns turn-on rise time t r - 35 - turn-off delay time t d(off) - 88 - turn-off fall time t f - 30 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 1350 - pf output capacitance c oss - 140 - reverse transfer capacitance c rss - 13 - source-drain diode ratings continuous source current i s v gs 2010. 8. 16 3/7 kf10n60p/f revision no : 0 normalized breakdown voltage bv dss gate - source voltage v gs (v) fig1. i d - v ds drain - source voltage v ds (v) drain current i d (a) 10 0 10 -1 10 1 68 410 2 fig2. i d - v gs fig3. bv dss - t j fig4. r ds(on) - i d -100 -50 0.8 0.9 1.2 1.1 1.0 050 100 150 drain current i d (a) drain current i d (a) on - resistance r ds(on) ( ? ) fig5. i s - v sd 0.4 0.8 1.0 1.2 0.6 1.4 1.8 reverse drain current i s (a) 2.4 2.0 0.8 1.2 0.4 0 1.6 010 520 15 junction temperature tj ( ) c source - drain voltage v sd (v) 10 0 10 -1 10 1 10 2 fig6. r ds(on) - t j junction temperature t j ( ) 0 50 -100 -50 100 150 normalized on resistance 0.0 0.5 3.0 2.5 1.0 1.5 2.0 c v gs =10v i ds = 5a v gs = 0v i ds = 250 100 c 25 c 1100 0.1 10 0.1 1 10 100 v gs =10v v gs =7v v gs =10v v gs =6v v ds =30v v gs =5v 100 c 25 c
2010. 8. 16 4/7 kf10n60p/f revision no : 0 drain current i d (a) gate - charge q g (nc) drain - source voltage v ds (v) 0 12 10 6 2 4 8 35 40 15 5 25 20 30 10 0 fig8. q g - v gs fig9. safe operation area gate - source voltage v gs (v) 10 1 10 2 10 1 10 2 10 3 10 4 10 1 10 -1 10 0 10 0 10 2 10 2 10 3 drain current i d (a) drain - source voltage v ds (v) fig10. safe operation area 0 10 2 6 14 8 4 12 75 150 125 50 100 25 drain current i d (a) (kf10n60p) (kf10n60f) i d =10a c junction temperature t j ( ) fig11. i d - t j operation in this area is limited by r ds(on) v ds = 480v v ds = 300v v ds = 120v t c = 25 t j = 150 single pulse c c dc 10ms 1ms 100 s 10 s fig 7. c - v ds drain - source voltage v ds (v) capacitance (pf) 0 10203040 c rss c oss c iss 10 1 10 2 10 1 10 -1 10 0 10 0 10 2 10 2 10 3 operation in this area is limited by r ds(on) t c = 25 t j = 150 single pulse c c dc 10 s 100 s 10ms 1ms
2010. 8. 16 5/7 kf10n60p/f revision no : 0 time (sec) (kf10n60p) 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 0 fig12. transient thermal response curve transient thermal resistance time (sec) fig13. transient thermal response curve transient thermal resistance singl e pulse 0.2 0.1 (kf10n60f) 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 1 10 0 duty=0.5 s ingle pulse t 1 t 2 p dm - duty factor, d= t 1 /t 2 duty=0.5 0.05 0.01 0. 02 0. 05 0.02 0.2 0.01 0.1 t 1 t 2 p dm - duty factor, d= t 1 /t 2
2010. 8. 16 6/7 kf10n60p/f revision no : 0 fig14. gate charge i d i d v ds v gs v gs v ds v gs 1.0 ma fast recovery diode 10v 10 v 25 ? r l q g q gd q gs q t p fig16. resistive load switching fig15. single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 ? l time e as = li as 2 bv dss - v dd bv dss 1 2 v dd i as bv dss v ds v gs t r t d(off) t off t d(on) t on t f 10% 90% 50v 0.8 v dss 0.5 v dss
2010. 8. 16 7/7 kf10n60p/f revision no : 0 fig17. source - drain diode reverse recovery and dv /dt i f i s v ds v sd i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm 0.5 v dss


▲Up To Search▲   

 
Price & Availability of KF10N60P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X