|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ir 25606 spbf 1 www.irf.com ? 201 2 inter national rectifier april 13 , 2012 half - bridge driver ordering information features ? floating channel designed for bootstrap operation ? fully operational to +600v ? tolerant to negative transient voltage ? dv/dt immune ? gate drive supply range from 10 to 20v ? undervo ltage lockout for both channels ? 3.3v, 5v and 15v input logic compatible ? cross - conduction prevention logic ? matched propagation delay for both channels ? outputs in phase with inputs ? logic and power ground +/ - 5v offset ? internal 540ns dead - time ? lower di/dt gate driver for better noise immunity description the ir 25606 is a high voltage, high speed power mosfet and igbt driver with independent high and low side referenced output channels. proprietary hvic and latch immune cmos technologies enable ruggedized mono lithic construction. the logic input is compatible with standard cm os or lsttl output, down to 3.3v logic. the output drivers feature a high pulse current buffer stage designed for minimum driver cross - conduction. the floating channel can be used to drive an n - channel power mosfet or igbt in the high side configuratio n which operates up to 600 v . product summary v offset 600v max. i o +/ - 200 ma / 35 0 ma v out 10 C 20v ton/off (typ.) 220 & 20 0 ns package options 8 lead soic base part number package type standard pack orderable part number form quantity IR25606SPBF so8n tube 95 ir25606 spbf IR25606SPBF so8n tape and reel 2500 ir25606strpbf
ir 25606 spbf 2 www.irf.com ? 201 2 international rectifier april 13 , 2012 typical connection diagram ir 25606 spb f 3 www.irf.com ? 201 2 international rectifier april 13 , 2012 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are absolut e voltages referenced to com . the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. symbol definition min. max. units v b high side floating absolute voltage - 0.3 625 v v s high sid e floating supply offset voltage v b - 25 v b + 0.3 v ho high side floating output voltage v s - 0.3 v b + 0.3 v cc low side and logic fixed supply voltage - 0.3 25 v lo low side output voltage - 0.3 v cc + 0.3 v in logic input voltage ( hin & lin) - 0.3 v cc + 0.3 dvs/dt allowable offset supply voltage transient 50 v/ns p d package power dissipation @ t a +25c 0.625 w rth ja thermal resistance, junction to ambient 200 c/w t j junction temperature 150 c t s storage temperature - 55 150 t l lead temperature (soldering, 10 seconds) 300 recommended operating conditions for proper operation the d evice should be used within the recommended conditions. the v s offset rating is tested with all supplies biased at 15v differential. symbol definition min. max. units v b high side floating supply absolute voltage v s + 10 v s + 20 v v s high side floating supply offset voltage ? 600 v ho high side floating output voltage v s v b v cc low side and logic fixed supply voltage 10 20 v lo low side output voltage 0 v cc v in logic input voltage 0 v cc t a ambient temperature - 40 125 c ? logic operational for v s of - 5 to +600v. logic state held for v s of - 5v to - v bs . (please refer to design tip dt97 - 3 for more details). ir 25606 spb f 4 www.irf.com ? 201 2 international rectifier april 13 , 2012 dynamic electrical characteristics v bias (v cc , v bs ) = 15v, cl = 1000 pf and t a = 25c unless otherwise specified. symbol definition min. typ. max. units test conditions ton turn - on propagation delay 220 300 ns v s = 0v toff turn - off propagation delay 200 280 v s = 0v or 600v tr turn - on rise time 150 220 v s = 0v tf turn - off fall time 50 80 v s = 0v dt deadtime 400 540 680 mt delay matching, hs & ls turn - on/off 0 46 static electrical characteristics v bias (v cc , v bs ) = 15v and t a = 25c unless otherwise specified. the v in , v th and i in parameters are referenced to com. the v o and i o parameters are referenced to com and are applicable to the respective output leads: ho and lo. symbol definition min. typ. max. units test conditions v ih logic 1 input voltage 2.9 v v cc = 10v to 20v v il logic 0 input voltage 0.8 v cc = 10v to 20v v oh high level output voltage, v bias - v o 0.8 1.4 i o = 20 ma v ol low level output voltage, v o 0.3 0.6 i o = 20 ma i lk offset supply leakage current 50 a v b = v s = 600v i qbs quiescent v bs supply current 20 60 150 v in = 0v or 5v i qcc quiescent v cc supply current 0.4 1.0 1.6 ma v in = 0v or 5v i in+ logic 1 input bias current 5 20 a v in = 5v i in - logic 0 input bias current 1 2 v in = 0v v ccuv+ v bsuv+ v cc and v bs supply undervoltage positive going threshold 8 8.9 10 v v ccuv - v bsuv - v cc and v bs supply undervoltage negative going threshold 7.4 8.2 9 v ccuvh v bsuvh hysteresis 0.3 0.7 i o+ output high short circuit pu lsed current 97 200 ma v o = 0v pw 10 s i o - output low short circuit pulsed current 250 350 v o = 15v pw 10 s ir 25606 spbf 5 www.irf.com ? 201 2 international rectifier april 13 , 2012 functional block diagram ir 25606 spbf 6 www.irf.com ? 201 2 international rectifier april 13 , 2012 lead definitions symbol description h in logic input for high side gate driver outputs (ho ), in phase lin logic input for low side gate driver ou tputs (l o), in phase v b high side floating supply ho high side gate drive output v s high side floating supply return v cc low side and logic fixed supply lo low side gate drive output com low side return lead assignments 8 7 6 5 v c c v b h i n 1 2 3 4 v s h o l o l i n c o m ir 25606 spbf 7 www.irf.com ? 201 2 international rectifier april 13 , 2012 advance information figure 2. switching time waveform definitions figure 1. input/output timing diagram figure 3. deadtime waveform definitions ir 25606 spbf 8 www.irf.com ? 201 2 international rectifier april 13 , 2012 package details ir 25606 spbf 9 www.irf.com ? 201 2 international rectifier april 13 , 2012 tape and reel details carrier tape dimension for 8soicn code min max min max a 7.90 8.10 0.311 0.318 b 3.90 4.10 0.153 0.161 c 11.70 12.30 0.46 0.484 d 5.45 5.55 0.214 0.218 e 6.30 6.50 0.248 0.255 f 5.10 5.30 0.200 0.208 g 1.50 n/a 0.059 n/a h 1.50 1.60 0.059 0.062 reel dimensions for 8soicn code min max min max a 329.60 330.25 12.976 13.001 b 20.95 21.45 0.824 0.844 c 12.80 13.20 0.503 0.519 d 1.95 2.45 0.767 0.096 e 98.00 102.00 3.858 4.015 f n/a 18.40 n/a 0.724 g 14.50 17.10 0.570 0.673 h 12.40 14.40 0.488 0.566 metric imperial metric imperial e f a c d g a b h note : controlling dimension in mm loaded tape feed direction a h f e g d b c ir 25606 spbf 10 www.irf.com ? 201 2 international rectifier april 13 , 2012 part marking information i r x x x x x i r l o g o y w w ? p a r t n u m b e r d a t e c o d e p i n 1 i d e n t i f i e r l o t c o d e ( p r o d m o d e C 4 d i g i t s p n c o d e ) a s s e m b l y s i t e c o d e p e r s c o p 2 0 0 - 0 0 2 ? x x x x m a r k i n g c o d e l e a d f r e e r e l e a s e d n o n - l e a d f r e e r e l e a s e d ? p ir 25606 spbf 11 www.irf.com ? 201 2 international rectifier april 13 , 2012 qualification information qualification level in dustrial (per jedec jesd 47e) comments: this family of ics has passed jedecs industrial qualification. irs consumer qualification level is granted by extension of the higher industrial level. moisture sensitivity level msl 2 (per ipc/jedec j - std - 020c) rohs compliant yes qualification standards can be found at international rectifiers web site http://www.irf.com/ higher qualification ratings may be available should the user have such requirements. ple ase contact your international rectifier sales representative for further information. higher msl ratings may be av ailable for the specific package types listed here. please contact your international rectifier sales representative for further information. the information provided in this document is believed to be accurate and reliable. how ever, international rectifier assumes no responsibility for the consequences of the use of this information. international rectifier assumes no responsibility for any infringement of patents or of other rights of third parties which may result from the us e of this information. no license is granted by implication or otherwise under any patent or patent rights of international rectifier. the specifications mentioned in this document are subject to change with out notice. this document supersedes and repla ces all information previously supplied. for technical support, please contact irs technical assistance center world headquarters: 233 kansas st., el segundo, cal ifornia 90245 tel: (310) 252 - 7105 |
Price & Availability of IR25606SPBF |