Part Number Hot Search : 
RLM682M3 0901F B99032 LV033MU 21M50 C0912A ST2SC 00BZXI
Product Description
Full Text Search
 

To Download IR25600STRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ir 25600 spb f 1 www.irf.com ? 201 2 international rectifier april 2 , 2012 | pd# dual low side driver ordering information typical connection diagram features ? gate drive supply range from 6v to 20v ? cmos schmitt - triggered inputs ? matched propagation delay for both channels ? outputs in phase with inputs description the i r 25600 is a low voltage, high speed power mos fet and igbt driver. proprietary latch immune cmos technologies enable ruggedized monolithic construction. logic inputs are compatible with standard cmos or lsttl outputs. th e output drivers feature a high pulse current buffer stage designed for minimum driver cross - conduction. propagation delays between two channels are matched. product summary i o +/ - 1.5a / 1.5a v out 6v C 20v ton/off (typ.) 85 & 65 ns package options 8 lead soic base part number package type standard pack orderable part number form quantity ir25600spbf so8n tube 95 ir25600spbf ir25600spbf so8n tape and ree l 2500 IR25600STRPBF
ir 25600 spbf 2 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are absolute voltages referenced to gnd . the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. symbol definition min. max. units v s fixed supply voltage - 0.3 25 v v o o utput voltage - 0.3 v s + 0.3 v in logic input voltage - 0.3 v s + 0.3 p d package power dissipation @ t a +25c 0.625 w rth ja thermal resistance, junction to ambient 200 c/w t j junction temperature 150 c t s storage temperature - 55 150 t l lead temperature (soldering, 10 seconds) 300 recommended operating conditions for proper operation the d evice should be used within the recommended conditions. all voltage parameters are absolute voltages references to gnd. symbol definition min. max. units v s fixed supply voltage 6 20 v v o output voltage 0 v s v in logic input voltage (in & sd) 0 v s t a ambient temperature - 40 125 c
ir25600spbf 3 www.irf.com ? 201 2 international rectifier april 2 , 2012 | pd# dynamic electrical characteristics v bias (v s ) = 15v, cl = 1000 pf and t a = 25c unless otherwise specified. s ymbol definition min. typ. max. units test conditions t on turn - on propagation delay 85 160 ns figure 4 t off turn - off propagation delay 65 150 t r turn - on rise time 15 35 t f turn - off fall time 10 25 static electrical characteristics v bias (v s ) = 15v and t a = 25c unles s otherwise specified. the v in and i in parameters are referenced to gnd and are applicable to input leads ina and inb. the v o and i o parameters are referenced to gnd and are applicable to the respectiv e output leads: outa and outb . symbol definition min. typ. max. units test conditions v ih logic 1 input voltage (outa = hi and outb = hi) 2.7 v v il logic 0 input voltage (outa = lo and outb = lo) 0.8 v oh high level output vo ltage, v bias - v o 1. 2 i o = 0a v ol low level output voltage, v o 0.1 i o = 0a i qs quiescent v s supply current 100 200 a v in = 0v or v s i in+ logic 1 input bias current (out = hi) 5 15 v in = v s i in - logic 0 input bias current (out = lo) - 10 - 30 v in = 0v i o+ output high short circuit pulsed current 1.5 2.3 a v o = 0v , v in = v s pw 10 s i o - out put low short circuit pulsed current 1.5 3.3 v o = 15v , v in = 0v pw 10 s
ir 25600 spbf 4 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# functional block diagram
ir 25600 spbf 5 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# lead definitions symbol description ina logic input gate driver ou tput ( outa ), in phase inb logi c input gate driver ou tput ( outb ), in phase outa gate drive output a outb gate drive output b v s supply voltage gnd ground lead assignments 8 7 6 5 n c n c i n a 1 2 3 4 v s o u t a o u t b g n d i n b
ir 25600 spbf 6 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# advance information
ir 25600 spbf 7 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# pac kage details
ir 25600 spbf 8 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# tape and reel details (so8n) carrier tape dimension for 8soicn code min max min max a 7.90 8.10 0.311 0.318 b 3.90 4.10 0.153 0.161 c 11.70 12.30 0.46 0.484 d 5.45 5.55 0.214 0.218 e 6.30 6.50 0.248 0.255 f 5.10 5.30 0.200 0.208 g 1.50 n/a 0.059 n/a h 1.50 1.60 0.059 0.062 reel dimensions for 8soicn code min max min max a 329.60 330.25 12.976 13.001 b 20.95 21.45 0.824 0.844 c 12.80 13.20 0.503 0.519 d 1.95 2.45 0.767 0.096 e 98.00 102.00 3.858 4.015 f n/a 18.40 n/a 0.724 g 14.50 17.10 0.570 0.673 h 12.40 14.40 0.488 0.566 metric imperial metric imperial e f a c d g a b h note : controlling dimension in mm loaded tape feed direction a h f e g d b c
ir 25600 spbf 9 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# part marking information i r x x x x x i r l o g o y w w ? p a r t n u m b e r d a t e c o d e p i n 1 i d e n t i f i e r l o t c o d e ( p r o d m o d e C 4 d i g i t s p n c o d e ) a s s e m b l y s i t e c o d e p e r s c o p 2 0 0 - 0 0 2 ? x x x x m a r k i n g c o d e l e a d f r e e r e l e a s e d n o n - l e a d f r e e r e l e a s e d ? p
ir 25600 spbf 10 www.irf.com ? 201 2 international rectifier april 2, 2012 | pd# qualification information qualification level industrial (per jedec jesd 47e) comments : this family of ics has passed jedecs industrial qualification. irs consumer qualification level is granted by extension of the higher industrial level. moisture sensitivity level msl 2 (per ipc/jedec j - std - 020c) rohs compliant yes qualificatio n standards can be found at international rectifiers web site http://www.irf.com/ higher qualification ratings may be available should the user have such requirements. please contact your international rectifier s ales representative for further information. higher msl ratings may be available for the specific package types listed here. please contact your international rectifier sales representative for further information. the in formation provided in this document is believed to be accurate and reliable. however, international rectifier assumes no resp onsibility for the consequences of the use of this information. international rectifier assumes no responsibility for any infringe ment of patents or of other rights of third parties which may result from the use of this information. no license is granted by implication or oth erwise under any patent or patent rights of international rectifier. the specifications mentioned in this do cument are subject to change without notice. this document supersedes and replaces all information previously supplied. for technical support, please contact irs technical assistance center world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252 - 7105


▲Up To Search▲   

 
Price & Availability of IR25600STRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X