Part Number Hot Search : 
0100100 101EF 40007 40007 M57215BL 001140 MAX50 2SC57
Product Description
Full Text Search
 

To Download FDMS8622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2011 ?2011 fairchild semiconductor corporation FDMS8622 rev . c www.fairchildsemi.com 1 FDMS8622 n-channel powertrench ? mosfet FDMS8622 n-channel power trench ? mosfet 100 v, 16.5 a, 56 m features ? max r ds(on) = 56 m at v gs = 10 v, i d = 4.8 a ? max r ds(on) = 88 m at v gs = 6 v, i d = 3.9 a ? high performance trench tech nology for extremely low r ds(on) ? high power and current handling capability in a widely used surface mount package ? 100% uil tested ? termination is lead-free and rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced power trench ? process that has been optimized for r ds(on) , switching performance and ruggedness. applications ? poe protection switch ? dc-dc switch power 56 d d d d g s s s pin 1 bottom top g s s s d d d d 5 6 7 8 3 2 1 4 mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 100 v v gs gate to source voltage 20 v i d drain current -continuous (package limited) t c = 25 c 16.5 a -continuous (silicon limited) t c = 25 c 17 -continuous t a = 25 c (note 1a) 4.8 -pulsed 30 e as single pulse avalanche energy (note 3) 12 mj p d power dissipation t c = 25 c 31 w power dissipation t a = 25 c (note 1a) 2.5 t j , t stg operating and storage junction temperature range -55 to +150 c r jc thermal resistance, junction to case (note 1) 4 c/w r ja thermal resistance, junction to ambient (note 1a) 50 device marking device package reel size tape width quantity FDMS8622 FDMS8622 power56 13 ?? 12 mm 3000 units
www.fairchildsemi.com 2 FDMS8622 rev . c FDMS8622 n-channel powertrench ? mosfet 50 c/w when mounted on a 1 in 2 pad of 2 oz copper 125 c/w when mounted on a minimum pad of 2 oz copper. a) b) notes : 1. r ja is determined with the device mounted on a 1in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 3.starting t j = 25 c; n-ch: l = 0.1 mh, i as = 16 a, v dd = 90 v, v gs = 10 v. electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v 100 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 69 mv/c i dss zero gate voltage drain current v ds = 80 v, v gs = 0 v 1 a i gss gate to source leakage current v gs = 20 v, v ds = 0 v 100 na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a234v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c -8 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 4.8 a 45 56 m v gs = 6 v, i d = 3.9 a 62 88 v gs = 10 v, i d = 4.8 a, t j = 125 c 78 97 g fs forward transconductance v dd = 5 v, i d = 4.8 a 9 s c iss input capacitance v ds = 50 v, v gs = 0 v, f = 1 mhz 301 400 pf c oss output capacitance 70 95 pf c rss reverse transfer capacitance 3.6 5 pf r g gate resistance 1.0 t d(on) turn-on delay time v dd = 50 v, i d = 4.8 a, v gs = 10 v, r gen = 6 5.7 11 ns t r rise time 1.7 10 ns t d(off) turn-off delay time 10.2 18 ns t f fall time 2.1 10 ns q g(tot) total gate charge v gs = 0 v to 10 v v dd = 50 v, i d = 4.8 a 57nc q g(tot) total gate charge v gs = 0 v to 5 v 2.8 4 nc q gs total gate charge 1.4 2.8 nc q gd gate to drain ?miller? charge 1.3 2.6 nc v sd source to drain diode forward voltage v gs = 0 v, i s = 4.8 a (note 2) 0.8 1.3 v v gs = 0 v, i s = 1.9 a (note 2) 0.8 1.2 t rr reverse recovery time i f = 4.8 a, di/dt = 100 a/ s 38 60 ns q rr reverse recovery charge 30 48 nc
www.fairchildsemi.com 3 FDMS8622 rev c FDMS8622 n-channel powertrench ? mosfet typical characteristics t j = 25 c unless otherwise noted figure 1. 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 25 30 v gs = 8 v v gs = 7 v v ds , drain to source voltage (v) i d , drain current (a) v gs = 6 v v gs = 5 v v gs = 10 v pulse duration = 80 p s duty cycle = 0.5% max on region characteristics figure 2. 0 5 10 15 20 25 30 35 0 1 2 3 4 v gs = 10 v v gs = 5 v v gs = 6 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 7 v v gs = 8 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i d = 4.8 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 4681 0 0 50 100 150 200 250 pulse duration = 80 p s duty cycle = 0.5% max t j = 125 o c t j = 25 o c i d = 4.8 a r ds(on) , drain to source on-resistance ( m : ) v gs , gate to source voltage (v) o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 23456789 0 5 10 15 20 25 30 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 100 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
www.fairchildsemi.com 4 FDMS8622 rev c FDMS8622 n-channel powertrench ? mosfet figure 7. 0246 0 2 4 6 8 10 i d = 4.8 a v dd = 75 v v dd = 25 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 50 v gate charge characteristics figure 8. 0.1 1 10 100 1 10 100 500 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 1 2 4 6 8 10 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 1 2 3 4 5 v gs = 6 v r t ja = 50 o c/w v gs = 10 v i d , drain current (a) t a , ambient temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n current vs ambient temperature f i g u r e 1 1 . f o r w a r d b i a s s a f e op erating area 0.01 0.1 1 10 100 500 0.01 0.1 1 10 100 100 us 1 ms 1 s 10 ms dc 10 s 100 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 125 o c/w t a = 25 o c figure 12. 10 -3 10 -2 10 -1 110 100 1000 0.1 1 10 100 1000 single pulse r t ja = 125 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec) s i n g l e p u l s e m a x i m u m power dissipation typical characteristics t j = 25 c unless otherwise noted
www.fairchildsemi.com 5 FDMS8622 rev c FDMS8622 n-channel powertrench ? mosfet figure 13. 10 -3 10 -2 10 -1 11 0 100 1000 0.001 0.01 0.1 1 single pulse r t ja = 125 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (s) d = 0.5 0.2 0.1 0.05 0.02 0.01 2 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a junction-to-ambient transient thermal response curve typical characteristics t j = 25 c unless otherwise noted
www.fairchildsemi.com 6 FDMS8622 rev . c FDMS8622 n-channel powertrench ? mosfet dimensional outlin e and pad layout
FDMS8622 n-channel powertrench ? mosfet FDMS8622 rev . c www.fairchildsemi.com 7 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform wh en properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? auto-spm? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optihit? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? the right technology for your success? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? tm ? tm tm datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts ex perience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing dela ys. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i55 ?


▲Up To Search▲   

 
Price & Availability of FDMS8622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X