Part Number Hot Search : 
DS2415 105M2 660CT BZG4733 SR800 660CT 2SK304 105M2
Product Description
Full Text Search
 

To Download FDMS267212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm april 2012 fdms2672 n-channel ultrafet trench mosfet ?2012 fairchild semiconductor corporation fdms26 72 rev.c 1 www.fairchildsemi.com 1 fdms2672 n-channel ultrafet trench mosfet  200v, 20a, 77m  features  max r ds(on) = 77m  at v gs = 10v, i d = 3.7a  max r ds(on) = 88m  at v gs = 6v, i d = 3.5a  low miller charge  rohs compliant general description uitrafet devices combine characteristics that enable benchmark efficiency in power conversion applications. optimized for r ds(on) , low esr, low total and miller gate charge, these devices are ideal for high frequency dc to dc converters. application  dc - dc conversion mosfet maximum ratings t a = 25c unless otherwise noted thermal characteristics package marking an d ordering information symbol parameter ratings units v ds drain to source voltage 200 v v gs gate to source voltage 20 v i d drain current -continuous (silicon limited) t c = 25c 20 a -continuous t a = 25c (note 1a) 3.7 -pulsed 20 p d power dissipation t c = 25c 78 w power dissipation t a = 25c (note 1a) 2.5 t j , t stg operating and storage junction temperature range -55 to +150 c r  jc thermal resistance, junction to case 1.6 c/w r  ja thermal resistance, junction to ambient (note 1a) 50 device marking device package reel size tape width quantity fdms2672 fdms2672 power 56 13 12mm 3000 units g s s s pin 1 power 56 (bottom view) d d d d 4 3 2 1 5 6 7 8 g s s s d d d d e as single pulse avalanche energy (note 3) 33.8 mj
fdms2672 n-channel ultrafet trench mosfet fdms2672 rev.c1 www.fairchildsemi.com 2 electrical characteristics t j = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain to source breakdown voltage i d = 250  a, v gs = 0v 200 v  bv dss  t j breakdown voltage temperature coefficient i d = 250  a, referenced to 25c 210 mv/c i dss zero gate voltage drain current v ds = 160v 1  a i gss gate to source leakage current v gs = 20v, v ds = 0v 100 na on characteristics v gs(th) gate to source threshold voltage v gs = v ds , i d = 250  a 2 3.1 4 v  v gs(th)  t j gate to source threshold voltage temperature coefficient i d = 250  a, referenced to 25c -10 mv/c r ds(on) drain to source on resistance v gs = 10v, i d = 3.7a 64 77 m  v gs = 6v, i d = 3.5a 69 88 v gs = 10v, i d = 3.7a t j = 125c 129 156 g fs forward transconductance v ds = 10v, i d = 3.7a 14 s dynamic characteristics c iss input capacitance v ds = 100v, v gs = 0v, f = 1mhz 1740 2315 pf c oss output capacitance 95 125 pf c rss reverse transfer capacitance 30 45 pf r g gate resistance 1  switching characteristics t d(on) turn-on delay time v dd = 100v, i d = 3.7a v gs = 10v, r gen = 6  22 34 ns t r rise time 11 22 ns t d(off) turn-off delay time 36 57 ns t f fall time 10 20 ns q g(tot) total gate charge at 10v v gs = 0v to 10v v dd = 100v i d = 3.7a 30 42 nc q gs gate to source gate charge 7 nc q gd gate to drain miller charge 8 nc drain-source diode characteristics v sd source to drain diode forward voltage v gs = 0v, i s = 3.7a (note 2) 0.8 1.2 v t rr reverse recovery time i f = 3.7a, di/dt = 100a/  s 70 105 ns q rr reverse recovery charge 238 357 nc notes: 1: r  ja is determined with the device mounted on a 1in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r  jc is guaranteed by design while r  ca is determined by the user's board design. 2: pulse test: pulse width < 300  s, duty cycle < 2.0%. a. 50c/w when mounted on a 1 in 2 pad of 2 oz copper b. 125c/w when mounted on a minimum pad of 2 oz copper 0.1 5 3: e as of 33.8mj is based on starting t j = 25 c, l = 3mh, i as = 4.75a, v dd = 25v, v gs = 10v.
fdms2672 n-channel ultrafet trench mosfet fdms2672 rev.c1 www.fairchildsemi.com 3 typical characteristics t j = 25c unless otherwise noted figure 1. 01234 0 10 20 30 40 v gs = 8v pulse duration = 80  s duty cycle = 0.5%max v gs = 6v v gs = 5v v gs = 10v i d , drain current (a) v ds , drain to source voltage (v) on region characteristics figure 2. 0 10203040 0.5 1.0 1.5 2.0 2.5 3.0 pulse duration = 80  s duty cycle = 0.5%max normalized drain to source on-resistance i d , drain current(a) v gs = 8v v gs = 6v v gs = 5v v gs = 10v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 i d = 3.7a v gs = 10v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 45678910 50 75 100 125 150 175 200 t a = 25 o c t a = 150 o c i d = 4.5a pulse duration = 80  s duty cycle = 0.5%max r ds(on) , drain to source on-resistance ( m  ) v gs , gate to source voltage (v) o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 234567 0 5 10 15 20 25 pulse duration = 80  s duty cycle = 0.5%max t j = -55 o c t j = 25 o c t j = 150 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1e-3 0.01 0.1 1 10 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0v i s , reverse drain current (a) v sd , body diode forward voltage (v) 40 s o u r c e t o d r a i n d i o d e forward voltage vs source current
fdms2672 n-channel ultrafet trench mosfet fdms2672 rev.c1 www.fairchildsemi.com 4 figure 7. 0 10203040 0 2 4 6 8 10 v dd = 150v v dd = 50v v gs , gate to source voltage(v) q g , gate charge(nc) v dd = 100v gate charge characteristics figure 8. 0.1 1 10 100 10 100 1000 f = 1mhz v gs = 0v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss 4000 c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 1 2 3 4 5 t j = 25 o c t j = 125 o c t av , time in avalanche(ms) i as , avalanche current(a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 5 10 15 20 25 r  jc = 1.6 o c/w v gs = 6v v gs = 10v i d , drain current (a) t c , case temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n current vs case temperature f i g u r e 1 1 . f o r w a r d b i a s s a f e operating area 0.1 1 10 100 1e-3 0.01 0.1 1 10 100us 1ms 10ms 100ms 1s dc i d , drain current (a) v ds , drain to source voltage (v) 60 operation in this area may be limited by r ds(on) single pulse t j = max rated t a = 25 o c 700 figure 12. 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 1 10 100 1000 0.3 v gs = 10v single pulse p ( pk ) , peak transient power (w) t, pulse width (s) 2000 t a = 25 o c i = i 25 for temperatures above 25 o c derate peak current as follows: 150 t a C 125 ---------------------- - s i n g l e p u l s e m a x i m u m power dissipation typical characteristics t j = 25c unless otherwise noted
fdms2672 n-channel ultrafet trench mosfet fdms2672 rev.c1 www.fairchildsemi.com 5 figure 13. transient thermal response curve 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 1e-3 0.01 0.1 1 5e-4 duty cycle-descending order normalized thermal impedance, z  ja t, rectangular pulse duration (s) d = 0.5 0.2 0.1 0.05 0.02 0.01 single pulse 2 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z  ja x r  ja + t a typical characteristics t j = 25c unless otherwise noted
fdms2672 n-channel ultrafet trench mosfet fdms2672 rev.c1 www.fairchildsemi.com 6
fdms2672 rev. c1 www.fairchildsemi.com 7 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? *  serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? tm datasheet identification product status definition advance information fo rmative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporations anti-counterfeiting policy. fairchilds anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchilds quality standards for handing and storage and provide access to fairchilds full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warrant y coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. rev. i61 t m ?


▲Up To Search▲   

 
Price & Availability of FDMS267212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X