Part Number Hot Search : 
PM7326 RT7262A EL4585 P921707 LT6107 AT1305A M48T36 NV2312A
Product Description
Full Text Search
 

To Download DLFR10611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features maximum ratings l operating & storage temperature: -65 o c to +150 o c l maximum thermal resistance; 30 o c/w junction to lead dlfr106 ----- 800v 560v 800v dlfr107 ----- 1000v 700v 1000v maximum dc blocking voltage mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) 1.0a t j =55 o c peak forward surge current i fsm 30a 8.3ms half sine maximum instantaneous forward voltage v f 1.3v i fm =1.0a t a =25 o c maximum dc reverse current at rated dc blocking voltage i r 5.0ua 100ua t j =25 o c t j =125 o c maximum reverse recovery times dlfr106 dlfr107 t rr 250ns 500ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v pulse test: pulse width 300 usec, duty cycl e 1%. dlfr106 thru dlfr107 1 amp glass passivated, fast recovery rectifier 800 to 1000 volts melf a b c cathode mark suggested solder pad layout .220? .035? .115? dimensions inches mm dim min max min max note a .190 .205 4.80 5.20 b --- .022 --- .55 nominal c .095 .105 2.40 2.67 ?         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: a 2011 /01/01 tm micro commercial components www . mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 fast switching speed surface mount applications notes: 1. high temperature solder exemption applied, see eu directive annex notes 7.
dlfr106 thru dlfr107 figure 2 forward derating curve 0 17550 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c mcc average forward rectified current - amperes/ersus ambient temperature - o c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 4
dlfr106 thru dlfr107 t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 50 w 10 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 6 reverse recovery time characteristic and test circuit diagram figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t a =25 c 40 60 100 140 t a =100 c 1 100 4 0 10 5 20 30 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc www.mccsemi .com revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 5kpcs/reel ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of DLFR10611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X