Part Number Hot Search : 
C1210 F1100 TDA9103 F1100 2N2904L KA75310M TFS211C M5200
Product Description
Full Text Search
 

To Download C005YK1R0ABSTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ultra-miniature 01005 size accu-p ? thin-film rf microwave capacitor accu-p ? technology the use of silicon oxide, a very low - loss dielectric material, in conjunction with highly conductive electrode metals, results in low esr and high q. these high - frequency characteristics change at a slower rate with increasing frequency than for ceramic microwave capacitors. accu-p ? meets the fast - growing demand for low - loss (high - q) capacitors for use in surface mount technology, especially for the wireless communications market at frequencies up to and above 5.8ghz. accu-p ? is currently unique in its ability to offer very low capacitance values (0.05 pf) and ultra tight capacitance tolerances (0.01 pf). c005 series x temperature coefficient xxx capacitance (pf) x tolerance b accu-p s lead free termination tr packaging code 5000 pc reel tr/10k = 10,000 pc reel tr/20k = 20,000 pc reel y voltage y = 16v how to order p/n example: c 0 0 5 y k 1 r 0 a b s t r quality and reliability finished parts are tested for standard electrical parameters and visual / mechanical characteristics. each production lot is 100% evaluated for: ? capacitance ? q factor ? dwv at 12.5xv rated each production lot is evaluated on a sample basis for: ? dimensions ? insulation resistance ? breakdown voltage ? esr ? solderability in addition, production is periodically evaluated for: ? mechanical stability ? endurance (life) ? temperature coefficient ? accelerated damp heat load (thb) ? temperature cycling features ? ultra miniature standard 01005 chip size. ? ultra tight capacitance tolerances (0.01pf). ? low esr and high q at vhf, uhf and microwave frequencies. ? tc 30, 60ppm/c. ? nickel/solder - coated terminations provide excellent solderability and leach resistance. ? high insulation resistance: ir 10 10 ohm. ? orientation provides high srf uniformity. ? repeatable c eff , esr and q vs. frequency parameters, both lot to lot and within lots, for increased production yields. applications ? rf modules ? mobile communications ? satellite tv ? global positioning systems ? filters ? vcos ? matching networks
2 ultra-miniature 01005 size accu-p ? thin-film rf microwave capacitor tolerances capacitance z = 0.01pf tc voltage [pf] part number p = 0.02pf j = 30ppm/oc (v) q = 0.03pf k = 60ppm/oc a = 0.05pf 0.05 c005yjr05_bstr z, p, q, a j 16 0.10 c005yj0r1_bstr z, p, q, a j 16 0.15 c005yjr15_bstr z, p, q, a j 16 0.20 c005yj0r2_bstr z, p, q, a j 16 0.25 c005yjr25_bstr z, p, q, a j 16 0.30 c005yj0r3_bstr z, p, q, a j 16 0.35 c005yjr35_bstr z, p, q, a j 16 0.40 c005yj0r4_bstr z, p, q, a j 16 0.45 c005yjr45_bstr z, p, q, a j 16 0.50 c005yj0r5_bstr z, p, q, a j 16 0.55 c005yjr55_bstr p, q, a j 16 0.60 c005yj0r6_bstr p, q, a j 16 0.65 c005yjr65_bstr p, q, a j 16 0.70 c005yj0r7_bstr p, q, a j 16 0.75 c005yjr75_bstr p, q, a k 16 0.80 c005yk0r8_bstr p, q, a k 16 0.85 c005ykr85_bstr p, q, a k 16 tolerances capacitance z = 0.01pf tc voltage [pf] part number p = 0.02pf j = 30ppm/oc (v) q = 0.03pf k = 60ppm/oc a = 0.05pf 0.90 c005yk0r9_bstr p, q, a k 16 0.95 c005ykr95_bstr p, q, a k 16 1.00 c005yk1r0_bstr p, q, a k 16 1.10 c005yk1r1_bstr p, q, a k 16 1.20 c005yk1r2_bstr p, q, a k 16 1.30 c005yk1r3_bstr p, q, a k 16 1.40 c005yk1r4_bstr p, q, a k 16 1.50 c005yk1r5_bstr p, q, a k 16 1.60 c005yk1r6_bstr p, q, a k 16 1.70 c005yk1r7_bstr p, q, a k 16 1.80 c005yk1r8_bstr p, q, a k 16 1.90 c005yk1r9_bstr p, q, a k 16 2.00 c005yk2r0_bstr p, q, a k 16 2.10 c005yk2r1_bstr p, q, a k 16 2.20 c005yk2r2_bstr p, q, a k 16 2.30 c005yk2r3_bstr p, q, a k 16 2.40 c005yk2r4_bstr p, q, a k 16 accu-p ? 01005 capacitance range intermediate capacitance values are available l 0.405 0.020 (0.016 0.001) w 0.215 0.020 (0.0085 0.001) t 0.145 0.020 (0.006 0.001) b top (b1): 0.0 +0.10/-0.0 (0.0 +0.004/-0.0) bottom (b2): 0.10 0.03 (0.004 0.001) dimensions - mm (inches) packaging specification - mm (inches) recommended pad layout - mm (inches) l t b1 w b2 2.00 (0.079) 4.00 (0.157) 2.00 (0.079) 2.00 (0.079) 0.17 (0.007) 0.20 (0.008) 0.22 (0.009) standard packaging: 5,000 / 10,000 / 20,000pcs in 4" / 7" reels materials: reel C polystyrene tape C paper: 8.00 (0.315) component pitch: 2.00 (0.079)


▲Up To Search▲   

 
Price & Availability of C005YK1R0ABSTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X