Part Number Hot Search : 
1N4791 LML2502 1N4791 60108 GA331E MC33349 FQI7N20L LTC17
Product Description
Full Text Search
 

To Download BYD17DA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BYD17DA - byd17m a general purpose controlled a valanche rectifiers prv : 200 - 1000 volts io : 1.5 am p eres features : * glass passivated junction chip * high maximum operating temperature * low leakage current * excellent stability * smallest surface mount rectifier outline * pb / rohs free mechanical data : * case : sma molded plastic * epoxy : ul94v-o rate flame retardant * lead : lead formed for surface mount * polarity : color band denotes cathode end * mounting position : any * weight : 0.067 gram maximum ratings and electrical characteristics (tj = 25 c unless otherwise specified.) byd byd byd byd byd 17da 17ga 17ja 17ka 17ma maximum repetitive peak reverse voltage v rrm 200 400 600 800 1000 v maximum crest working reverse voltage v rwm 200 400 600 800 1000 v maximum continuous reverse voltage v r 200 400 600 800 1000 v min. reverse avalanche breakdown voltage at i r = 0.1 ma v (br)r-min 225 450 650 900 1100 v maximum average forward current ttp = 105 c 1.5 (note 1) ta = 65 c; pcb mounting 0.6 maximum non-repetitive peak forward surge current (note 2) i fsm 20 a maximum forward voltage at i f = 1 a , tj = 25 c 1.05 v at i f = 1 a , tj = 175 c 0.93 maximum reverse current at v r = v rrmmax , tj = 25 c i r 1.0 a at v r = v rrmmax , tj = 165 c i r(h) 100 a typical reverse recovery time (note 3) trr 3 s thermal resistance from junction to tie-point r th j-tp 30 k / w thermal resistance from junction to ambient (note 4) r th j-a 150 k / w operating junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c notes : (1) averaged over any 20 ms period. (2) t = 10ms half sine wave; tj = tjmax prior to surge; v r = v rrmmax (3) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. (4) device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper 40 m. page 1 of 2 rev. 00 : february 13, 2008 unit symbol rating v f i f(av) a 2.0 0.2 2.1 0.2 sma (do-214ac) 1.2 0.2 5.0 0.15 4.5 0.15 2.6 0.15 dimensions in millimeters 1.1 0.3 0.2 0.07 iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
rating and characteristic curves ( BYD17DA - byd17ma ) fig.1 - maximum permissible average forward fig.2 - maximum permissible average forward current as a function of tie-point temperature current as a function of ambient temperature 0 25 50 75 100 125 150 175 0 40 80 120 160 200 fig.3 - forward current as function fig.4 - reverse current as function of forward voltage; maximum values of junction temperature; maximum values page 2 of 2 rev. 00 : february 13, 2008 2.0 1.0 0.5 3.0 6 1000 100 0.8 0 1.0 0 0.6 0.4 0.2 0 4 1 2 10 80 0 200 junction temperature, t j ( c) forward current, i f (a) reverse current, i r ( a) average forward current, i f(av) (a) forward voltage, v f (v) 0 12 t j = 25 c 1.5 2.5 tie-point temperature, ttp ( c) 1.2 t j = 175 c 40 120 160 average forward current, i f(av) (a) ambient temperature, ta ( c) a = 1.57; v r = v rrmmax ; = 0.5. a = 1.57; v r = v rrmmax ; = 0.5. iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm


▲Up To Search▲   

 
Price & Availability of BYD17DA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X