Part Number Hot Search : 
FU9120 CX158 LTC694 C1812C LTC694 KRC282U 1N158 AF4409P
Product Description
Full Text Search
 

To Download BUL52B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors BUL52B description ? ? with to-220c package ? high voltage ? fast switching ? high energy rating applications ?designed for use in electronic ballast applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 800 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 10 v i c collector current (dc) 8 a i cm collector current-peak 12 a i b base current 4 a p tot total power dissipation t c =25 ?? 100 w t stg storage temperature -55~150 ??
inchange semiconductor product specification 2 silicon pnp power transistors BUL52B characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =10ma ;i b =0 400 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 800 v v (br)ebo emitter-base breakdwon voltage i e =1ma ;i c =0 10 v v cesat-1 collector-emitter saturation voltage i c =0.1a ;i b =20ma 0.1 v v cesat-2 collector-emitter saturation voltage i c =1a; i b =0.2a 0.2 v v cesat-3 collector-emitter saturation voltage i c =2a; i b =0.4a 0.3 v v cesat-4 collector-emitter saturation voltage i c =3a; i b =0.6a 0.5 v v besat-1 base-emitter saturation voltage i c =1a; i b =0.2a 1.0 v v besat-2 base-emitter saturation voltage i c =2a ;i b =0.4a 1.1 v v besat-3 base-emitter saturation voltage i c =3a ;i b =0.6a 1.2 v i cbo collector cut-off current v cb =800v; i e =0 t c =125 ?? 10 100 | a i ceo collector cut-off current v ce =400v; i b =0 100 | a i ebo emitter cut-off current v eb =9v; i c =0 t c =125 ?? 10 100 | a h fe-1 dc current gain i c =0.1a ; v ce =5v 20 h fe-2 dc current gain i c =1a ; v ce =5v 15 45 h fe-3 dc current gain i c =3a ; v ce =1v t c =125 ?? 10 5 f t transition frequency i c =0.2a ; v ce =4v 20 mhz c ob output capacitance v cb =20v ;f=1mhz 40 pf
inchange semiconductor product specification 3 silicon power transistors BUL52B package outline fig.2 outline dimensions (unindicated tolerance: 0.1mm)


▲Up To Search▲   

 
Price & Availability of BUL52B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X