Part Number Hot Search : 
17FBD1 RN1102F CP16C60 SC9696P 2FB102 PC3S1 BU4826 A1009
Product Description
Full Text Search
 

To Download BC857BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc857at, bt, ct features x epitaxial die construction xfor switching and af amplifier applications pnp small signal surface mount transistor maximum ratings @ 25 o c unless otherwise specified symbol rating rating unit v ceo collector-emitter voltage -45 v v cbo collector-base voltage -50 v v ebo emitter-base voltage -6.0v i c collector current-continuous -100 ma p d power dissipation 150mw t j operating junction temperature -55 to +150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 o c unless otherwise specified symbol parameterminty p max units v (br)ceo collector-emitter breakdown voltage (i c =-10ma, i b =0) -45------v v (br)cbo collector-base breakdown voltage (i c =-10ua, i b =0) -50------v v (br)ebo collector-emitter breakdown voltage (i e =-1ua, i c =0) -6 ------v i cbo collector cutoff current ( v cb = -30v) ----- --1 5 na h fe dc current gain current gain a ( v ce =-5.0v,i c =-2.0ma ) b c 125 220 420 --- --- --- 250 475 800 --- v ce( sat ) collector-emitter saturation voltage ( i c = -10ma, i b = -0.5ma ) ( i c = -100ma, i b = -5.0 ma) --- --- --- --- -300 -650 mv v be(sat) base-emitter saturation voltage ( i c = -10ma, i b = -0.5ma) (i c = -100ma,i b = -5.0ma) --- --- -700 -900 --- --- mv v be(on) base-emitter voltage (v ce = -5.0v, i c = -2.0ma) ( v ce = -5.0v, i c = -10ma) -600 --- --- --- -750 -820 mv noise figure nf (i c = -0.2ma, v ce = -5.0v, r s = 2.0k  , f = 1.0khz,bw = 200hz) ------10 db f t transition frequency (v ce = -5.0v, i c = -10ma,f=100mhz) 100------mhz c ob output capacitance ( v cb = -10v, f = 1.0mhz ) --- --- 4.5 pf classification of h fe rank at bt ct marking3e 3f 3g mcc revision: a 2011/01/01 inches mm dim min max min max note a .059 .067 1.50 1.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j k e b c sot-523 www. mccsemi .com 1 of 3 tm micro commercial components  
 omponents 20736 marilla street chatsworth       
     epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information)
bc857at,bt,ct typical characteristics mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 2 of 3
mcc tm micro commercial components eision 2 11 1 1 mccsemi com 3 of 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BC857BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X