Part Number Hot Search : 
PE7123 90120 AD8000 41471 3843A BFG94 TA8210 STD03205
Product Description
Full Text Search
 

To Download AS3210015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number: as32 10015 el ectrical specifications: me chanical specifications: resistance @ 25c 10.0 ? 25 % max steady state current up to 65c 15.0 a max recommended energy rating (joules) 250.00 j actual failure point of instantaneous energy (joules) 500.00 j resistance @ 100% of max current 0.025 ? resistance @ 50% of max current 0.055 ? body temperature @ 100% current rating 185 c dissipation constant 85.20 mw/c cool down time: 50% of initial r 33 sec cool down time: 100% of initial r 64 sec material type i rohs compliant yes msl (moisture sensitivity level) # 2 revision date: 10-15-09 ametherm, inc. 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com d 30.0 mm max t 8.50 mm max s 17.1 mm nom straight leads coating run down 5.0 mm max l 21.0 mm nom a (lead width) 2.2 mm nom b 3.7 mm nom c (lead thickness) 0.8 mm nom b l d s a t c


▲Up To Search▲   

 
Price & Availability of AS3210015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X