this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 5023820970 status: active description: 1.25mm (.049") pitch clik-mate? wire-to-board pcb receptacle, single row, vertical, 9 circuits documents: 3d model product specification ps-502382-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) application specification (pdf) general product family pcb receptacles series 502382 application wire-to-board product name clik-mate? physical circuits (loaded) 9 circuits (maximum) 9 color - resin natural durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes mated height (in) 0.307 in mated height (mm) 7.80 mm material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm pitch - term. interface (in) 0.049 in pitch - term. interface (mm) 1.25 mm plating min: mating (in) 40.000 plating min: mating (m) 1.00 plating min: termination (in) 40.000 plating min: termination (m) 1.00 polarized to mating part yes polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502382 series mates with 502380 crimp housing
packaging specification spk-502382-001 product specification ps-502382-001, rps-502382-002, rps-502382-003, rps-502382-005, rps-502382-006, rps-502382-007, rps-502382-008, rps-502382-011, rps-502382-012, rps-502382-013 sales drawing sd-502382-002, sd-502382-003 this document was generated on 05/24/2010 please check www.molex.com for latest part information
|