Part Number Hot Search : 
2N1884 MOR2812D 12003 MNTXG 2SC3603 TGD30A 63000 MSB51D
Product Description
Full Text Search
 

To Download 5023520400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/07/2010 please check www.molex.com for latest part information part number: 5023520400 status: active description: 2.00mm (.079") pitch duraclik? wire-to-board header, single row, right angle, 4 circuits documents: 3d model product specification ps-502351-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 502352 application wire-to-board product name duraclik? physical breakaway no circuits (loaded) 4 color - resin natural durability (mating cycles max) 30 first mate / last break no glow-wire compliant no keying to mating part yes lock to mating part yes mated height (in) 0.252 in mated height (mm) 6.40 mm material - metal copper alloy material - plating mating tin material - plating termination tin number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 125v material info reference - drawing numbers product specification ps-502351-001, rps-502351-001 sales drawing sd-502352-001, sd-502352-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502352 series mates with 502351 crimp housing. 50212 , 50372 crimp terminal this document was generated on 04/07/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 5023520400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X