pomona ? all dimensions are in inches. tolerances (except noted): . xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9/99 pomona access 90152 (800) 444 - 6785 or (425) 446 - 6010 sy/eh/ls more drawings available at www.pomonaelectronics.com s: \ engineering \ release \ datasheets \ flukedatasheet \ d2420_1_01.doc pag e 1 of 1 model 2420 size b aluminum box with cover bnc female to type n male sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical assistance: 800 - 241 - 2060 materials: connector: bnc (m) & bnc (f) body: tarnish resistant plating, center contact: male ? gold plated brass, female - gold plated beryllium copper, solder turret terminal screws: steel shielded housing: die cast aluminum alloy a380 or a384. finish : blue paint per federal standard 595 #25109 over phosphoric etch cover: .040 thick aluminum 1100 - h14 finish: clear anodized marking: ?pomona 2420? screws: 4 each #2 - 32 x ?? pan head self - tapping. steel. ratings: operating voltage: inner conductor/shield : 500 vrms max. operating temperature: - 55oc to +150oc nominal impedance: 50 ohms ordering information: model 2420
|