Part Number Hot Search : 
MHW8247A AS2023 AS2023 F9520 5835NL 0015453 F2012 KSMB840
Product Description
Full Text Search
 

To Download 20PT1021IX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bothhand usa. e - mail: sales@bothhandusa.com http://www.bothhandusa.com 10/100 base dual port transformer for mdix application p/n: 20PT1021IX data sheet page : 1 / 1 462 boston st - topsfield, ma 01983 - phone: 978 - 887 - 8050 - fax: 978 - 887 - 5434 a4(02/08) feature l ieee 802.3 ethernet compatible, 100 base - tx. l 20 pin dip package compatible with popular ic chips. l design for multi - port repeater and ethernet switching h ub app lication. l customer designs available for specific application. l operating temperature range : 0 c to + 70 c . l storage temperature range: - 25 c to +125 c . electrical specifications @ 25c turns ratio (5%) part number tx rx ocl( h min) (5%) @100khz/0.1vrms 8ma dc/bias l.l ( h max) cw/w (pf max) rise time (ns typ) pri dcr ( tx /rx ) ( max) hi - pot (vrms) 20PT1021IX 1ct:1ct 1ct:1ct 350 0.5 50 2.5 0.9 1500 continue insertion loss (db max) return los s (db min) cross talk (db min) dcmr (db min) part number 0.3 ? 100mhz 0.3 - 30mhz 30 - 60mhz 60 - 80mhz 0.3 - 60mhz 60 - 100mhz 0.3 - 30mhz 30 - 60mhz 60 - 100mhz 20PT1021IX - 1.15 - 18 - 14 - 12 - 40 - 35 - 38 - 33 - 30 schematic mechanical


▲Up To Search▲   

 
Price & Availability of 20PT1021IX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X