Part Number Hot Search : 
C624J 721106 90814 AS7C2 EXB30 IR3839 S03NF DSK210
Product Description
Full Text Search
 

To Download 1N3957GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  200v-1000v 1.0a 1n3611gp thru 1n3614gp,1N3957GP maximum average forward rectified current maximum dc blocking voltage v maximum rms voltage v maximum repetitive peak reverse voltage v web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com mechanical data maximum ratings and electrical characteristics ? superectifier structure for high reliability application ? cavity-free glass- passivated junction ? low forward voltage drop ? low leakage current, i r less than 0.1 a ? high forward surge capability ? meets environmental standard mil-s-19500 ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec case: do-204al, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end ratings at 25c ambient temperature unless otherwise specified. 1n 1n 1n 1n 1n symbols 3611gp 3612gp 3613gp 3614gp 3957gp units rrm 200 400 600 800 1000 volts rms 140 280 420 560 700 volts dc 200 400 600 800 1000 amps 0.375" (9.5mm) lead length at t a =75c i (av) 1.0 amps 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30.0 amps maximum instantaneous forward voltage at 1.0a v f 1.0 volts a =25c 1.0 at rated dc blocking voltage t a =150c i r 300.0 m a typical reverse recovery time (note 1) t rr 2.0 m s typical junction capacitance (note 2) c j 8.0 pf typical thermal resistance (note 3) r q ja 55.0 c/w r q jl 25.0 operating junction and storage temperature range t j , t stg -65 to +175 c notes: (1) reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (3) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, p.c.b. mounted * jedec registered values glass passivated junction rectifier
200v-1000v 1.0a ratings and characteristic curves 1n3611gp thru 1n3614gp ,1N3957GP glass passivated junction rectifier e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 fig. 1 - max. forward current de rating fig. 2 - maximum non-repeti tive peak forward surge current 0 0.2 0.4 0.6 0.8 1.0 0 25 50 75 100 125 150 175 average forwar d rectied current (a) ambient temperature (c) 60 hz re s i s tive or inductive load 0.375 " (9.5 mm) lead length 5 10 15 20 25 30 10 1 100 number of cycle s at 60 hz peak forwar d s urge current (a) t j = t j max. 8.3 m s s ingle half s ine-wave 1n3611gp thru 1n3614gp,1N3957GP fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 in s tantaneou s forward voltage (v) t j = 25 c pul s e width = 300 s 1 % duty cycle in s tantaneou s forward current (a) 0.01 0.1 1 10 80 60 100 20 040 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e current (a) t j = 25 c t j = 100 c 1 10 100 0.1 10 1 100 rever s e voltage (v) junction capacitanc e (pf) t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p 0.1 10 100 1 0.01 0.1 10 1 100 t - pul s e duration ( s ) tran s ient thermal impedance (c/w)


▲Up To Search▲   

 
Price & Availability of 1N3957GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X