Part Number Hot Search : 
63000 TD6124P P8100 60N12 D240SC4M LTC4400 TC124 M54HCT86
Product Description
Full Text Search
 

To Download 0215010MXESPP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 215sp series 520 mm > time-lag (slo-blo ? ) > 215sp series please refer to www.littelfuse.com/series/215sp.html for current information. 215sp series 215sp series, 5x20 mm, time-lag fuse (slo-blo ? ) agency approvals agency agency file number ampere range ps e certi?cate no. leaded nbk080205- e10480b nbk250702- e10480f 1a C 5a 6.3a C 10a certi?cate no. cqc10012041490 1a C 6.3a certi?cate no. su05001-2011b su05001-10001 su05001-10002 1a C 2.5a 3.15a C 6.3a 8a recognised file no. guide no. e10480 jdyx2 1a C 10a file no. acc. class no. 029862 lr1422-30 1a C 10a licence. no. 40013521 1 C 8a 1a C 10a features electrical characteristics for series % of ampere rating ampere rating opening time 210% 1a - 3.1 5a 30 minutes, maximum 4a - 6.3a 30 minutes, maximum 8a - 10a 30 minutes, maximum 275% 1a - 3.15a .75 sec. min.; 80 secs. max. 4a - 6.3a .75 sec. min.; 80 secs. max. 8a - 10a .75 sec. min.; 80 secs. max. 400% 1a - 3.15a .095 sec. min.; 5 secs. max. 4a - 6.3a .150 sec. min.; 5 secs. max. 8a - 10a .150 sec. min.; 5 secs. max. 1000% 1a - 3.15a .010 sec. min.; .150 secs. max. 4a - 6.3a .010 sec. min.; .150 secs. max. 8a - 10a .010 sec. min.; .150 secs. max. applications i 2 t test at 10x rated current 5x20mm time-lag surge withstanding ceramic body cartridge fuse designed to iec speci?cation t %ftjhofeup international (iec) standards for use globally t .ffutuif*&$ 60127-2, sheet 5 speci?cation for time-lag fuses t 3p)4dpnqmjbouboe pb-free used as supplementary protection in appliance or utilization equipment to provide individual protection for components or internal circuits. ps e description electrical characteristic speci?cations by item amp code amp rating voltage rating interrupting rating nominal resistance cold ohms (ohms) nominal melting i 2 t (a 2 sec) maximum voltage drop at rated current (mv) maximum power dissipation at 1.5in rated current (w) agency approvals ps e 001 1 250 1500 a @ 250 vac 0.1515 1.52000 350 2.5 x x x x x x x 1.25 1.25 250 0.1074 3.20000 300 2.5 x x x x x x x 01.6 1.6 250 0.0707 6.83000 200 2.5 x x x x x x x 002 2 250 0.0566 11.68000 190 2.5 x x x x x x x 02.5 2.5 250 0.0386 22.29000 180 2.5 x x x x x x x 3.15 3.15 250 0.0283 43.25500 140 4 x x x x x x x 004 4 250 0.0185 46.96000 100 4 x x x x x x x 005 5 250 0.0153 66.09500 100 4 x x x x x x x 06.3 6.3 250 0.0108 128.75000 100 4 x x x x x x x 008 8 250 0.0092 209.88000 100 4 x x x x x x 010 10 250 0.0066 333.56500 100 4 x x x x revised: june 3, 2012
introduction to circuit protection introduction to circuit protection transientology ? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 215sp series 520 mm > time-lag (slo-blo ? ) > 215sp series please refer to www.littelfuse.com/series/215sp.html for current information. average time current curves soldering parameters - wave soldering dwell time 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 0 10 20 30 40 5 0 60 70 80 90 100 110 120 130 140 1 5 0 160 170 180 190 200 210 220 230 240 time (seconds) temperature (c) - measured on bottom side of board cooling time preheat time wave parameter lead-free recommendation preheat: (depends on flux activation temperature) (typical industry recommendation) temperature minimum: 100 c temperature maximum: 150 c preheat time: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: solder iron temperature: 350 c +/- 5c )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection re?ow process. recommended process parameters: 215001. 2151.25 21501.6 215002. 21502.5 2153.15 215004. 215005. 21506.3. 215010. 215008. 0.001 0.01 0.1 1 10 100 1000 10000 0.01 0.1 1 10 100 time seconds amps temperature rerating curve for the pigtailed fuse, please follow the recommendations below for axial lead forming and mounting into pcb: lead forming: the distance c between cap ?at surface and axial lead shall be greater than 1.0 mm. pcb mounting: according to the standard of ipc-a-610, the distance between pcb and fuse cap is recommended to be a minimum of 1.5 mm. a b c c a b different values of a and b available, please contact the littelfuse sales representative in your region:
? 2012 littelfuse, inc. speci?cations are subject to change without notice. axial lead & cartridge fuses 215sp series 520 mm > time-lag (slo-blo ? ) > 215sp series please refer to www.littelfuse.com/series/215sp.html for current information. 215sp series * 8a and 10a have 0.8mm diameter all unit in mm. dimensions 5.1 0.6 20 0.5 5.1 0.6 packaging packaging option packaging speci?cation quantity packaging code reel size 215sp series bu lk n/a 1000 mxe n/a part numbering system 0215 xxxx m x e sp p series current rating code refer to amp code column of electrical characteristics table lead-free single-cap pigtail quantity code m = 1000 option codes blank : cartidge type fuse e : axial leaded fuse packaging code x = filler materials body: ceramic cap: nickelCplated brass leads: tinCplated copper terminal strength mil-std-202g, method 211a, test condition a solderability reference iec 60127 second edition 2003-01 annex a product marking cap 1: brand logo, current and voltage ratings cap 2: agency approval marks product characteristics operating temperature C55oc to +125oc thermal shock mil-std-202g, method 107g, test condition b (5 cycles, C65oc to +125oc) vibration mil-std-202g, method 201a humidity mil-std-202g, method 103b, test $poejujpo" )jhi3) 
boe elevated temp (40oc) for 240 hours) salt spray mil-std-202g, method 101d, test condition b


▲Up To Search▲   

 
Price & Availability of 0215010MXESPP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X